Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C63413C-PXC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C63413C-PXC
Description  Low-Speed High I/O, 1.5-Mbps USB Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C63413C-PXC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C63413C-PXC Datasheet HTML 7Page - Cypress Semiconductor CY7C63413C-PXC Datasheet HTML 8Page - Cypress Semiconductor CY7C63413C-PXC Datasheet HTML 9Page - Cypress Semiconductor CY7C63413C-PXC Datasheet HTML 10Page - Cypress Semiconductor CY7C63413C-PXC Datasheet HTML 11Page - Cypress Semiconductor CY7C63413C-PXC Datasheet HTML 12Page - Cypress Semiconductor CY7C63413C-PXC Datasheet HTML 13Page - Cypress Semiconductor CY7C63413C-PXC Datasheet HTML 14Page - Cypress Semiconductor CY7C63413C-PXC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
CY7C63413C
CY7C63513C
CY7C63613C
Document #: 38-08027 Rev. *B
Page 11 of 32
initialization noted under “Reset,” bit 6 of the Processor Status
and Control Register is set to “1” to indicate to the firmware
that a Watch Dog Reset occurred.
The Watch Dog Timer is a 2-bit timer clocked by a 4.096-ms
clock (bit 11) from the free-running timer. Writing any value to
the write-only Watch Dog Clear I/O port (0x26) will clear the
Watch Dog Timer.
In some applications, the Watch Dog Timer may be cleared in
the 1.024-ms timer interrupt service routine. If the 1.024-ms
timer interrupt service routine does not get executed for 8.192
ms or more, a Watch Dog Timer Reset will occur. A Watch Dog
Timer Reset lasts for 2.048 ms after which the microcontroller
begins execution at ROM address 0x0000. The USB trans-
mitter is disabled by a Watch Dog Reset because the USB
Device Address Register is cleared. Otherwise, the USB
Controller would respond to all address 0 transactions. The
USB transmitter remains disabled until the MSB of the USB
address register is set.
General Purpose I/O Ports
Ports 0 to 2 provide 24 GPIO pins that can be read or written.
Each port (8 bits) can be configured as inputs with internal pull-
ups, open drain outputs, or traditional CMOS outputs. Please
note an open drain output is also a high-impedance (no pull-
up) input. All of the I/O pins within a given port have the same
configuration. Ports 0 to 2 are considered low current drive
with typical current sink capability of 7 mA.
The internal pull-up resistors are typically 7 k
Ω. Two factors
govern the enabling and disabling of the internal pull-up
resistors: the port configuration selected in the GPIO Configu-
ration register and the state of the output data bit. If the GPIO
Configuration selected is “Resistive” and the output data bit is
“1,” then the internal pull-up resistor is enabled for that GPIO
pin. Otherwise, Q1 is turned off and the 7-k
Ω pull-up is
disabled. Q2 is “ON” to sink current whenever the output data
bit is written as a “0.” Q3 provides “HIGH” source current when
the GPIO port is configured for CMOS outputs and the output
data bit is written as a “1”. Q2 and Q3 are sized to sink and
source, respectively, roughly the same amount of current to
support traditional CMOS outputs with symmetric drive.
.
Figure 4. Block Diagram of a GPIO Line
GPIO
Pin
VCC
7 k
ESD
GPIO
CFG
mode
2 bits
Data
Out
Latch
Internal
Data Bus
Port Read
Port Write
Interrupt
Enable
to Interrupt
Controller
Q1
Q2
Q3
Internal
Buffer
Table 2. Port 0 Data
Addr: 0x00
Port 0 Data
P0[7]
P0[6]
P0[5]
P0[4]
P0[3]
P0[2]
P0[1]
P0[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 3. Port 1 Data
Addr: 0x01
Port 1 Data
P1[7]
P1[6]
P1[5]
P1[4]
P1[3]
P1[2]
P1[1]
P1[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 4. Port 2 Data
Addr: 0x02
Port 2 Data
P2[7]
P2[6]
P2[5]
P2[4]
P2[3]
P2[2]
P2[1]
P2[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W


Similar Part No. - CY7C63413C-PXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63413 CYPRESS-CY7C63413 Datasheet
297Kb / 36P
   Low-speed USB Peripheral Controller
CY7C63413-PC CYPRESS-CY7C63413-PC Datasheet
297Kb / 36P
   Low-speed USB Peripheral Controller
CY7C63413-PVC CYPRESS-CY7C63413-PVC Datasheet
297Kb / 36P
   Low-speed USB Peripheral Controller
More results

Similar Description - CY7C63413C-PXC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8E520 ZILOG-Z8E520 Datasheet
607Kb / 43P
   1.5 MBPS USB Device Controller
logo
C-Media Electronics
CM109 CMEDIA-CM109 Datasheet
602Kb / 36P
   USB I/O Controller
CM108 CMEDIA-CM108 Datasheet
500Kb / 29P
   USB Audio I/O Controller
logo
C&K Components
CM6206-LX CK-COMPONENTS-CM6206-LX Datasheet
1Mb / 33P
   High Integrated USB Audio I/O Controller
logo
C-Media Electronics
CM6206LX CMEDIA-CM6206LX Datasheet
1Mb / 33P
   High Integrated USB Audio I/O Controller
MCM6206 CMEDIA-MCM6206 Datasheet
477Kb / 4P
   High Integrated USB Audio I/O Controller
CM106F++ CMEDIA-CM106F+ Datasheet
1Mb / 41P
   USB Audio I/O Controller
CM6206 CMEDIA-CM6206 Datasheet
1Mb / 35P
   High Integrated USB Audio I/O Controller
CM108AH CMEDIA-CM108AH Datasheet
540Kb / 27P
   Highly Integrated USB Audio I/O Controller
logo
Cypress Semiconductor
CY7C63411 CYPRESS-CY7C63411 Datasheet
297Kb / 36P
   Low-speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com