Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C43666-15AC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C43666-15AC
Description  1K/4K/16K x36/x18/x2 Tri Bus FIFO
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C43666-15AC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C43666-15AC Datasheet HTML 1Page - Cypress Semiconductor CY7C43666-15AC Datasheet HTML 2Page - Cypress Semiconductor CY7C43666-15AC Datasheet HTML 3Page - Cypress Semiconductor CY7C43666-15AC Datasheet HTML 4Page - Cypress Semiconductor CY7C43666-15AC Datasheet HTML 5Page - Cypress Semiconductor CY7C43666-15AC Datasheet HTML 6Page - Cypress Semiconductor CY7C43666-15AC Datasheet HTML 7Page - Cypress Semiconductor CY7C43666-15AC Datasheet HTML 8Page - Cypress Semiconductor CY7C43666-15AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
CY7C43646
CY7C43666
CY7C43686
Document #: 38-06023 Rev. *C
Page 3 of 39
Functional Description
The CY7C436X6 is a monolithic, high-speed, low-power,
CMOS Bidirectional Synchronous (clocked) FIFO memory,
which supports clock frequencies up to 133 MHz and has read
access times as fast as 6 ns. Two independent 1K/4K/16K x36
dual-port SRAM FIFOs on board each chip buffer data in
opposite directions.
The CY7C436X6 is a synchronous (clocked) FIFO, meaning
each port employs a synchronous interface. All data transfers
through a port are gated to the LOW-to-HIGH transition of a
port clock by enable signals. The clocks for each port are
independent of one another and can be asynchronous or
coincident. The enables for each port are arranged to provide
a simple bidirectional interface between microprocessors
and/or buses with synchronous control.
Communication between each port may bypass the FIFOs via
two mailbox registers. The mailbox registers’ width matches
the selected Port B or Port C bus width. Each mailbox register
has a flag (MBF1 and MBF2) to signal when new mail has
been stored.
Two kinds of reset are available on the CY7C436X6: Master
Reset and Partial Reset. Master Reset initializes the read and
write pointers to the first location of the memory array,
configures the FIFO for Big or Little Endian byte arrangement
and
selects
serial
flag
programming,
parallel
flag
programming, or one of the three possible default flag offset
settings, 8, 16, or 64. Each FIFO has its own independent
Master Reset pin, MRS1 and MRS2.
Partial Reset also sets the read and write pointers to the first
location of the memory. Unlike Master Reset, any settings
existing prior to Partial Reset (i.e., programming method and
partial flag default offsets) are retained. Partial Reset is useful
since it permits flushing of the FIFO memory without changing
any configuration settings. Each FIFO has its own,
independent Partial Reset pin, PRS1 and PRS2.
The CY7C436X6 have two modes of operation. In the CY
Standard Mode, the first word written to an empty FIFO is
deposited into the memory array. A read operation is required
to access that word (along with all other words residing in
memory). In the First-Word Fall-Through Mode (FWFT), the
first long-word (36-bit-wide) written to an empty FIFO appears
automatically on the outputs, no read operation required
(nevertheless, accessing subsequent words does necessitate
a formal read request). The state of the BE/FWFT pin during
FIFO operation determines the mode in use.
Each FIFO has a combined Empty/Output Ready flag
(EFA/ORA and EFB/ORB) and a combined Full/Input Ready
flag (FFA/IRA and FFC/IRC). The EF and FF functions are
selected in the CY Standard Mode. EF indicates whether the
memory is full or not. The IR and OR functions are selected in
the First-Word Fall-Through Mode. IR indicates whether or not
the FIFO has available memory locations. OR shows whether
the FIFO has data available for reading or not. It marks the
presence of valid data on the outputs.[1]
Each FIFO has a programmable Almost Empty flag (AEA and
AEB) and a programmable Almost Full flag (AFA and AFC).
AEA and AEB indicate when a selected number of words
written to FIFO memory achieve a predetermined “almost
empty state.” AFA and AFC indicate when a selected number
of words written to the memory achieve a predetermined
“almost full state.”[2]
IRA, IRC, AFA, and AFC are synchronized to the port clock
that writes data into its array. ORA, ORB, AEA, and AEB are
synchronized to the port clock that reads data from its array.
Programmable offset for AEA, AEB, AFA, and AFC are loaded
in parallel using Port A or in serial via the SD input. Three
default offset settings are also provided. The AEA and AEB
threshold can be set at 8, 16, or 64 locations from the empty
boundary and AFA and AFC threshold can be set at 8, 16, or
64 locations from the full boundary. All these choices are made
using the FS0 and FS1 inputs during Master Reset.
Two or more devices may be used in parallel to create wider
data paths. Such a width expansion requires no additional
external components.
The CY7C436X6 are characterized for operation from 0°C to
70°C commercial, and from –40°C to 85°C industrial. Input
ESD protection is greater than 2001V, and latch-up is prevented by
the use of guard rings.
Pin Definitions
Signal Name
Description
I/O
Function
A0–35
Port A Data
I/O 36-bit bidirectional data port for side A.
AEA
Port A Almost
Empty Flag
O
Programmable Almost Empty flag synchronized to CLKA. It is LOW when the
number of words in FIFO2 is less than or equal to the value in the Almost Empty A
offset register, X2.[2]
AEB
Port B Almost
Empty Flag
O
Programmable Almost Empty flag synchronized to CLKB. It is LOW when the
number of words in FIFO1 is less than or equal to the value in the Almost Empty B
offset register, X1.[2]
AFA
Port A Almost
Full Flag
O
Programmable Almost Full flag synchronized to CLKA. It is LOW when the number
of empty locations in FIFO1 is less than or equal to the value in the Almost Full A offset
register, Y1.[2]
AFC
Port C Almost
Full Flag
O
Programmable Almost Full flag synchronized to CLKC. It is LOW when the number
of empty locations in FIFO2 is less than or equal to the value in the Almost Full B offset
register, Y2.[2]
B0–17
Port B Data
O
18-bit output data port for port B.


Similar Part No. - CY7C43666-15AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C43666AV CYPRESS-CY7C43666AV Datasheet
644Kb / 40P
   3.3V 1K 4K 16K x 36 x 18 x 2 Tri Bus FIFO
CY7C43666AV-10AC CYPRESS-CY7C43666AV-10AC Datasheet
644Kb / 40P
   3.3V 1K 4K 16K x 36 x 18 x 2 Tri Bus FIFO
CY7C43666AV-15AC CYPRESS-CY7C43666AV-15AC Datasheet
644Kb / 40P
   3.3V 1K 4K 16K x 36 x 18 x 2 Tri Bus FIFO
CY7C43666AV-7AC CYPRESS-CY7C43666AV-7AC Datasheet
644Kb / 40P
   3.3V 1K 4K 16K x 36 x 18 x 2 Tri Bus FIFO
More results

Similar Description - CY7C43666-15AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C43642 CYPRESS-CY7C43642 Datasheet
474Kb / 30P
   1K/4K/16K x36 x2 Bidirectional Synchronous FIFO
CY7C43642AV CYPRESS-CY7C43642AV Datasheet
482Kb / 30P
   3.3V 1K/4K/16K x36 x2 Bidirectional Synchronous FIFO
CY7C43644AV CYPRESS-CY7C43644AV Datasheet
653Kb / 37P
   3.3V 1K/4K/16K x36 x2 Bidirectional Synchronous FIFO with Bus Matching
CY7C43643 CYPRESS-CY7C43643 Datasheet
487Kb / 29P
   1K/4K/16K x36 Unidirectional Synchronous FIFO with Bus Matching
CY7C43644 CYPRESS-CY7C43644 Datasheet
651Kb / 39P
   1K/4K x36 x2 Bidirectional Synchronous FIFO with Bus Matching
CY7C43663AV CYPRESS-CY7C43663AV Datasheet
481Kb / 28P
   3.3V 1K/4K/16K x36 Unidirectional Synchronous FIFO with Bus Matching
CY7C43646AV CYPRESS-CY7C43646AV Datasheet
644Kb / 40P
   3.3V 1K 4K 16K x 36 x 18 x 2 Tri Bus FIFO
logo
Micron Technology
MT44K32M18 MICRON-MT44K32M18 Datasheet
6Mb / 111P
   576Mb: x18, x36 RLDRAM 3
logo
AverLogic Technologies ...
AL4CX263 AVERLOGIC-AL4CX263 Datasheet
41Kb / 2P
   16K/32K/64K/128K x9, 8K/16K/32K/64K x18 Synchronous FIFO
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com