Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4231-25AC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C4231-25AC
Description  64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4231-25AC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C4231-25AC Datasheet HTML 4Page - Cypress Semiconductor CY7C4231-25AC Datasheet HTML 5Page - Cypress Semiconductor CY7C4231-25AC Datasheet HTML 6Page - Cypress Semiconductor CY7C4231-25AC Datasheet HTML 7Page - Cypress Semiconductor CY7C4231-25AC Datasheet HTML 8Page - Cypress Semiconductor CY7C4231-25AC Datasheet HTML 9Page - Cypress Semiconductor CY7C4231-25AC Datasheet HTML 10Page - Cypress Semiconductor CY7C4231-25AC Datasheet HTML 11Page - Cypress Semiconductor CY7C4231-25AC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
CY7C4421/4201/4211/4221
CY7C4231/4241/4251
Document #: 38-06016 Rev. *C
Page 8 of 19
AC Test Loads and Waveforms[11, 12]
3.0V
5V
OUTPUT
R1 1.1 K
R2
680
CL
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
≤ 3ns
≤ 3 ns
OUTPUT
1.91V
Equivalent to:
THÉVENIN EQUIVALENT
420
ALL INPUT PULSES
Switching Characteristics Over the Operating Range
Parameter
Description
-10
-15
-25
Unit
Min.
Max.
Min.
Max.
Min.
Max.
tS
Clock Cycle Frequency
100
66.7
40
MHz
tA
Data Access Time
2
8
2
10
2
15
ns
tCLK
Clock Cycle Time
10
15
25
ns
tCLKH
Clock HIGH Time
4.5
6
10
ns
tCLKL
Clock LOW Time
4.5
6
10
ns
tDS
Data Set-up Time
3
4
6
ns
tDH
Data Hold Time
0.5
1
1
ns
tENS
Enable Set-up Time
3
4
6
ns
tENH
Enable Hold Time
0.5
1
1
ns
tRS
Reset Pulse Width[13]
10
15
25
ns
tRSS
Reset Set-up Time
8
10
15
ns
tRSR
Reset Recovery Time
8
10
15
ns
tRSF
Reset to Flag and Output Time
10
15
25
ns
tOLZ
Output Enable to Output in Low-Z[14]
0
0
0
ns
tOE
Output Enable to Output Valid
3
7
3
8
3
12
ns
tOHZ
Output Enable to Output in High-Z[14]
3
7
3
8
3
12
ns
tWFF
Write Clock to Full Flag
8
10
15
ns
tREF
Read Clock to Empty Flag
8
10
15
ns
tPAF
Clock to Programmable Almost-Full Flag
8
10
15
ns
tPAE
Clock to Programmable Almost-Full Flag
8
10
15
ns
tSKEW1
Skew Time between Read Clock and Write Clock
for Empty Flag and Full Flag
5
6
10
ns
tSKEW2
Skew Time between Read Clock and Write Clock
for Almost-Empty Flag and Almost-Full Flag
10
15
18
ns
Notes:
11. CL = 30 pF for all AC parameters except for tOHZ.
12. CL = 5 pF for tOHZ.
13. Pulse widths less than minimum values are not allowed.
14. Values guaranteed by design, not currently tested.


Similar Part No. - CY7C4231-25AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4231-25AC CYPRESS-CY7C4231-25AC Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
More results

Similar Description - CY7C4231-25AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4225V CYPRESS-CY7C4225V Datasheet
562Kb / 20P
   64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com