Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4211-10AI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C4211-10AI
Description  64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4211-10AI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C4211-10AI Datasheet HTML 6Page - Cypress Semiconductor CY7C4211-10AI Datasheet HTML 7Page - Cypress Semiconductor CY7C4211-10AI Datasheet HTML 8Page - Cypress Semiconductor CY7C4211-10AI Datasheet HTML 9Page - Cypress Semiconductor CY7C4211-10AI Datasheet HTML 10Page - Cypress Semiconductor CY7C4211-10AI Datasheet HTML 11Page - Cypress Semiconductor CY7C4211-10AI Datasheet HTML 12Page - Cypress Semiconductor CY7C4211-10AI Datasheet HTML 13Page - Cypress Semiconductor CY7C4211-10AI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
CY7C4421/4201/4211/4221
CY7C4231/4241/4251
Document #: 38-06016 Rev. *C
Page 10 of 19
Reset Timing[17]
First Data Word Latency after Reset with Simultaneous Read and Write
Notes:
17. The clocks (RCLK, WCLK) can be free-running during reset.
18. Holding WEN2/LD HIGH during reset will make the pin act as a second enable pin. Holding WEN2/LD LOW during reset will make the pin act as a load enable
for the programmable flag offset registers.
19. After reset, the outputs will be LOW if OE = 0 and three-state if OE = 1.
20. When tSKEW1 > minimum specification, tFRL (maximum) = tCLK + tSKEW1. When tSKEW1 < minimum specification, tFRL (maximum) = either 2*tCLK + tSKEW1 or
tCLK + tSKEW1. The Latency Timing applies only at the Empty Boundary (EF = LOW).
21. The first word is available the cycle after EF goes HIGH, always.
Switching Waveforms (continued)
tRS
tRSR
Q0- Q8
RS
tRSF
tRSF
tRSF
OE = 1
OE = 0
REN1,
REN2
EF,PAE
FF,PAF,
tRSS
tRSR
tRSS
tRSR
tRSS
WEN2/LD
WEN1
[18]
[19]
D0(FIRSTVALIDWrite)
tSKEW1
WEN1
WCLK
Q0 –Q8
EF
REN1,
REN2
OE
tOE
tENS
tOLZ
tDS
RCLK
tREF
tA
tFRL
D1
D2
D3
D4
D0
D1
D0–D8
tA
WEN2
(if applicable)
[20]
[21]


Similar Part No. - CY7C4211-10AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4211-10AI CYPRESS-CY7C4211-10AI Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
More results

Similar Description - CY7C4211-10AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4225V CYPRESS-CY7C4225V Datasheet
562Kb / 20P
   64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com