Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C09169AV Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C09169AV
Description  3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09169AV Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C09169AV Datasheet HTML 4Page - Cypress Semiconductor CY7C09169AV Datasheet HTML 5Page - Cypress Semiconductor CY7C09169AV Datasheet HTML 6Page - Cypress Semiconductor CY7C09169AV Datasheet HTML 7Page - Cypress Semiconductor CY7C09169AV Datasheet HTML 8Page - Cypress Semiconductor CY7C09169AV Datasheet HTML 9Page - Cypress Semiconductor CY7C09169AV Datasheet HTML 10Page - Cypress Semiconductor CY7C09169AV Datasheet HTML 11Page - Cypress Semiconductor CY7C09169AV Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CY7C09159AV
CY7C09169AV
Document #: 38-06053 Rev. *B
Page 8 of 16
Bank Select Pipelined Read[11, 12]
-
Left Port Write to Flow-Through Right Port Read[13, 14, 15, 16]
Notes:
11. In this depth expansion example, B1 represents Bank #1 and B2 is Bank #2; Each Bank consists of one Cypress dual-port device from this data sheet. ADDRESS(B1)
= ADDRESS(B2).
12. OE and ADS = VIL; CE1(B1), CE1(B2), R/W, CNTEN, and CNTRST = VIH.
13. The same waveforms apply for a right port write to flow-through left port read.
14. CE0 and ADS = VIL; CE1, CNTEN, and CNTRST = VIH.
15. OE = VIL for the right port, which is being read from. OE = VIH for the left port, which is being written to.
16. It tCCS ≤ maximum specified, then data from right port READ is not valid until the maximum specified for tCWDD. If tCCS>maximum specified, then data is not valid
until tCCS + tCD1. tCWDD does not apply in this case.
Switching Waveforms (continued)
D3
D1
D0
D2
A0
A1
A2
A3
A4
A5
D4
A0
A1
A2
A3
A4
A5
tSA
tHA
tSC
tHC
tSA
tHA
tSC
tHC
tSC
tHC
tSC tHC
tCKHZ
tDC
tDC
tCD2
tCKLZ
tCD2
tCD2
tCKHZ
tCKLZ
tCD2
tCKHZ
tCKLZ
tCD2
tCH2
tCL2
tCYC2
CLKL
ADDRESS(B1)
CE0(B1)
DATAOUT(B2)
DATAOUT(B1)
ADDRESS(B2)
CE0(B2)
tSA
tHA
tSW
tHW
tSD
tHD
MATCH
VALID
tCCS
tSW
tHW
tDC
tCWDD
tCD1
MATCH
tSA
tHA
MATCH
NO
MATCH
NO
VALID
VALID
tDC
tCD1
CLKL
R/WL
ADDRESSL
DATAINL
ADDRESSR
DATAOUTR
CLKR
R/WR


Similar Part No. - CY7C09169AV

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09169AV CYPRESS-CY7C09169AV Datasheet
320Kb / 17P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C09169AV-12AC CYPRESS-CY7C09169AV-12AC Datasheet
320Kb / 17P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C09169AV-12AI CYPRESS-CY7C09169AV-12AI Datasheet
320Kb / 17P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C09169AV-9AC CYPRESS-CY7C09169AV-9AC Datasheet
320Kb / 17P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
More results

Similar Description - CY7C09169AV

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09159AV CYPRESS-CY7C09159AV Datasheet
320Kb / 17P
   3.3V 8K/16K x 9 Synchronous Dual Port Static RAM
CY7C09159A CYPRESS-CY7C09159A Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09159 CYPRESS-CY7C09159 Datasheet
452Kb / 15P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C144AV CYPRESS-CY7C144AV Datasheet
592Kb / 21P
   3.3V 8K/16K x 8 Dual-Port Static RAM
CY7C138AV CYPRESS-CY7C138AV Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024V CYPRESS-CY7C024V Datasheet
248Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_05 Datasheet
247Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C09349AV CYPRESS-CY7C09349AV Datasheet
321Kb / 16P
   3.3V 4K/8K x 18 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com