Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C09179A Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C09179A
Description  32K x 8/9 Synchronous Dual-Port Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09179A Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C09179A Datasheet HTML 1Page - Cypress Semiconductor CY7C09179A Datasheet HTML 2Page - Cypress Semiconductor CY7C09179A Datasheet HTML 3Page - Cypress Semiconductor CY7C09179A Datasheet HTML 4Page - Cypress Semiconductor CY7C09179A Datasheet HTML 5Page - Cypress Semiconductor CY7C09179A Datasheet HTML 6Page - Cypress Semiconductor CY7C09179A Datasheet HTML 7Page - Cypress Semiconductor CY7C09179A Datasheet HTML 8Page - Cypress Semiconductor CY7C09179A Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CY7C09079A
CY7C09179A
Document #: 38-06049 Rev. *A
Page 4 of 18
Selection Guide
CY7C09079A
CY7C09179A
-6[1]
CY7C09079A
CY7C09179A
-7
CY7C09079A
CY7C09179A
-9
CY7C09079A
CY7C09179A
-12
fMAX2 (MHz) (Pipelined)
100
83
67
50
Max Access Time (ns) (Clock to Data,
Pipelined)
6.5
7.5
9
12
Typical Operating Current ICC (mA)
250
235
215
195
Typical Standby Current for ISB1 (mA)
(Both ports TTL Level)
45
40
35
30
Typical Standby Current for ISB3 (mA)
(Both ports CMOS Level)
0.05
0.05
0.05
0.05
Pin Configurations (continued)
1
3
2
92 91 90
84
85
87 86
88
89
83 82 81
76
78 77
79
80
93
94
95
96
97
98
99
100
59
60
61
67
66
64
65
63
62
68
69
70
75
73
74
72
71
NC
NC
A7R
A8R
A9R
A10R
NC
A12R
A14R
GND
NC
NC
CE0R
A13R
A11R
NC
NC
CE1R
CNTRSTR
R/WR
OER
FT/PIPER
GND
NC
NC
58
57
56
55
54
53
52
51
CY7C09179A (32K x 9)
NC
NC
A7L
A8L
A9L
A10L
NC
A12L
A14L
VCC
NC
NC
CE0L
A13L
A11L
NC
NC
CE1L
CNTRSTL
R/WL
OEL
FT/PIPEL
NC
NC
NC
17
16
15
9
10
12
11
13
14
8
7
6
4
5
18
19
20
21
22
23
24
25
34 35 36
42
41
39 40
38
37
43 44 45
50
48 49
47
46
33
32
31
30
29
28
27
26
100-Pin TQFP
(Top View)


Similar Part No. - CY7C09179A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09179V CYPRESS-CY7C09179V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09179V CYPRESS-CY7C09179V Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09179V-12AC CYPRESS-CY7C09179V-12AC Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09179V-12AC CYPRESS-CY7C09179V-12AC Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09179V-12AXC CYPRESS-CY7C09179V-12AXC Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
More results

Similar Description - CY7C09179A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT709079S IDT-IDT709079S Datasheet
309Kb / 17P
   HIGH-SPEED 32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709179L IDT-IDT709179L Datasheet
179Kb / 15P
   HIGH-SPEED 32K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709089 RENESAS-709089 Datasheet
374Kb / 18P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
JANUARY 2018
logo
Integrated Device Techn...
IDT709089 IDT-IDT709089 Datasheet
192Kb / 17P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT7017L IDT-IDT7017L Datasheet
267Kb / 17P
   HIGH-SPEED 32K x 9 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9179 RENESAS-70V9179 Datasheet
286Kb / 18P
   HIGH-SPEED 3.3V 32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Feb.18.20
logo
Integrated Device Techn...
IDT70V9179 IDT-IDT70V9179 Datasheet
181Kb / 15P
   HIGH-SPEED 3.3V 32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09089 CYPRESS-CY7C09089 Datasheet
347Kb / 19P
   64K/128K x 8/9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com