Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4292V-15ASI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C4292V-15ASI
Description  64K/128K x 9 Low-Voltage Deep Sync FIFOs with Retransmit and Depth Expansion
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4292V-15ASI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C4292V-15ASI Datasheet HTML 1Page - Cypress Semiconductor CY7C4292V-15ASI Datasheet HTML 2Page - Cypress Semiconductor CY7C4292V-15ASI Datasheet HTML 3Page - Cypress Semiconductor CY7C4292V-15ASI Datasheet HTML 4Page - Cypress Semiconductor CY7C4292V-15ASI Datasheet HTML 5Page - Cypress Semiconductor CY7C4292V-15ASI Datasheet HTML 6Page - Cypress Semiconductor CY7C4292V-15ASI Datasheet HTML 7Page - Cypress Semiconductor CY7C4292V-15ASI Datasheet HTML 8Page - Cypress Semiconductor CY7C4292V-15ASI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
64K/128K x 9 Low-Voltage Deep Sync FIFOs
with Retransmit and Depth Expansion
CY7C4282V
CY7C4292V
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-06014 Rev. *B
Revised August 22, 2003
Features
• 3.3V operation for low power consumption and easy
integration into low-voltage systems
• High-speed, low-power, first-in first-out (FIFO)
memories
• 64K × 9 (CY7C4282V)
• 128K × 9 (CY7C4292V)
• 0.35 micron CMOS for optimum speed/power
• High-speed, Near-Zero Latency (True Dual-Ported
Memory Cell), 100-MHz operation (10 ns read/write
cycle times)
• Low power
— ICC = 25 mA
— ISB = 6 mA
• Fully asynchronous and simultaneous read and write
operation
• Empty, Full, and Programmable Almost Empty and
Almost Full status flags
• Retransmit function
• Output Enable (OE) pin
• Independent read and write enable pins
• Supports free-running 50% duty cycle clock inputs
• Width Expansion Capability
• Depth Expansion Capability through token-passing
scheme (no external logic required)
• 64-pin 10 × 10 STQFP
• Pin-compatible 3.3V solution for CY7C4282/92
Functional Description
The CY7C4282V/92V are high-speed, low-power, FIFO
memories with clocked read and write interfaces. All devices
are nine bits wide. The CY7C4282V/92V can be cascaded to
increase FIFO depth. Programmable features include Almost
Full/Almost Empty flags. These FIFOs provide solutions for a
wide variety of data buffering needs, including high-speed data
acquisition, multiprocessor interfaces, video and communica-
tions buffering.
These FIFOs have 9-bit input and output ports that are
controlled by separate clock and enable signals. The input port
is controlled by a free-running clock (WCLK) and a Write
Enable pin (WEN).
Retransmit and Synchronous Almost Full/Almost Empty flag
features are available on these devices.
Depth expansion is possible using the Cascade Input (XI),
Cascade Output (XO), and First Load (FL) pins. The XO pin is
connected to the XI pin of the next device, and the XO pin of
the last device should be connected to the XI pin of the first
device. The FL pin of the first device is tied to VSS and the FL
pin of all the remaining devices should be tied to VCC
When WEN is asserted, data is written into the FIFO on the
rising edge of the WCLK signal. While WEN is held active, data
is continually written into the FIFO on each cycle. The output
port is controlled in a similar manner by a free-running Read
Clock (RCLK) and a Read Enable pin (REN). In addition, the
CY7C4282V/92V have an Output Enable pin (OE). The read
and write clocks may be tied together for single-clock
operation or the two clocks may be run independently for
asynchronous read/write applications. Clock frequencies up to
67 MHz are achievable.
FF
Logic Block Diagram
THREE-STATE
OUTPUT REGISTER
READ
CONTROL
FLAG
LOGIC
WRITE
CONTROL
WRITE
POINTER
READ
POINTER
RESET
LOGIC
INPUT
REGISTER
FLAG
PROGRAM
REGISTER
D0–8
RCLK
Q0 − 8
WEN
WCLK
RS
OE
Dual Port
RAM Array
64K x 9
128K x 9
REN
EXPANSION
LOGIC
FL/RT
XI/LD
PAF/XO
EF
PAE
PAF/XO


Similar Part No. - CY7C4292V-15ASI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4292V-15ASI CYPRESS-CY7C4292V-15ASI Datasheet
240Kb / 15P
   64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion
More results

Similar Description - CY7C4292V-15ASI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4292 CYPRESS-CY7C4292 Datasheet
207Kb / 16P
   64K/128K x 9 Deep Sync FIFOs with Retransmit and Depth Expansion
CY7C4282V CYPRESS-CY7C4282V Datasheet
240Kb / 15P
   64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion
CY7C4291 CYPRESS-CY7C4291 Datasheet
199Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4281 CYPRESS-CY7C4281_05 Datasheet
430Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V_05 Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
CY7C4261 CYPRESS-CY7C4261 Datasheet
278Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261 CYPRESS-CY7C4261_05 Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4255V CYPRESS-CY7C4255V_02 Datasheet
289Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
CY7C4255V CYPRESS-CY7C4255V Datasheet
283Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com