Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4291 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C4291
Description  64K/128K x 9 Deep Sync FIFOs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4291 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C4291 Datasheet HTML 1Page - Cypress Semiconductor CY7C4291 Datasheet HTML 2Page - Cypress Semiconductor CY7C4291 Datasheet HTML 3Page - Cypress Semiconductor CY7C4291 Datasheet HTML 4Page - Cypress Semiconductor CY7C4291 Datasheet HTML 5Page - Cypress Semiconductor CY7C4291 Datasheet HTML 6Page - Cypress Semiconductor CY7C4291 Datasheet HTML 7Page - Cypress Semiconductor CY7C4291 Datasheet HTML 8Page - Cypress Semiconductor CY7C4291 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CY7C4281
CY7C4291
Document #: 38-06007 Rev. *C
Page 4 of 16
It is not necessary to write to all the offset registers at one time.
A subset of the offset registers can be written; then by bringing
the WEN2/LD input HIGH, the FIFO is returned to normal read
and write operation. The next time WEN2/LD is brought LOW,
a write operation stores data in the next offset register in
sequence.
The contents of the offset registers can be read to the data
outputs when WEN2/LD is LOW and both REN1 and REN2
are LOW. LOW-to-HIGH transitions of RCLK read register
contents to the data outputs. Writes and reads should not be
performed simultaneously on the offset registers.
Programmable Flag (PAE, PAF) Operation
Whether the flag offset registers are programmed as
described in Table 1 or the default values are used, the
programmable almost-empty flag (PAE) and programmable
almost-full flag (PAF) states are determined by their corre-
sponding offset registers and the difference between the read
and write pointers.
The number formed by the empty offset least significant bit
register and empty offset most significant bit register is
referred to as n and determines the operation of PAE. PAF is
synchronized to the LOW-to-HIGH transition of RCLK by one
flip-flop and is LOW when the FIFO contains n or fewer unread
words. PAE is set HIGH by the LOW-to-HIGH transition of
RCLK when the FIFO contains (n + 1) or greater unread words.
The number formed by the full offset least significant bit
register and full offset most significant bit register is referred to
as m and determines the operation of PAF. PAE is synchro-
nized to the LOW-to-HIGH transition of WCLK by one flip-flop
and is set LOW when the number of unread words in the FIFO
is greater than or equal to CY7C4281 (64K-m) and CY7C4291
(128K-m). PAF is set HIGH by the LOW-to-HIGH transition of
WCLK when the number of available memory locations is
greater than m.
Width Expansion Configuration
Word width may be increased simply by connecting the corre-
sponding input controls signals of multiple devices. A
composite flag should be created for each of the end-point
status flags (EF and FF). The partial status flags (PAE and
PAF) can be detected from any one device. Figure 2 demon-
strates a 18-bit word width by using two CY7C42X1s. Any
word width can be attained by adding additional CY7C42X1s.
When the CY7C42X1 is in a Width Expansion Configuration,
the Read Enable (REN2) control input can be grounded (see
Figure 2). In this configuration, the Write Enable 2/Load
(WEN2/LD) pin is set to LOW at Reset so that the pin operates
as a control to load and read the programmable flag offsets.
Flag Operation
The CY7C4281/91 devices provide five flag pins to indicate
the condition of the FIFO contents. Empty, Full, PAE, and PAF
are synchronous.
Full Flag
The Full Flag (FF) will go LOW when the device is full. Write
operations are inhibited whenever FF is LOW regardless of the
state of WEN1 and WEN2/LD. FF is synchronized to WCLK,
i.e., it is exclusively updated by each rising edge of WCLK.
Empty Flag
The Empty Flag (EF) will go LOW when the device is empty.
Read operations are inhibited whenever EF is LOW,
regardless of the state of REN1 and REN2. EF is synchronized
to RCLK, i.e., it is exclusively updated by each rising edge of
RCLK.
Note:
1. The same selection sequence applies to reading from the registers. REN1 and REN2 are enabled and a read is performed on the LOW-to-HIGH transition of RCLK.
2. n = Empty Offset (n = 7 default value).
3. m = Full Offset (m = 7 default value).
Table 1. Writing the Offset Registers
LD
WEN
WCLK[1]
Selection
00
0
1
No Operation
1
0
Write Into FIFO
1
1
No Operation
Empty Offset (LSB)
Empty Offset (MSB)
Full Offset (LSB)
Full Offset (MSB)
Table 2. Status Flags
Number of Words in FIFO
FF PAF PAE EF
CY7C4281
CY7C4291
00
HH
L
L
1 to n[2]
1 to n[2]
HH
L
H
(n+1) to (65536
−(m+1)) (n+1) to (131072−(m+1)) HH
H
H
(65536
− m)[3] to 65535 131072−m)[3] to131071 HL
H
H
65536
131072
LL
H
H


Similar Part No. - CY7C4291

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4291 CYPRESS-CY7C4291 Datasheet
199Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4291-10JC CYPRESS-CY7C4291-10JC Datasheet
199Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4291-10JI CYPRESS-CY7C4291-10JI Datasheet
199Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4291-15JC CYPRESS-CY7C4291-15JC Datasheet
199Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4291-25JC CYPRESS-CY7C4291-25JC Datasheet
199Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
More results

Similar Description - CY7C4291

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4291 CYPRESS-CY7C4291 Datasheet
199Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V_05 Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
CY7C4292 CYPRESS-CY7C4292 Datasheet
207Kb / 16P
   64K/128K x 9 Deep Sync FIFOs with Retransmit and Depth Expansion
CY7C4282V CYPRESS-CY7C4282V_03 Datasheet
219Kb / 15P
   64K/128K x 9 Low-Voltage Deep Sync FIFOs with Retransmit and Depth Expansion
CY7C4261 CYPRESS-CY7C4261 Datasheet
278Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261 CYPRESS-CY7C4261_05 Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255_09 Datasheet
655Kb / 23P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255 Datasheet
361Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255_05 Datasheet
541Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com