Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4261V Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C4261V
Description  16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4261V Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C4261V Datasheet HTML 1Page - Cypress Semiconductor CY7C4261V Datasheet HTML 2Page - Cypress Semiconductor CY7C4261V Datasheet HTML 3Page - Cypress Semiconductor CY7C4261V Datasheet HTML 4Page - Cypress Semiconductor CY7C4261V Datasheet HTML 5Page - Cypress Semiconductor CY7C4261V Datasheet HTML 6Page - Cypress Semiconductor CY7C4261V Datasheet HTML 7Page - Cypress Semiconductor CY7C4261V Datasheet HTML 8Page - Cypress Semiconductor CY7C4261V Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CY7C4261V/CY7C4271V
CY7C4281V/CY7C4291V
Document #: 38-06013 Rev. *B
Page 3 of 16
Functional Description (continued)
The CY7C4261/71/81/91V provides four status pins: Empty,
Full, Programmable Almost Empty, and Programmable
Almost Full. The Almost Empty/Almost Full flags are program-
mable to single word granularity. The programmable flags
default to Empty + 7 and Full – 7.
The flags are synchronous, i.e., they change state relative to
either the read clock (RCLK) or the write clock (WCLK). When
entering or exiting the Empty and Almost Empty states, the
flags are updated exclusively by the RCLK. The flags denoting
Almost Full, and Full states are updated exclusively by WCLK.
The synchronous flag architecture guarantees that the flags
maintain their status for at least one cycle
All configurations are fabricated using an advanced 0.35
µ
CMOS technology. Input ESD protection is greater than
2001V, and latch-up is prevented by the use of guard rings.
Architecture
The CY7C4261/71/81/91V consists of an array of 16K, 32K,
64K, or 128K words of nine bits each (implemented by a
dual-port array of SRAM cells), a read pointer, a write pointer,
control signals (RCLK, WCLK, REN1, REN2, WEN1, WEN2,
RS), and flags (EF, PAE, PAF, FF).
Resetting the FIFO
Upon power-up, the FIFO must be reset with a Reset (RS)
cycle. This causes the FIFO to enter the Empty condition
signified by EF being LOW. All data outputs (Q0–8) go LOW
tRSF after the rising edge of RS. In order for the FIFO to reset
to its default state, the user must not read or write while RS is
LOW. All flags are guaranteed to be valid tRSF after RS is taken
LOW.
FIFO Operation
When the WEN1 signal is active LOW, WEN2 is active HIGH,
and FF is active HIGH, data present on the D0–8 pins is written
into the FIFO on each rising edge of the WCLK signal.
Similarly, when the REN1 and REN2 signals are active LOW
and EF is active HIGH, data in the FIFO memory will be
presented on the Q0-8 outputs. New data will be presented on
each rising edge of RCLK while REN1 and REN2 are active.
REN1 and REN2 must set up tENS before RCLK for it to be a
valid read function. WEN1 and WEN2 must occur tENS before
WCLK for it to be a valid write function.
An output enable (OE) pin is provided to three-state the Q0–8
outputs when OE is asserted. When OE is enabled (LOW),
data in the output register will be available to the Q0-8 outputs
after tOE. If devices are cascaded, the OE function will only
output data on the FIFO that is read enabled.
The FIFO contains overflow circuitry to disallow additional
writes when the FIFO is full, and underflow circuitry to disallow
additional reads when the FIFO is empty. An empty FIFO
maintains the data of the last valid read on its Q0-8 outputs
even after additional reads occur.
Write Enable 1 (WEN1). If the FIFO is configured for program-
mable flags, Write Enable 1 (WEN1) is the only write enable
control pin. In this configuration, when Write Enable 1 (WEN1)
is LOW, data can be loaded into the input register and RAM
array on the LOW-to-HIGH transition of every write clock
(WCLK). Data is stored is the RAM array sequentially and
independently of any on-going read operation.
Write Enable 2/Load (WEN2/LD). This is a dual-purpose pin.
The FIFO is configured at Reset to have programmable flags
or to have two write enables, which allows for depth
expansion. If Write Enable 2/Load (WEN2/LD) is set active
HIGH at Reset (RS = LOW), this pin operates as a second
write enable pin.
If the FIFO is configured to have two write enables, when Write
Enable (WEN1) is LOW and Write Enable 2/Load (WEN2/LD)
is HIGH, data can be loaded into the input register and RAM
array on the LOW-to-HIGH transition of every write clock
(WCLK). Data is stored in the RAM array sequentially and
independently of any on-going read operation.
Programming
When WEN2/LD is held LOW during Reset, this pin is the load
(LD) enable for flag offset programming. In this configuration,
WEN2/LD can be used to access the four 9-bit offset registers
contained in the CY7C4261/71/81/91V for writing or reading
data to these registers.
When the device is configured for programmable flags and
both WEN2/LD and WEN1 are LOW, the first LOW-to-HIGH
transition of WCLK writes data from the data inputs to the
empty offset least significant bit (LSB) register. The second,
third, and fourth LOW-to-HIGH transitions of WCLK store data
in the empty offset most significant bit (MSB) register, full
offset LSB register, and full offset MSB register, respectively,
when WEN2/LD and WEN1 are LOW. The fifth LOW-to-HIGH
transition of WCLK while WEN2/LD and WEN1 are LOW
writes data to the empty LSB register again. Figure 1 shows
the registers sizes and default values for the various device
types.


Similar Part No. - CY7C4261V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4261V CYPRESS-CY7C4261V Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V Datasheet
727Kb / 22P
   16 K / 32 K / 64 K / 128 K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261V-10JC CYPRESS-CY7C4261V-10JC Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261V-10JXC CYPRESS-CY7C4261V-10JXC Datasheet
727Kb / 22P
   16 K / 32 K / 64 K / 128 K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261V-15JC CYPRESS-CY7C4261V-15JC Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
More results

Similar Description - CY7C4261V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4261V CYPRESS-CY7C4261V Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261 CYPRESS-CY7C4261 Datasheet
278Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261 CYPRESS-CY7C4261_05 Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4291 CYPRESS-CY7C4291 Datasheet
199Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4281 CYPRESS-CY7C4281_05 Datasheet
430Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4282V CYPRESS-CY7C4282V_03 Datasheet
219Kb / 15P
   64K/128K x 9 Low-Voltage Deep Sync FIFOs with Retransmit and Depth Expansion
CY7C4292 CYPRESS-CY7C4292 Datasheet
207Kb / 16P
   64K/128K x 9 Deep Sync FIFOs with Retransmit and Depth Expansion
CY7C4255V CYPRESS-CY7C4255V_02 Datasheet
289Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
CY7C4255V CYPRESS-CY7C4255V Datasheet
283Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255_09 Datasheet
655Kb / 23P
   8K/16K x 18 Deep Sync FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com