Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1387CV25-200BGI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1387CV25-200BGI
Description  18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1387CV25-200BGI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1387CV25-200BGI Datasheet HTML 4Page - Cypress Semiconductor CY7C1387CV25-200BGI Datasheet HTML 5Page - Cypress Semiconductor CY7C1387CV25-200BGI Datasheet HTML 6Page - Cypress Semiconductor CY7C1387CV25-200BGI Datasheet HTML 7Page - Cypress Semiconductor CY7C1387CV25-200BGI Datasheet HTML 8Page - Cypress Semiconductor CY7C1387CV25-200BGI Datasheet HTML 9Page - Cypress Semiconductor CY7C1387CV25-200BGI Datasheet HTML 10Page - Cypress Semiconductor CY7C1387CV25-200BGI Datasheet HTML 11Page - Cypress Semiconductor CY7C1387CV25-200BGI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
CY7C1386CV25
CY7C1387CV25
Document #: 38-05242 Rev. *A
Page 8 of 36
TDI
-
U3
P5
JTAG serial
input
Synchronous
Serial data-In to the JTAG circuit. Sampled on the
rising edge of TCK. If the JTAG feature is not being
utilized, this pin can be disconnected or connected to
VDD. This pin is not available on TQFP packages.
TMS
-
U2
R5
JTAG serial
input
Synchronous
Serial data-In to the JTAG circuit. Sampled on the
rising edge of TCK. If the JTAG feature is not being
utilized, this pin can be disconnected or connected to
VDD. This pin is not available on TQFP packages.
TCK
-
U4
R7
JTAG-Clock
Clock input to the JTAG circuitry. If the JTAG feature
is not being utilized, this pin must be connected to VSS.
This pin is not available on TQFP packages.
NC
14,16,66,39,
38
B1,C1,R1,
T1,T2,J3,
D4,L4,5J,
5R,6T,6U,
B7,C7,R7
A11,B1,C2,
C10,H1,H3,
H9,H10,N2,
N5,N7,N10,
P1,A1,B11,
P2,R2
-
No Connects. Not internally connected to the die
CY7C1387CV25:Pin Definitions
Name
TQFP
BGA
(2-Chip
Enable)
fBGA
I/O
Description
A0, A1 , A
37,36,32,33,
34,35,42,43,
44,45,46,47,
48,49,50,80,
81,82,99,
100
P4,N4,A2,
B2,C2,R2,
T2,A3,B3,
C3,T3,A5,
B5,C5,T5,
A6,B6,C6,
R6,T6
R6,P6,A2,
A10,A11,B2,
B10,N6,P3,
P4,P8,P9,
P10,P11,R3,
R4,R8,R9,
R10,R11
Input-
Synchronous
Address Inputs used to select one of the 1M address
locations. Sampled at the rising edge of the CLK if
ADSP or ADSC is active LOW, and CE1, CE2, and
CE3[2] are sampled active. A1: A0 are fed to the two-bit
counter.
BWA,BWB
93,94
G3,L5
B5,A4
Input-
Synchronous
Byte Write Select Inputs, active LOW. Qualified with
BWE to conduct byte writes to the SRAM. Sampled on
the rising edge of CLK.
GW
88
H4
B7
Input-
Synchronous
Global Write Enable Input, active LOW. When
asserted LOW on the rising edge of CLK, a global write
is conducted (ALL bytes are written, regardless of the
values on BWX and BWE).
BWE
87
M4
A7
Input-
Synchronous
Byte Write Enable Input, active LOW. Sampled on the
rising edge of CLK. This signal must be asserted LOW
to conduct a byte write.
CLK
89
K4
B6
Input-
Clock
Clock Input. Used to capture all synchronous inputs to
the device. Also used to increment the burst counter
when ADV is asserted LOW, during a burst operation.
CE1
98
E4
A3
Input-
Synchronous
Chip Enable 1 Input, active LOW. Sampled on the
rising edge of CLK. Used in conjunction with CE2 and
CE3[2] to select/deselect the device. ADSP is ignored if
CE1 is HIGH.
CE2[2]
97
-
B3
Input-
Synchronous
Chip Enable 2 Input, active HIGH. Sampled on the
rising edge of CLK. Used in conjunction with CE1 and
CE3[2] to select/deselect the device.
CY7C1386CV25–Pin Definitions (continued)
Name
TQFP
BGA
(1 Chip
Enable)
fBGA
I/O
Description


Similar Part No. - CY7C1387CV25-200BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1387C CYPRESS-CY7C1387C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1387C-167AC CYPRESS-CY7C1387C-167AC Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1387C-167AI CYPRESS-CY7C1387C-167AI Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1387C-167BGC CYPRESS-CY7C1387C-167BGC Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1387C-167BGI CYPRESS-CY7C1387C-167BGI Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1387CV25-200BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1386C CYPRESS-CY7C1386C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386B CYPRESS-CY7C1386B Datasheet
789Kb / 32P
   512K x 36/1M x 18 Pipelined DCD SRAM
CY7C1366B CYPRESS-CY7C1366B Datasheet
550Kb / 32P
   9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1386D CYPRESS-CY7C1386D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1387D CYPRESS-CY7C1387D Datasheet
481Kb / 29P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1444AV25 CYPRESS-CY7C1444AV25 Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
479Kb / 26P
   36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com