Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ169-2C-48D Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ169-2C-48D
Description  MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ169-2C-48D Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ169-2C-48D Datasheet HTML 1Page - ZETTLER Electronics AZ169-2C-48D Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONTACTS
Arrangement
DPDT (2 Form C)
3PDT (3 Form C)
Ratings
Resistive load:
Max. switched power:
300 W or 2500 VA
Max. switched current:
10 A
Max. switched voltage: 30 VDC* or 250 VAC
*
Note: If switching voltage is greater than 30 VDC,
special precautions must be taken.
Please contact the factory.
UL, CUR
10A at 250 VAC 30VDC
1
/3 HP at 240 VAC
1
/3 HP at 120 VAC
1
/2 HP at 277 VAC
Material
Silver tin oxide or silver cadmium oxide,
gold plated versions are available
Resistance
< 100 milliohms initially
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107 operations
Electrical
1 x 105 operations
Operate Time
25 ms max. at nominal coil voltage
Release Time
25 ms max. at nominal coil voltage
(without suppression)
Dielectric Strength
2500 Vrms coil to contact
(at sea level for 1 min.) 2000 Vrms between contact sets
Insulation
500 megohms min. at 500 VDC,
Resistance
20°C, 50% RH
Insulation
C250
(according to
Overvoltage category: III
DIN VDE 0110,
Pollution degree: 3
IEC 60664-1)
Nominal voltage: 250 VAC
Dropout DC coils
Greater than 10% of nominal coil voltage
AC coils
Greater than 30% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 70°C (158°F) - DC coils
-40°C (-40°F) to 55°C (131°F) - AC coils
Storage
-40°C (-40°F) to 105°C (221°F)
Vibration
0.062" (1.5 mm) DA at 10–55 Hz
Shock
10 g
Enclosure
Polycarbonate
Terminals
Octal or Undecal Type Plug
Weight
85 grams
Packing unit in pcs
10 per small carton / 100 per carton box
COIL
Power
At Pickup Voltage
DC: 1.0 W
(typical)
AC: 2.0 VA
Max. Continuous
DC: 2.2 W at 20°C (68°F)
Dissipation
AC: 3.5 VA at 20°C (68°F)
Temperature
105°C (221°F)
AZ169
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
2006-02-03
MINIATURE
POWER RELAY
FEATURES
• 10 A switching
• DPDT or 3PDT arrangement
• High switching capacity
• AC and DC coils
• Push To Test lever
• UL, CUR file E44211
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.


Similar Part No. - AZ169-2C-48D

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ1603-01L AMAZING-AZ1603-01L Datasheet
237Kb / 7P
   Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2017/05/11
AZ1603-01L.R7G AMAZING-AZ1603-01L.R7G Datasheet
237Kb / 7P
   Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2017/05/11
AZ1603-02S AMAZING-AZ1603-02S Datasheet
195Kb / 7P
   Low Capacitance ESD Protection Array For ESD and Surge Protection Revision 2019/
Revision 2019/10/15
AZ1603-02S.R7G AMAZING-AZ1603-02S.R7G Datasheet
195Kb / 7P
   Low Capacitance ESD Protection Array For ESD and Surge Protection Revision 2019/
Revision 2019/10/15
logo
Toshiba Semiconductor
AZ161102 TOSHIBA-AZ161102 Datasheet
5Mb / 70P
   COLOUR TELEVISION
More results

Similar Description - AZ169-2C-48D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
   MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
   MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
   Miniature Power Relay
logo
American Zettler, Inc.
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
   MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
   MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com