Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1475BV25-133BGI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1475BV25-133BGI
Description  72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1475BV25-133BGI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1475BV25-133BGI Datasheet HTML 5Page - Cypress Semiconductor CY7C1475BV25-133BGI Datasheet HTML 6Page - Cypress Semiconductor CY7C1475BV25-133BGI Datasheet HTML 7Page - Cypress Semiconductor CY7C1475BV25-133BGI Datasheet HTML 8Page - Cypress Semiconductor CY7C1475BV25-133BGI Datasheet HTML 9Page - Cypress Semiconductor CY7C1475BV25-133BGI Datasheet HTML 10Page - Cypress Semiconductor CY7C1475BV25-133BGI Datasheet HTML 11Page - Cypress Semiconductor CY7C1475BV25-133BGI Datasheet HTML 12Page - Cypress Semiconductor CY7C1475BV25-133BGI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
CY7C1471BV25
CY7C1473BV25, CY7C1475BV25
Document #: 001-15013 Rev. *E
Page 9 of 30
Functional Overview
The CY7C1471BV25, CY7C1473BV25, and CY7C1475BV25
are synchronous flow through burst SRAMs designed specifi-
cally to eliminate wait states during write read transitions. All
synchronous inputs pass through input registers controlled by
the rising edge of the clock. The clock signal is qualified with the
Clock Enable input signal (CEN). If CEN is HIGH, the clock signal
is not recognized and all internal states are maintained. All
synchronous operations are qualified with CEN. Maximum
access delay from the clock rise (tCDV) is 6.5 ns (133-MHz
device).
Accesses are initiated by asserting all three Chip Enables (CE1,
CE2, CE3) active at the rising edge of the clock. If CEN is active
LOW and ADV/LD is asserted LOW, the address presented to
the device is latched. The access is either a read or write
operation, depending on the status of the Write Enable (WE).
Use Byte Write Select (BWX) to conduct Byte Write operations.
Write operations are qualified by the WE. All writes are simplified
with on-chip synchronous self- timed write circuitry.
Three synchronous Chip Enables (CE1, CE2, CE3) and an
asynchronous Output Enable (OE) simplify depth expansion. All
operations (reads, writes, and deselects) are pipelined. ADV/LD
must be driven LOW after the device is deselected to load a new
address for the next operation.
Single Read Accesses
A read access is initiated when the following conditions are
satisfied at clock rise:
CEN is asserted LOW
CE1, CE2, and CE3 are ALL asserted active
WE is deasserted HIGH
ADV/LD is asserted LOW.
The address presented to the address inputs is latched into the
Address Register and presented to the memory array and control
logic. The control logic determines that a read access is in
progress and allows the requested data to propagate to the
output buffers. The data is available within 6.5 ns (133-MHz
device) provided OE is active LOW. After the first clock of the
read access, the output buffers are controlled by OE and the
internal control logic. OE must be driven LOW to drive out the
requested data. On the subsequent clock, another operation
(read/write/deselect) can be initiated. When the SRAM is
deselected at clock rise by one of the chip enable signals, the
output is tri-stated immediately.
Burst Read Accesses
The CY7C1471BV25, CY7C1473BV25, and CY7C1475BV25
has an on-chip burst counter that enables the user the ability to
supply a single address and conduct up to four reads without
reasserting the address inputs. ADV/LD must be driven LOW to
load a new address into the SRAM, as described in the Single
Read Access section. The sequence of the burst counter is
determined by the MODE input signal. A LOW input on MODE
selects a linear burst mode, a HIGH selects an interleaved burst
sequence. Both burst counters use A0 and A1 in the burst
sequence, and wraps around when incremented sufficiently. A
HIGH input on ADV/LD increments the internal burst counter
regardless of the state of chip enable inputs or WE. WE is latched
at the beginning of a burst cycle. Therefore, the type of access
(read or write) is maintained throughout the burst sequence.
Single Write Accesses
Write accesses are initiated when these conditions are satisfied
at clock rise:
CEN is asserted LOW
CE1, CE2, and CE3 are ALL asserted active
WE is asserted LOW.
The address presented to the address bus is loaded into the
Address Register. The write signals are latched into the Control
Logic block. The data lines are automatically tri-stated
regardless of the state of the OE input signal. This allows the
external logic to present the data on DQs and DQPX.
On the next clock rise the data presented to DQs and DQPX (or
a subset for Byte Write operations, see “Truth Table for
Read/Write” on page 12 for details) inputs is latched into the
device and the write is complete. Additional accesses
(read/write/deselect) can be initiated on this cycle.
The data written during the write operation is controlled by BWX
signals.
The
CY7C1471BV25,
CY7C1473BV25,
and
CY7C1475BV25 provide Byte Write capability that is described
in the “Truth Table for Read/Write” on page 12. The input WE
with the selected BWx input selectively writes to only the desired
bytes. Bytes not selected during a Byte Write operation remain
unaltered. A synchronous self timed write mechanism is
provided to simplify the write operations. Byte Write capability is
TDI
JTAG serial input
Synchronous
Serial Data In to the JTAG Circuit. Sampled on the rising edge of TCK. If the JTAG feature is
not used, leave this pin floating or connected to VDD through a pull up resistor. This pin is not
available on TQFP packages.
TMS
JTAG serial input
Synchronous
Serial Data In to the JTAG Circuit. Sampled on the rising edge of TCK. If the JTAG feature is
not used, this pin can be disconnected or connected to VDD. This pin is not available on TQFP
packages.
TCK
JTAG-Clock
Clock Input to the JTAG Circuitry. If the JTAG feature is not used, connect this pin to VSS.
This pin is not available on TQFP packages.
NC
-
No Connects. Not internally connected to the die. 144M, 288M, 576M, and 1G are address
expansion pins and are not internally connected to the die.
Table 1. Pin Definitions (continued)
Name
IO
Description
[+] Feedback


Similar Part No. - CY7C1475BV25-133BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1475BV25 CYPRESS-CY7C1475BV25 Datasheet
1Mb / 33P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Flow-Through SRAM with NoBL Architecture
More results

Similar Description - CY7C1475BV25-133BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1471V33 CYPRESS-CY7C1471V33_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1471V25 CYPRESS-CY7C1471V25 Datasheet
373Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471V25 CYPRESS-CY7C1471V25_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1471BV33 CYPRESS-CY7C1471BV33 Datasheet
907Kb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471V33 CYPRESS-CY7C1471V33 Datasheet
375Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1474V25 CYPRESS-CY7C1474V25 Datasheet
382Kb / 27P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470V33 CYPRESS-CY7C1470V33_06 Datasheet
520Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470V25 CYPRESS-CY7C1470V25_06 Datasheet
517Kb / 28P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1470BV25 CYPRESS-CY7C1470BV25 Datasheet
868Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470BV33 CYPRESS-CY7C1470BV33 Datasheet
902Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com