Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCP02-150B1RL Datasheet(PDF) 7 Page - STMicroelectronics

Part # LCP02-150B1RL
Description  PROTECTION IC FOR RINGING SLICS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP02-150B1RL Datasheet(HTML) 7 Page - STMicroelectronics

  LCP02-150B1RL Datasheet HTML 1Page - STMicroelectronics LCP02-150B1RL Datasheet HTML 2Page - STMicroelectronics LCP02-150B1RL Datasheet HTML 3Page - STMicroelectronics LCP02-150B1RL Datasheet HTML 4Page - STMicroelectronics LCP02-150B1RL Datasheet HTML 5Page - STMicroelectronics LCP02-150B1RL Datasheet HTML 6Page - STMicroelectronics LCP02-150B1RL Datasheet HTML 7Page - STMicroelectronics LCP02-150B1RL Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LCP02-150B1
7/8
Gn
Gp
GND
TIP
RING
-Vbat
+Vb
LCP02
220nF
SLIC
Rs (*)
Rs (*)
Line
Line card
TIP
RING
220nF
Rs (*) = PTC or Resistor fuse
Fig. 6: Protection of SLIC with positive and negative battery voltages.
Gn
Gp
GND
TIP
RING
-Vbat
LCP02
220nF
SLIC
Rs (*)
Rs (*)
Line
Line card
TIP
RING
Rs (*) = PTC or Resistor fuse
Fig. 7: Protection of high voltage SLIC
The LCP02-150B1 topology is particularly optimized for the new telecom applications such as fiber in the
loop, WLL systems, decentralized central office for example. The schematics of figures 6 and 7 give the 2
most frequent topologies used for these emergent applications
Figure 6 shows the classical protection topology for SLIC using both positive and negative battery volt-
ages. With such a protection the SLIC is protected against surge over +Vb and lower than -Vbat. In this
case, +Vb can be programmed up to +95V while -Vbat can be programmed down to -110V. Please note
that the differential voltage does not exceed
∆Vbat max at 190V.
Figure 7 gives the protection topology for the new SLIC using high negative voltage down to -110V.


Similar Part No. - LCP02-150B1RL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LCP02-150M STMICROELECTRONICS-LCP02-150M Datasheet
122Kb / 10P
   PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR RINGING SLICS
LCP02-150M-TR STMICROELECTRONICS-LCP02-150M-TR Datasheet
122Kb / 10P
   PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR RINGING SLICS
More results

Similar Description - LCP02-150B1RL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LCP22 STMICROELECTRONICS-LCP22 Datasheet
272Kb / 10P
   Protection IC for ringing SLICs
October 2014 Rev 3
LCP12 STMICROELECTRONICS-LCP12 Datasheet
215Kb / 10P
   Protection IC for ringing SLICs
March 2014 Rev 4
LCP02 STMICROELECTRONICS-LCP02 Datasheet
211Kb / 10P
   Protection IC for ringing SLICs
March 2014 Rev 1
LCP12-150 STMICROELECTRONICS-LCP12-150 Datasheet
215Kb / 10P
   Protection IC for ringing SLICs
LCP02-150M STMICROELECTRONICS-LCP02-150M Datasheet
122Kb / 10P
   PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR RINGING SLICS
AN2456 STMICROELECTRONICS-AN2456 Datasheet
617Kb / 15P
   Protection of single battery voltage SLICs for new networks in US market
logo
Seiko Instruments Inc
S-8235AAA-TCT1U SII-S-8235AAA-TCT1U Datasheet
1Mb / 24P
   FOR AUTOMOTIVE BATTERY PROTECTION IC
logo
Neotec Semiconductor Lt...
NT1793 NEOTEC-NT1793 Datasheet
251Kb / 4P
   Battery Protection IC for Multi-Cell (Secondary Protection)
V1.93
NT1732A NEOTEC-NT1732A Datasheet
393Kb / 4P
   Battery Protection IC for Multi-Cell (Secondary Protection)
V2.11
NT1732B NEOTEC-NT1732B Datasheet
395Kb / 4P
   Battery Protection IC for Multi-Cell (Secondary Protection)
V1.02
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com