Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1399DL-15VXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1399DL-15VXI
Description  256K (32K x 8) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1399DL-15VXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1399DL-15VXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1399DL-15VXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1399DL-15VXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1399DL-15VXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1399DL-15VXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1399DL-15VXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1399DL-15VXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1399DL-15VXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1399DL-15VXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PRELIMINARY
CY7C1399D
Document #: 38-05467 Rev. *C
Page 3 of 10
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied............................................. –55
°C to +125°C
Supply Voltage on VCC to Relative GND
[2] .... –0.5V to +4.6V
DC Voltage Applied to Outputs
in High-Z State[2] ....................................–0.5V to VCC + 0.5V
DC Input Voltage[2] ................................ –0.5V to VCC + 0.5V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage.......................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-up Current.................................................... > 200 mA
Operating Range
Range
Ambient Temperature
VCC
Commercial
0
°C to +70°C
3.3V
±300 mV
Industrial
–40
°C to +85°C
3.3V
±300 mV
Electrical Characteristics Over the Operating Range
Test Conditions
7C1399D-10
7C1399D-12
Parameter
Description
Min.
Max.
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
0.4
V
VIH
Input HIGH Voltage
2.0
VCC
+0.3V
2.0
VCC
+0.3V
V
VIL
Input LOW Voltage[2]
–0.3
0.8
–0.3
0.8
V
IIX
Input Load Current
–1
+1
–1
+1
µA
IOZ
Output Leakage Current
GND
≤ V
I ≤ VCC, Output Disabled
–1
+1
–1
+1
µA
IOS
Output Short Circuit Current[3] VCC = Max., VOUT = GND
–300
–300
mA
ICC
VCC Operating Supply
Current
VCC = Max., IOUT = 0 mA, f = fMAX = 1/tRC
60
50
mA
ISB1
Automatic CE Power-down
Current — TTL Inputs
Max. VCC, CE ≥ VIH,
VIN ≥ VIH, or VIN ≤ VIL,f = fMAX
10
10
mA
L10
10
mA
ISB2
Automatic CE Power-down
Current — CMOS Inputs[4]
Max. VCC, CE ≥ VCC – 0.3V, VIN ≥ VCC
0.3V, or VIN ≤ 0.3V,
WE
≥V
CC – 0.3V or WE ≤0.3V, f = fMAX
3.0
3.0
mA
L1.2
1.2
mA
Test Conditions
7C1399D-15
Parameter
Description
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
2.0
VCC
+0.3V
V
VIL
Input LOW Voltage
–0.3
0.8
V
IIX
Input Load Current
–1
+1
µA
IOZ
Output Leakage Current
GND
≤ V
I ≤ VCC, Output Disabled
–1
+1
µA
IOS
Output Short Circuit Current[3] VCC = Max., VOUT = GND
–300
mA
ICC
VCC Operating Supply Current
VCC = Max., IOUT = 0 mA, f = fMAX = 1/tRC
40
mA
ISB1
Automatic CE Power-Down
Current — TTL Inputs
Max. VCC, CE ≥ VIH,
VIN ≥ VIH, or VIN ≤ VIL, f = fMAX
10
mA
L10
mA
ISB2
Automatic CE Power-Down
Current — CMOS Inputs[4]
Max. VCC, CE ≥ VCC–0.3V, VIN ≥ VCC
0.3V, or VIN ≤ 0.3V, WE≥VCC–0.3V or
WE
≤ 0.3V, f=f
MAX
3.0
mA
L1.2
mA
Notes:
2. VIL (min.) = –2.0V and VIH(max) = VCC + 2V for pulse durations of less than 20 ns.
3. Not more than one output should be shorted at one time. Duration of the short circuit should not exceed 30 seconds.
4. Device draws low standby current regardless of switching on the addresses.
5. Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - CY7C1399DL-15VXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399 CYPRESS-CY7C1399 Datasheet
234Kb / 8P
   32K x 8 3.3V Static RAM
CY7C1399-12VC CYPRESS-CY7C1399-12VC Datasheet
234Kb / 8P
   32K x 8 3.3V Static RAM
CY7C1399-12VI CYPRESS-CY7C1399-12VI Datasheet
234Kb / 8P
   32K x 8 3.3V Static RAM
CY7C1399-12ZC CYPRESS-CY7C1399-12ZC Datasheet
234Kb / 8P
   32K x 8 3.3V Static RAM
CY7C1399-12ZI CYPRESS-CY7C1399-12ZI Datasheet
234Kb / 8P
   32K x 8 3.3V Static RAM
More results

Similar Description - CY7C1399DL-15VXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com