Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1416BV18-267BZI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1416BV18-267BZI
Description  36-Mbit DDR-II SRAM 2-Word Burst Architecture
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1416BV18-267BZI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1416BV18-267BZI Datasheet HTML 4Page - Cypress Semiconductor CY7C1416BV18-267BZI Datasheet HTML 5Page - Cypress Semiconductor CY7C1416BV18-267BZI Datasheet HTML 6Page - Cypress Semiconductor CY7C1416BV18-267BZI Datasheet HTML 7Page - Cypress Semiconductor CY7C1416BV18-267BZI Datasheet HTML 8Page - Cypress Semiconductor CY7C1416BV18-267BZI Datasheet HTML 9Page - Cypress Semiconductor CY7C1416BV18-267BZI Datasheet HTML 10Page - Cypress Semiconductor CY7C1416BV18-267BZI Datasheet HTML 11Page - Cypress Semiconductor CY7C1416BV18-267BZI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
CY7C1416BV18, CY7C1427BV18
CY7C1418BV18, CY7C1420BV18
Document Number: 001-07033 Rev. *C
Page 8 of 29
Functional Overview
The CY7C1416BV18, CY7C1427BV18, CY7C1418BV18, and
CY7C1420BV18 are synchronous pipelined Burst SRAMs
equipped with a DDR interface which operates with a read
latency of one and half cycles when DOFF pin is tied HIGH.
When DOFF pin is set LOW or connected to VSS the device
behaves in DDR-I mode with a read latency of one clock cycle.
Accesses are initiated on the rising edge of the positive input
clock (K). All synchronous input timing is referenced from the
rising edge of the input clocks (K and K) and all output timing is
referenced to the rising edge of the output clocks (C/C or K/K
when in single clock mode).
All synchronous data inputs (D[x:0]) pass through input registers
controlled by the rising edge of the input clocks (K and K). All
synchronous data outputs (Q[x:0]) pass through output registers
controlled by the rising edge of the output clocks (C/C or K/K
when in single clock mode).
All synchronous control (R/W, LD, BWS[0:X]) inputs pass through
input registers controlled by the rising edge of the input clock (K).
CY7C1418BV18 is described in the following sections. The
same
basic
descriptions
apply
to
CY7C1416BV18,
CY7C1427BV18 and CY7C1420BV18.
Read Operations for DDR-II
The CY7C1418BV18 is organized internally as two arrays of 1M
x 18. Accesses are completed in a burst of two sequential 18-bit
data words. Read operations are initiated by asserting R/W
HIGH and LD LOW at the rising edge of the positive input clock
(K). The address presented to address inputs is stored in the
read address register and the least significant bit of the address
is presented to the burst counter. The burst counter increments
the address in a linear fashion. Following the next K clock rise,
the corresponding 18-bit word of data from this address location
is driven onto the Q[17:0] using C as the output timing reference.
On the subsequent rising edge of C the next 18-bit data word
from the address location generated by the burst counter is
driven onto the Q[17:0]. The requested data is valid 0.45 ns from
the rising edge of the output clock (C or C, or K and K when in
single clock mode, 200 MHz and 250 MHz device). To maintain
the internal logic, each read access must be allowed to
complete. Initiate read accesses on every rising edge of the
positive input clock (K).
On deselecting the read access, the CY7C1418BV18 first
completes the pending read transactions. Synchronous internal
circuitry automatically tri-states the output following the next
rising edge of the positive output clock (C). This enables for a
transition between the devices without the insertion of wait states
in a depth expanded memory.
Write Operations
Write operations are initiated by asserting R/W LOW and LD
LOW at the rising edge of the positive input clock (K). The
address presented to address inputs is stored in the write
address register and the least significant bit of the address is
presented to the burst counter. The burst counter increments the
address in a linear fashion. On the following K clock rise the data
presented to D[17:0] is latched and stored into the 18-bit write
data register, provided BWS[1:0] are both asserted active. On the
subsequent rising edge of the negative input clock (K) the infor-
mation presented to D[17:0] is also stored into the write data
register, provided BWS[1:0] are both asserted active. The 36 bits
of data are then written into the memory array at the specified
location. Initiate write accesses on every rising edge of the
positive input clock (K). Doing so pipelines the data flow such
that 18 bits of data transfers into the device on every rising edge
of the input clocks (K and K).
When write access is deselected, the device ignores all inputs
after the pending write operations have been completed.
Byte Write Operations
Byte write operations are supported by the CY7C1418BV18. A
write operation is initiated as described in the Write Operations
section. The bytes that are written are determined by BWS0 and
BWS1, which are sampled with each set of 18-bit data words.
Asserting the appropriate Byte Write Select input during the data
portion of a write latches the data being presented and writes it
into the device. Deasserting the Byte Write Select input during
the data portion of a write enables the data stored in the device
for that byte to remain unaltered. Use this feature to simplify
read, modify, or write operations to a byte write operation.
Single Clock Mode
Use the CY7C1418BV18 with a single clock that controls both
the input and output registers. In this mode the device recog-
nizes only a single pair of input clocks (K and K) that control both
the input and output registers. This operation is identical to the
operation if the device had zero skew between the K/K and C/C
clocks. All timing parameters remain the same in this mode. To
use this mode of operation, the user must tie C and C HIGH at
power on. This function is a strap option and not alterable during
device operation.
DDR Operation
The CY7C1418BV18 enables high performance operation
through high clock frequencies (achieved through pipelining) and
double data rate mode of operation. The CY7C1418BV18
requires a single No Operation (NOP) cycle when transitioning
from a read to a write cycle. At higher frequencies, some appli-
cations may require a second NOP cycle to avoid contention.
If a read occurs after a write cycle, address and data for the write
are stored in registers. The write information must be stored
because the SRAM cannot perform the last word write to the
array without conflicting with the read. The data stays in this
register until the next write cycle occurs. On the first write cycle
after the read(s), the stored data from the earlier write is written
into the SRAM array. This is called a posted write.
If a read is performed on the same address on which a write is
performed in the previous cycle, the SRAM reads out the most
current data. The SRAM does this by bypassing the memory
array and reading the data from the registers.
[+] Feedback


Similar Part No. - CY7C1416BV18-267BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1416BV18-200BZC CYPRESS-CY7C1416BV18-200BZC Datasheet
1Mb / 28P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1416BV18-200BZI CYPRESS-CY7C1416BV18-200BZI Datasheet
1Mb / 28P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1416BV18-200BZXC CYPRESS-CY7C1416BV18-200BZXC Datasheet
1Mb / 28P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1416BV18-200BZXI CYPRESS-CY7C1416BV18-200BZXI Datasheet
1Mb / 28P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1416BV18-250BZC CYPRESS-CY7C1416BV18-250BZC Datasheet
1Mb / 28P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1416BV18-267BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1416KV18 CYPRESS-CY7C1416KV18 Datasheet
1Mb / 32P
   36-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1416JV18 CYPRESS-CY7C1416JV18 Datasheet
630Kb / 26P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1416AV18 CYPRESS-CY7C1416AV18_06 Datasheet
495Kb / 28P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1416AV18 CYPRESS-CY7C1416AV18 Datasheet
272Kb / 24P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1416BV18 CYPRESS-CY7C1416BV18 Datasheet
1Mb / 28P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1422JV18 CYPRESS-CY7C1422JV18 Datasheet
678Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422KV18 CYPRESS-CY7C1422KV18 Datasheet
944Kb / 32P
   36-Mbit DDR II SIO SRAM 2-Word Burst Architecture
CY7C1422AV18 CYPRESS-CY7C1422AV18 Datasheet
466Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422BV18 CYPRESS-CY7C1422BV18 Datasheet
1Mb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422BV18 CYPRESS-CY7C1422BV18_07 Datasheet
658Kb / 30P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com