Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1380CV25-167AC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1380CV25-167AC
Description  18-Mbit (512K x 36/1M x 18) Pipelined SRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1380CV25-167AC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1380CV25-167AC Datasheet HTML 4Page - Cypress Semiconductor CY7C1380CV25-167AC Datasheet HTML 5Page - Cypress Semiconductor CY7C1380CV25-167AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1380CV25-167AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1380CV25-167AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1380CV25-167AC Datasheet HTML 9Page - Cypress Semiconductor CY7C1380CV25-167AC Datasheet HTML 10Page - Cypress Semiconductor CY7C1380CV25-167AC Datasheet HTML 11Page - Cypress Semiconductor CY7C1380CV25-167AC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
CY7C1380CV25
CY7C1382CV25
Document #: 38-05240 Rev. *C
Page 8 of 33
VDDQ
4,11,20,27,54,
61,70,
77
A1,F1,J1,M1,U1,
A7,F7,J7,M7,U7
C3,C9,D3,D9,
E3,E9,F3,F9,G
3,
G9,J3,J9,
K3,K9,L3,
L9,M3,M9,N3,
N9
I/O Power
Supply
Power supply for the I/O circuitry.
MODE
31
R3
R1
Input-
Static
Selects Burst Order. When tied to GND selects
linear burst sequence. When tied to VDD or left
floating selects interleaved burst sequence.
This is a strap pin and should remain static
during device operation. Mode Pin has an
internal pull-up.
TDO
-
U5
P7
JTAG serial
output
Synchronous
Serial data-out to the JTAG circuit. Delivers
data on the negative edge of TCK. If the JTAG
feature is not being utilized, this pin should be
disconnected. This pin is not available on TQFP
packages.
TDI
-
U3
P5
JTAG serial
input
Synchronous
Serial data-In to the JTAG circuit. Sampled on
the rising edge of TCK. If the JTAG feature is not
being utilized, this pin can be disconnected or
connected to VDD. This pin is not available on
TQFP packages.
TMS
-
U2
R5
JTAG serial
input
Synchronous
Serial data-In to the JTAG circuit. Sampled on
the rising edge of TCK. If the JTAG feature is not
being utilized, this pin can be disconnected or
connected to VDD. This pin is not available on
TQFP packages.
TCK
-
U4
R7
JTAG-Clock Clock input to the JTAG circuitry. If the JTAG
feature is not being utilized, this pin must be
connected to VSS. This pin is not available on
TQFP packages.
NC
14,16,66,
39,38
B1,C1,
R1,T1,T2,J3,
D4,
L4,J5,R5,6T,
6U,
B7,C7,
R7
A11,B1,C2,
C10,H1,H3,H9
,H10,
N2,N5,N7,N10
,P1,A1,B11,P2
,R2,N6
-
No Connects. Not internally connected to the
die
CY7C1380CV25–Pin Definitions (continued)
Name
TQFP
BGA
fBGA
I/O
Description
CY7C1382CV25–Pin Definitions
Name
TQFP
BGA
fBGA
I/O
Description
A0, A1, A
37,36,32,
33,34,35,
42,43,44,
45,46,47,
48,49,50,
80,81,82,
99,100
P4,N4,
A2,B2,
C2,R2,
T2,A3,
B3,C3,
T3,A5,
B5,C5,
T5,A6,
B6,C6,
R6,T6
R6,P6,A2,
A10,A11,
B2,B10,P3,P4,N6,P
8,P9,
P10,P11,
R3,R4,R8,R9,R10,
R11
Input-
Synchronous
Address Inputs used to select one of the
address locations. Sampled at the rising
edge of the CLK if ADSP or ADSC is active
LOW, and CE1, CE2, and CE3 are sampled
active. A1: A0 are fed to the two-bit counter..
BWA,BWB
93,94
G3,L5
B5,A4
Input-
Synchronous
Byte Write Select Inputs, active LOW.
Qualified with BWE to conduct byte writes to
the SRAM. Sampled on the rising edge of CLK.


Similar Part No. - CY7C1380CV25-167AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380CV25-167AC CYPRESS-CY7C1380CV25-167AC Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
More results

Similar Description - CY7C1380CV25-167AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380D CYPRESS-CY7C1380D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380DV25 CYPRESS-CY7C1380DV25 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D_06 Datasheet
511Kb / 28P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25_06 Datasheet
553Kb / 27P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com