Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1410V18-250BZC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1410V18-250BZC
Description  36-Mbit QDR-II??SRAM 2-Word Burst Architecture
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1410V18-250BZC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1410V18-250BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1410V18-250BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1410V18-250BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1410V18-250BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1410V18-250BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C1410V18-250BZC Datasheet HTML 12Page - Cypress Semiconductor CY7C1410V18-250BZC Datasheet HTML 13Page - Cypress Semiconductor CY7C1410V18-250BZC Datasheet HTML 14Page - Cypress Semiconductor CY7C1410V18-250BZC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
PRELIMINARY
CY7C1410V18
CY7C1425V18
CY7C1412V18
CY7C1414V18
Document #: 38-05592 Rev. **
Page 11 of 23
Maximum Ratings
(Above which the useful life may be impaired.)
Storage Temperature ................................. –65°C to +150°C
Ambient Temperature with
Power Applied............................................... –10°C to +85°C
Supply Voltage on VDD Relative to GND........ –0.5V to +2.9V
DC Voltage Applied to Outputs
in High-Z State .................................... –0.5V to VDDQ + 0.3V
DC Input Voltage[12] ............................ –0.5V to VDDQ + 0.3V
Current into Outputs (LOW)......................................... 20 mA
Static Discharge Voltage.......................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-up Current.................................................... > 200 mA
Operating Range
Range
Ambient
Temperature (TA)VDD
[13]
VDDQ
[13]
Com’l
0°C to +70°C
1.8
± 0.1 V
1.4V to VDD
Electrical Characteristics Over the Operating Range[9, 13]
DC Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Power Supply Voltage
1.7
1.8
1.9
V
VDDQ
I/O Supply Voltage
1.4
1.5
VDD
V
VOH
Output HIGH Voltage
[10]
VDDQ/2 – 0.12
VDDQ/2 + 0.12
V
VOL
Output LOW Voltage
[11]
VDDQ/2 – 0.12
VDDQ/2 + 0.12
V
VOH(LOW)
Output HIGH Voltage
IOH = −0.1 mA, Nominal Impedance
VDDQ – 0.2
VDDQ
V
VOL(LOW)
Output LOW Voltage
IOL = 0.1 mA, Nominal Impedance
VSS
0.2
V
VIH
Input HIGH Voltage[12]
VREF + 0.1
VDDQ+0.3
V
VIL
Input LOW Voltage[12]
–0.3
VREF – 0.1
V
IX
Input Load Current
GND
≤ V
I ≤ VDDQ
−55
µA
IOZ
Output Leakage Current
GND
≤ V
I ≤ VDDQ, Output Disabled
−55
µA
VREF
Input Reference Voltage[14] Typical Value = 0.75V
0.68
0.75
0.95
V
IDD
VDD Operating Supply
VDD = Max., IOUT = 0
mA, f = fMAX = 1/tCYC
167 MHz
TBD
mA
200 MHz
TBD
mA
250 MHz
TBD
mA
ISB1
Automatic Power-down
Current
Max. VDD, Both Ports
Deselected, VIN ≥ VIH
or VIN ≤ VIL f = fMAX =
1/tCYC, Inputs Static
167 MHz
TBD
mA
200 MHz
TBD
mA
250 MHz
TBD
mA
Shaded areas contain advance information.
Please contact your local Cypress Sales representative for availability of these parts.
AC Input Requirements Over the Operating Range
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Unit
VIH
Input High (Logic 1) Voltage
VREF + 0.2
V
VIL
Input Low (Logic 0) Voltage
VREF - 0.2
V
Notes:
9. All voltage referenced to Ground.
10. Output are impedance controlled. IOH = –(VDDQ/2)/(RQ/5) for values of 175Ω <= RQ <= 350Ωs.
11. Output are impedance controlled. IOL = (VDDQ/2)/(RQ/5) for values of 175Ω <= RQ <= 350Ω.
12. Overshoot: VIH(AC) < VDDQ +0.85V (Pulse width less than tCYC/2), Undershoot: VIL(AC) > –1.5V (Pulse width less than tCYC/2).
13. Power-up: Assumes a linear ramp from 0V to VDD(min.) within 200 ms. During this time VIH < VDD and VDDQ < VDD.
14. VREF (Min.) = 0.68V or 0.46VDDQ, whichever is larger, VREF (Max.) = 0.95V or 0.54VDDQ, whichever is smaller.


Similar Part No. - CY7C1410V18-250BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C14101KV18 CYPRESS-CY7C14101KV18 Datasheet
894Kb / 31P
   36-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18 Datasheet
277Kb / 23P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18 Datasheet
1Mb / 25P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410AV18-167BZC CYPRESS-CY7C1410AV18-167BZC Datasheet
277Kb / 23P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410AV18-167BZC CYPRESS-CY7C1410AV18-167BZC Datasheet
1Mb / 25P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1410V18-250BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1410AV18 CYPRESS-CY7C1410AV18 Datasheet
277Kb / 23P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18_07 Datasheet
1Mb / 25P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410BV18 CYPRESS-CY7C1410BV18 Datasheet
1Mb / 26P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410JV18 CYPRESS-CY7C1410JV18 Datasheet
629Kb / 26P
   36-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18_09 Datasheet
675Kb / 29P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1410BV18 CYPRESS-CY7C1410BV18_09 Datasheet
672Kb / 28P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1410JV18 CYPRESS-CY7C1410JV18_09 Datasheet
653Kb / 26P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1411BV18 CYPRESS-CY7C1411BV18 Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1411AV18 CYPRESS-CY7C1411AV18_09 Datasheet
735Kb / 31P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1411BV18_0709 CYPRESS-CY7C1411BV18_0709 Datasheet
705Kb / 30P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com