Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICY7C1387CV25-167BGI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # ICY7C1387CV25-167BGI
Description  18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

ICY7C1387CV25-167BGI Datasheet(HTML) 2 Page - Cypress Semiconductor

  ICY7C1387CV25-167BGI Datasheet HTML 1Page - Cypress Semiconductor ICY7C1387CV25-167BGI Datasheet HTML 2Page - Cypress Semiconductor ICY7C1387CV25-167BGI Datasheet HTML 3Page - Cypress Semiconductor ICY7C1387CV25-167BGI Datasheet HTML 4Page - Cypress Semiconductor ICY7C1387CV25-167BGI Datasheet HTML 5Page - Cypress Semiconductor ICY7C1387CV25-167BGI Datasheet HTML 6Page - Cypress Semiconductor ICY7C1387CV25-167BGI Datasheet HTML 7Page - Cypress Semiconductor ICY7C1387CV25-167BGI Datasheet HTML 8Page - Cypress Semiconductor ICY7C1387CV25-167BGI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
CY7C1386CV25
CY7C1387CV25
Document #: 38-05242 Rev. *A
Page 2 of 36
1
2
ADDRESS
REGISTER
ADV
CLK
BURST
COUNTER AND
LOGIC
CLR
Q1
Q0
ADSP
ADSC
MODE
BWD
BWC
BWB
BWA
BWE
GW
CE1
CE2
CE3
OE
DQD,DQPD
BYTE
WRITE REGISTER
DQc,DQPC
BYTE
WRITE REGISTER
DQB,DQPB
BYTE
WRITE REGISTER
DQA,DQPA
BYTE
WRITE REGISTER
ENABLE
REGISTER
PIPELINED
ENABLE
OUTPUT
REGISTERS
SENSE
AMPS
MEMORY
ARRAY
OUTPUT
BUFFERS
DQA,DQPA
BYTE
WRITE DRIVER
DQB,DQPB
BYTE
WRITE DRIVER
DQc,DQPC
BYTE
WRITE DRIVER
DQD,DQPD
BYTE
WRITE DRIVER
INPUT
REGISTERS
A0,A1,A
A[1:0]
SLEEP
CONTROL
ZZ
E
2
DQs
DQPA
DQPB
DQPC
DQPD
Logic Block Diagram – CY7C1386CV25 (512K x 36)
ADDRESS
REGISTER
ADV
CLK
BURST
COUNTER AND
LOGIC
CLR
Q1
Q0
ADSC
BWB
BWA
CE1
DQB, DQPB
BYTE
WRITE REGISTER
DQA , DQPA
BYTE
WRITE REGISTER
ENABLE
REGISTER
OE
SENSE
AMPS
MEMORY
ARRAY
ADSP
2
A[1:0]
MODE
CE2
CE3
GW
BWE
PIPELINED
ENABLE
DQs,
DQPA
DQPB
OUTPUT
REGISTERS
INPUT
REGISTERS
E
OUTPUT
BUFFERS
DQB , DQPB
BYTE
WRITE DRIVER
DQA, DQPA
BYTE
WRITE DRIVER
SLEEP
CONTROL
ZZ
A0, A1, A
Logic Block Diagram – CY7C1387CV25 (1M x 18)


Similar Part No. - ICY7C1387CV25-167BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
ICY7C1387C-167BGI CYPRESS-ICY7C1387C-167BGI Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
More results

Similar Description - ICY7C1387CV25-167BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1386C CYPRESS-CY7C1386C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386B CYPRESS-CY7C1386B Datasheet
789Kb / 32P
   512K x 36/1M x 18 Pipelined DCD SRAM
CY7C1366B CYPRESS-CY7C1366B Datasheet
550Kb / 32P
   9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1386D CYPRESS-CY7C1386D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1387D CYPRESS-CY7C1387D Datasheet
481Kb / 29P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1444AV25 CYPRESS-CY7C1444AV25 Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
479Kb / 26P
   36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com