Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1380CV25-225BZC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1380CV25-225BZC
Description  18-Mbit (512K x 36/1M x 18) Pipelined SRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1380CV25-225BZC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1380CV25-225BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1380CV25-225BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1380CV25-225BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1380CV25-225BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1380CV25-225BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1380CV25-225BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1380CV25-225BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C1380CV25-225BZC Datasheet HTML 12Page - Cypress Semiconductor CY7C1380CV25-225BZC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
CY7C1380CV25
CY7C1382CV25
Document #: 38-05240 Rev. *C
Page 9 of 33
GW
88
H4
B7
Input-
Synchronous
Global Write Enable Input, active LOW.
When asserted LOW on the rising edge of
CLK, a global write is conducted (ALL bytes
are written, regardless of the values on BWX
and BWE).
BWE
87
M4
A7
Input-
Synchronous
Byte Write Enable Input, active LOW.
Sampled on the rising edge of CLK. This signal
must be asserted LOW to conduct a byte write.
CLK
89
K4
B6
Input-
Clock
Clock Input. Used to capture all synchronous
inputs to the device. Also used to increment the
burst counter when ADV is asserted LOW,
during a burst operation.
CE1
98
E4
A3
Input-
Synchronous
Chip Enable 1 Input, active LOW. Sampled
on the rising edge of CLK. Used in conjunction
with CE2 and CE3 to select/deselect the
device. ADSP is ignored if CE1 is HIGH.
CE2[2]
97
-
B3
Input-
Synchronous
Chip Enable 2 Input, active HIGH. Sampled
on the rising edge of CLK. Used in conjunction
with CE1 and CE3 to select/deselect the
device.
CE3 [2]
92
-
A6
Input-
Synchronous
Chip Enable 3 Input, active LOW. Sampled
on the rising edge of CLK. Used in conjunction
with CE1 and CE2 to select/deselect the
device. Not available for AJ package
version.Not connected for BGA. Where refer-
enced, CE3 is assumed active throughout this
document for BGA.
OE
86
F4
B8
Input-
Asynchronou
s
Output Enable, asynchronous input, active
LOW. Controls the direction of the I/O pins.
When LOW, the I/O pins behave as outputs.
When deasserted HIGH, I/O pins are
three-stated, and act as input data pins. OE is
masked during the first clock of a read cycle
when emerging from a deselected state.
ADV
83
G4
A9
Input-
Synchronous
Advance Input signal, sampled on the
rising edge of CLK, active LOW. When
asserted, it automatically increments the
address in a burst cycle.
ADSP
84
A4
B9
Input-
Synchronous
Address Strobe from Processor, sampled
on the rising edge of CLK, active LOW.
When asserted LOW, addresses presented to
the device are captured in the address
registers. A1: A0 are also loaded into the burst
counter. When ADSP and ADSC are both
asserted, only ADSP is recognized. ASDP is
ignored when CE1 is deasserted HIGH.
ADSC
85
P4
A8
Input-
Synchronous
Address Strobe from Controller, sampled
on the rising edge of CLK, active LOW.
When asserted LOW, addresses presented to
the device are captured in the address
registers. A1: A0 are also loaded into the burst
counter. When ADSP and ADSC are both
asserted, only ADSP is recognized.
CY7C1382CV25–Pin Definitions (continued)
Name
TQFP
BGA
fBGA
I/O
Description


Similar Part No. - CY7C1380CV25-225BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380CV25-225BZC CYPRESS-CY7C1380CV25-225BZC Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
More results

Similar Description - CY7C1380CV25-225BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380D CYPRESS-CY7C1380D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380DV25 CYPRESS-CY7C1380DV25 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D_06 Datasheet
511Kb / 28P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25_06 Datasheet
553Kb / 27P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com