Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1373DV25-133BZXI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1373DV25-133BZXI
Description  18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1373DV25-133BZXI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1373DV25-133BZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1373DV25-133BZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1373DV25-133BZXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1373DV25-133BZXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1373DV25-133BZXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1373DV25-133BZXI Datasheet HTML 12Page - Cypress Semiconductor CY7C1373DV25-133BZXI Datasheet HTML 13Page - Cypress Semiconductor CY7C1373DV25-133BZXI Datasheet HTML 14Page - Cypress Semiconductor CY7C1373DV25-133BZXI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
CY7C1371DV25
CY7C1373DV25
Document #: 38-05557 Rev. *D
Page 11 of 28
Partial Truth Table for Read/Write[2, 3, 9]
Function (CY7C1371DV25)
WE
BWA
BWB
BWC
BWD
Read
H
XXXX
Write No bytes written
L
HHHH
Write Byte A – (DQA and DQPA)
L
L
HHH
Write Byte B – (DQB and DQPB)L
H
L
H
H
Write Byte C – (DQC and DQPC)L
H
H
L
H
Write Byte D – (DQD and DQPD)
L
HHH
L
Write All Bytes
LLLL
L
Partial Truth Table for Read/Write[2, 3, 9]
Function (CY7C1373DV25)
WE
BWA
BWB
Read
H
X
X
Write - No bytes written
L
H
H
Write Byte A – (DQA and DQPA)L
L
H
Write Byte B – (DQB and DQPB)L
H
L
Write All Bytes
L
L
L
Note:
9. Table only lists a partial listing of the byte write combinations. Any Combination of BWX is valid. Appropriate write will be done based on which byte write is active.


Similar Part No. - CY7C1373DV25-133BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1373D CYPRESS-CY7C1373D Datasheet
447Kb / 30P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture
CY7C1373D CYPRESS-CY7C1373D Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1373D-100AXC CYPRESS-CY7C1373D-100AXC Datasheet
447Kb / 30P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture
CY7C1373D-100AXC CYPRESS-CY7C1373D-100AXC Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1373D-100AXC CYPRESS-CY7C1373D-100AXC Datasheet
1Mb / 37P
   18-Mbit (512 K 횞 36/1 M 횞 18) Flow-Through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1373DV25-133BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1371D CYPRESS-CY7C1371D_07 Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371C CYPRESS-CY7C1371C Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1461AV25 CYPRESS-CY7C1461AV25 Datasheet
459Kb / 29P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D_06 Datasheet
511Kb / 28P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25_06 Datasheet
553Kb / 27P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D Datasheet
344Kb / 30P
   18-Mbit (512K X 36/1M X 18) Pipelined SRAM with NoBL Architecture
CY7C1371D CYPRESS-CY7C1371D Datasheet
447Kb / 30P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture
CY7C1461AV33 CYPRESS-CY7C1461AV33_08 Datasheet
859Kb / 32P
   36 Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1371B CYPRESS-CY7C1371B Datasheet
876Kb / 26P
   512K x 36/1M x 18 Flow-Thru SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com