Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1399B-12VXC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1399B-12VXC
Description  256K(32K x 8) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1399B-12VXC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1399B-12VXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1399B-12VXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1399B-12VXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1399B-12VXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1399B-12VXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1399B-12VXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1399B-12VXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1399B-12VXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1399B-12VXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CY7C1399B
Document #: 38-05071 Rev. *D
Page 2 of 10
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied............................................. –55
°C to +125°C
Supply Voltage on VCC to Relative GND
[2] .... –0.5V to +4.6V
DC Voltage Applied to Outputs
in High Z State[2] ....................................–0.5V to VCC + 0.5V
DC Input Voltage[2].................................–0.5V to VCC + 0.5V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage........................................... >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current .................................................... >200 mA
Pin Configuration
22
23
24
25
26
27
28
1
2
5
10
11
15
14
13
12
16
19
18
17
Top View
TSOP
3
4
20
21
7
6
8
9
OE
A1
A2
A3
A4
WE
VCC
A5
A6
A7
A8
A9
A0
CE
I/O7
I/O6
I/O5
GND
I/O2
I/O1
I/O4
I/O0
A14
A10
A11
A13
A12
I/O3
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
3.3V
±300 mV
Industrial
–40
°C to +85°C
3.3V
±300 mV
Electrical Characteristics Over the Operating Range[1]
7C1399B-10
7C1399B-12
Parameter
Description
Test Conditions
Min.
Max.
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –2.0 mA
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 4.0 mA
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
VCC
+0.3V
2.2
VCC
+0.3V
V
VIL
Input LOW Voltage[2]
–0.3
0.8
–0.3
0.8
V
IIX
Input Load Current
–1
+1
–1
+1
µA
IOZ
Output Leakage
Current
GND
≤ V
I ≤ VCC,
Output Disabled
–5
+5
–5
+5
µA
IOS
Output Short
Circuit Current[3]
VCC = Max., VOUT = GND
–300
–300
mA
ICC
VCC Operating
Supply Current
VCC = Max., IOUT = 0 mA,
f = fMAX = 1/tRC
60
55
mA
ISB1
Automatic CE Power-Down
Current — TTL Inputs
Max. VCC, CE ≥ VIH,
VIN ≥ VIH, or VIN ≤ VIL,f = fMAX
5
5
mA
L4
4
mA
ISB2
Automatic CE Power-Down
Current — CMOS Inputs[4]
Max. VCC, CE ≥ VCC – 0.3V, VIN
VCC – 0.3V, or VIN ≤ 0.3V,
WE
≥V
CC – 0.3V or WE ≤0.3V,
f=fMAX
500
500
µA
L50
50
µA
Notes:
2. Minimum voltage is equal to – 2.0V for pulse durations of less than 20 ns.
3. Not more than one output should be shorted at one time. Duration of the short circuit should not exceed 30 seconds.
4. Device draws low standby current regardless of switching on the addresses.


Similar Part No. - CY7C1399B-12VXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B-12VC CYPRESS-CY7C1399B-12VC Datasheet
151Kb / 10P
   32K x 8 3.3V Static RAM
CY7C1399B-12VI CYPRESS-CY7C1399B-12VI Datasheet
151Kb / 10P
   32K x 8 3.3V Static RAM
More results

Similar Description - CY7C1399B-12VXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com