Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1380CV25 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1380CV25
Description  18-Mbit (512K x 36/1M x 18) Pipelined SRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1380CV25 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1380CV25_04 Datasheet HTML 6Page - Cypress Semiconductor CY7C1380CV25_04 Datasheet HTML 7Page - Cypress Semiconductor CY7C1380CV25_04 Datasheet HTML 8Page - Cypress Semiconductor CY7C1380CV25_04 Datasheet HTML 9Page - Cypress Semiconductor CY7C1380CV25_04 Datasheet HTML 10Page - Cypress Semiconductor CY7C1380CV25_04 Datasheet HTML 11Page - Cypress Semiconductor CY7C1380CV25_04 Datasheet HTML 12Page - Cypress Semiconductor CY7C1380CV25_04 Datasheet HTML 13Page - Cypress Semiconductor CY7C1380CV25_04 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
CY7C1380CV25
CY7C1382CV25
Document #: 38-05240 Rev. *C
Page 10 of 33
ZZ
64
T7
H11
Input-
Asynchronou
s
ZZ “sleep” Input, active HIGH. When
asserted HIGH places the device in a
non-time-critical “sleep” condition with data
integrity preserved. For normal operation, this
pin has to be LOW or left floating. ZZ pin has
an internal pull-down.
DQs,
DQPs
58,59,62,
63,68,69,
72,73,8,9,
12,13,18,
19,22,23,
74,24
P7,K7,
G7,E7,
F6,H6,L6,N6,
D1,
H1,L1,
N1,E2,
G2,K2,
M2,D6,
P2
J10,K10,
L10,M10,
D11,E11,
F11,G11,J1,K1,L1,M
1,D2,E2,F2,
G2,C11,N1
I/O-
Synchronous
Bidirectional Data I/O lines. As inputs, they
feed into an on-chip data register that is
triggered by the rising edge of CLK. As outputs,
they deliver the data contained in the memory
location specified by the addresses presented
during the previous clock rise of the read cycle.
The direction of the pins is controlled by OE.
When OE is asserted LOW, the pins behave
as outputs. When HIGH, DQs and DQPX are
placed in a three-state condition.
VDD
15,41,65,
91
C4,J2,J4,J6,
R4
D4,D8,E4,E8,F4,F8,
G4,G8,H4,
H8,J4,J8,
K4,K8,L4,
L8,M4,M8
Power Supply Power supply inputs to the core of the
device.
VSS
17,40,67,
90
D3,D5,
E5,E3,F3,F5,
G5,
H3,H5,
K3,K5,L3,M3,
M5,
N3,N5,
P3,P5
H2,C4,C5,C6,C7,C8
,D5,D6,D7,E5,E6,E7
,
F5,F6,F7,
G5,G6,G7,
H5,H6,H7,J5,J6,J7,
K5,K6,K7,
L5,L6,L7,
M5,M6,M7,N4,N8
Ground
Ground for the core of the device.
VSSQ
5,10,21,26,55,
60,71,
76
-
-
I/O Ground Ground for the I/O circuitry.
VDDQ
4,11,20,27,54,
61,70,
77
A1,A7,F1,F7,
J1,J7,M1,M7,
U1,U7
C3,C9,D3,D9,E3,E9
,
F3,F9,G3,
G9,J3,J9,
K3,K9,L3,
L9,M3,M9,N3,N9
I/O Power
Supply
Power supply for the I/O circuitry.
MODE
31
R3
R1
Input-
Static
Selects Burst Order. When tied to GND
selects linear burst sequence. When tied to
VDD or left floating selects interleaved burst
sequence. This is a strap pin and should
remain static during device operation. Mode
Pin has an internal pull-up.
TDO
-
U5
P7
JTAG serial
output
Synchronous
Serial data-out to the JTAG circuit. Delivers
data on the negative edge of TCK. If the JTAG
feature is not being utilized, this pin should be
left unconnected. This pin is not available on
TQFP packages.
TDI
-
U3
P5
JTAG serial
input
Synchronous
Serial data-In to the JTAG circuit. Sampled
on the rising edge of TCK. If the JTAG feature
is not being utilized, this pin can be left floating
or connected to VDD through a pull up resistor.
This pin is not available on TQFP packages.
CY7C1382CV25–Pin Definitions (continued)
Name
TQFP
BGA
fBGA
I/O
Description


Similar Part No. - CY7C1380CV25_04

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380CV25-167AC CYPRESS-CY7C1380CV25-167AC Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380CV25-167AI CYPRESS-CY7C1380CV25-167AI Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380CV25-167BGC CYPRESS-CY7C1380CV25-167BGC Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380CV25-167BGI CYPRESS-CY7C1380CV25-167BGI Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380CV25-167BZC CYPRESS-CY7C1380CV25-167BZC Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
More results

Similar Description - CY7C1380CV25_04

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380D CYPRESS-CY7C1380D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380DV25 CYPRESS-CY7C1380DV25 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D_06 Datasheet
511Kb / 28P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25_06 Datasheet
553Kb / 27P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com