Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1378C-166AXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1378C-166AXI
Description  9-Mbit (256K x 32) Pipelined SRAM with NoBL??Architecture
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1378C-166AXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1378C-166AXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1378C-166AXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1378C-166AXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1378C-166AXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1378C-166AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1378C-166AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1378C-166AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1378C-166AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1378C-166AXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CY7C1378C
Document #: 38-05687 Rev. *F
Page 3 of 13
Pin Definitions
Name
TQFP
I/O
Description
A0, A1, A
37, 36, 32, 33,
34, 35, 44, 45,
46, 47, 48, 49,
50, 81, 82, 83,
99, 100
Input-
Synchronous
Address Inputs used to select one of the 256K address locations.
Sampled at the rising edge of the CLK. A[1:0] are fed to the two-bit burst
counter.
BW[A:D]
93, 94, 95, 96
Input-
Synchronous
Byte Write Inputs, active LOW. Qualified with WE to conduct Writes to the
SRAM. Sampled on the rising edge of CLK.
WE
88
Input-
Synchronous
Write Enable Input, active LOW. Sampled on the rising edge of CLK if CEN
is active LOW. This signal must be asserted LOW to initiate a Write sequence.
ADV/LD
85
Input-
Synchronous
Advance/Load Input. Used to advance the on-chip address counter or load
a new address. When HIGH (and CEN is asserted LOW) the internal burst
counter is advanced. When LOW, a new address can be loaded into the
device for an access. After being deselected, ADV/LD should be driven LOW
in order to load a new address.
CLK
89
Input-Clock
Clock Input. Used to capture all synchronous inputs to the device. CLK is
qualified with CEN. CLK is only recognized if CEN is active LOW.
CE1
98
Input-
Synchronous
Chip Enable 1 Input, active LOW. Sampled on the rising edge of CLK. Used
in conjunction with CE2 and CE3 to select/deselect the device.
CE2
97
Input-
Synchronous
Chip Enable 2 Input, active HIGH. Sampled on the rising edge of CLK. Used
in conjunction with CE1 and CE3 to select/deselect the device.
CE3
92
Input-
Synchronous
Chip Enable 3 Input, active LOW. Sampled on the rising edge of CLK. Used
in conjunction with CE1 and CE2 to select/deselect the device.
OE
86
Input-
Asynchronous
Output Enable, asynchronous input, active LOW. Combined with the
synchronous logic block inside the device to control the direction of the I/O
pins. When LOW, the I/O pins are allowed to behave as outputs. When
deasserted HIGH, I/O pins are tri-stated, and act as input data pins. OE is
masked during the data portion of a write sequence, during the first clock
when emerging from a deselected state, when the device has been
deselected.
CEN
87
Input-
Synchronous
Clock Enable Input, active LOW. When asserted LOW the Clock signal is
recognized by the SRAM. When deasserted HIGH the Clock signal is
masked. Since deasserting CEN does not deselect the device, CEN can be
used to extend the previous cycle when required.
ZZ
64
Input-
Asynchronous
ZZ “sleep” Input. This active HIGH input places the device in a non-time
critical “sleep” condition with data integrity preserved. For normal operation,
this pin has to be LOW or left floating. ZZ pin has an internal pull-down.
DQs
52, 53, 56, 57,
58, 59, 62, 63,
68, 69, 72, 73,
74, 75, 78, 79,
2, 3, 6, 7, 8, 9,
12, 13, 18, 19,
22, 23, 24, 25,
28, 29
I/O-
Synchronous
Bidirectional Data I/O Lines. As inputs, they feed into an on-chip data
register that is triggered by the rising edge of CLK. As outputs, they deliver
the data contained in the memory location specified by A[16:0] during the clock
rise of the read cycle. The direction of the pins is controlled by OE and the
internal control logic. When OE is asserted LOW, the pins can behave as
outputs. When HIGH, DQs are placed in a tri-state condition. The outputs are
automatically tri-stated during the data portion of a Write sequence, during
the first clock when emerging from a deselected state, and when the device
is deselected, regardless of the state of OE.
MODE
31
Input
Strap pin
Mode Input. Selects the burst order of the device.
When tied to Gnd selects linear burst sequence. When tied to VDD or left
floating selects interleaved burst sequence.
VDD
15,41,65,91
Power Supply Power supply inputs to the core of the device.
VDDQ
4, 11, 20, 27,
54, 61, 70, 77
I/O Power
Supply
Power supply for the I/O circuitry.
VSS
5, 10, 17, 21,
26, 40, 55, 60,
67, 71, 76, 90
Ground
Ground for the device.


Similar Part No. - CY7C1378C-166AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1378B CYPRESS-CY7C1378B Datasheet
351Kb / 14P
   9-Mbit (256K x 32) Pipelined SRAM with NoBL Architecture
CY7C1378B-166AC CYPRESS-CY7C1378B-166AC Datasheet
351Kb / 14P
   9-Mbit (256K x 32) Pipelined SRAM with NoBL Architecture
More results

Similar Description - CY7C1378C-166AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1378B CYPRESS-CY7C1378B Datasheet
351Kb / 14P
   9-Mbit (256K x 32) Pipelined SRAM with NoBL Architecture
CY7C1379B CYPRESS-CY7C1379B Datasheet
465Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
CY7C1379C CYPRESS-CY7C1379C Datasheet
348Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G_06 Datasheet
330Kb / 12P
   4-Mbit (256K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25 Datasheet
338Kb / 25P
   9-Mbit ( 256K x 36/512K x 18 ) Pipelined SRAM with NoBL-TM Architecture
CY7C1334H CYPRESS-CY7C1334H Datasheet
575Kb / 13P
   2-Mbit (64K x 32) Pipelined SRAM with NoBL??Architecture
CY7C1352 CYPRESS-CY7C1352 Datasheet
187Kb / 12P
   256K x18 Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com