Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1321BV18-200BZI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1321BV18-200BZI
Description  18-Mbit DDR-II SRAM 4-Word Burst Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1321BV18-200BZI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1321BV18-200BZI Datasheet HTML 5Page - Cypress Semiconductor CY7C1321BV18-200BZI Datasheet HTML 6Page - Cypress Semiconductor CY7C1321BV18-200BZI Datasheet HTML 7Page - Cypress Semiconductor CY7C1321BV18-200BZI Datasheet HTML 8Page - Cypress Semiconductor CY7C1321BV18-200BZI Datasheet HTML 9Page - Cypress Semiconductor CY7C1321BV18-200BZI Datasheet HTML 10Page - Cypress Semiconductor CY7C1321BV18-200BZI Datasheet HTML 11Page - Cypress Semiconductor CY7C1321BV18-200BZI Datasheet HTML 12Page - Cypress Semiconductor CY7C1321BV18-200BZI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
CY7C1317BV18
CY7C1917BV18
CY7C1319BV18
CY7C1321BV18
Document Number: 38-05622 Rev. *C
Page 9 of 28
Application Example[1]
Truth Table[2, 3, 4, 5, 6, 7]
Operation
K
LD
R/W
DQ
DQ
DQ
DQ
Write Cycle:
Load address; wait one
cycle; input write data on
four consecutive K and K
rising edges.
L-H
L
L
D(A1) at K(t + 1)
↑ D(A2) at K(t + 1) ↑ D(A3) at K(t + 2) ↑ D(A4) at K(t + 2) ↑
Read Cycle:
Load address; wait one
and a half cycle; read
data on four consecutive
C and C rising edges.
L-H
L
H
Q(A1) at C(t + 1)
↑ Q(A2) at C(t + 2) ↑ Q(A3) at C(t + 2) ↑ Q(A4) at C(t + 3) ↑
NOP: No Operation
L-H
H
X
High-Z
High-Z
High-Z
High-Z
Standby: Clock Stopped Stopped X
X
Previous State
Previous State
Previous State
Previous State
Linear Burst Address Table (CY7C1319BV18 and CY7C1321BV18)
First Address (External)
Second Address (Internal)
Third Address (Internal)
Fourth Address (Internal)
X..X00
X..X01
X..X10
X..X11
X..X01
X..X10
X..X11
X..X00
X..X10
X..X11
X..X00
X..X01
X..X11
X..X00
X..X01
X..X10
Notes:
1. The above application shows 2 DDR-II being used.
2. X = “Don't Care,” H = Logic HIGH, L = Logic LOW,
represents rising edge.
3. Device will power-up deselected and the outputs in a tri-state condition.
4. On CY7C1319BV18 and CY7C1321BV18, “A1” represents address location latched by the devices when transaction was initiated and A2, A3, A4 represents
the addresses sequence in the burst. On CY7C1317BV18, “A1” represents A + ‘00’, A2 represents A + ‘01’, “A3” represents A + ‘10’ and “A4” represents A + ‘11’.
5. “t” represents the cycle at which a Read/Write operation is started. t+1, t + 2 and t +3 are the first, second and third clock cycles succeeding the “t” clock cycle.
6. Data inputs are registered at K and K rising edges. Data outputs are delivered on C and C rising edges, except when in single clock mode.
7. It is recommended that K = K and C = C = HIGH when clock is stopped. This is not essential, but permits most rapid restart by overcoming transmission line
charging symmetrically.
LD#
Vterm = 0.75V
Vterm = 0.75V
CC#
R/W#
ZQ
CQ/CQ#
K#
DQ
A
K
LD#
C C#
R/W#
ZQ
CQ/CQ#
K#
DQ
A
K
BUS
MASTER
(CPU
or
ASIC)
SRAM#1
SRAM#2
DQ
Addresses
Cycle Start#
R/W#
Return CLK
Source CLK
Return CLK#
Source CLK#
Echo Clock1/Echo Clock#1
Echo Clock2/Echo Clock#2
R = 50ohms
R = 250ohms
R = 250ohms


Similar Part No. - CY7C1321BV18-200BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1321AV18 CYPRESS-CY7C1321AV18 Datasheet
492Kb / 20P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1321AV18-167BZC CYPRESS-CY7C1321AV18-167BZC Datasheet
492Kb / 20P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1321AV18-200BZC CYPRESS-CY7C1321AV18-200BZC Datasheet
492Kb / 20P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1321AV18-250BZC CYPRESS-CY7C1321AV18-250BZC Datasheet
492Kb / 20P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1321CV18 CYPRESS-CY7C1321CV18 Datasheet
696Kb / 31P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
More results

Similar Description - CY7C1321BV18-200BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1317CV18 CYPRESS-CY7C1317CV18 Datasheet
696Kb / 31P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1317AV18 CYPRESS-CY7C1317AV18 Datasheet
492Kb / 20P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1318CV18 CYPRESS-CY7C1318CV18_11 Datasheet
1Mb / 29P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1319KV18 CYPRESS-CY7C1319KV18_13 Datasheet
503Kb / 31P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18_06 Datasheet
515Kb / 28P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1317KV18 CYPRESS-CY7C1317KV18 Datasheet
1Mb / 33P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18 Datasheet
257Kb / 24P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C13201KV18 CYPRESS-CY7C13201KV18 Datasheet
1Mb / 23P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1319KV18 CYPRESS-CY7C1319KV18_12 Datasheet
465Kb / 31P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1318BV18 CYPRESS-CY7C1318BV18_11 Datasheet
1Mb / 31P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com