Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1911CV18-278BZXI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1911CV18-278BZXI
Description  18-Mbit QDR??II SRAM 4-Word Burst Architecture
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1911CV18-278BZXI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1911CV18-278BZXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1911CV18-278BZXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1911CV18-278BZXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1911CV18-278BZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1911CV18-278BZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1911CV18-278BZXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1911CV18-278BZXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1911CV18-278BZXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1911CV18-278BZXI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
CY7C1311CV18, CY7C1911CV18
CY7C1313CV18, CY7C1315CV18
Document Number: 001-07165 Rev. *C
Page 8 of 31
Functional Overview
The
CY7C1311CV18,
CY7C1911CV18,
CY7C1313CV18,
CY7C1315CV18 are synchronous pipelined Burst SRAMs with
a read port and a write port. The read port is dedicated to read
operations and the write port is dedicated to write operations.
Data flows into the SRAM through the write port and flows out
through the read port. These devices multiplex the address
inputs in order to minimize the number of address pins required.
By having separate read and write ports, the QDR-II completely
eliminates the need to “turn-around” the data bus and avoids any
possible data contention, thereby simplifying system design.
Each access consists of four 8-bit data transfers in the case of
CY7C1311CV18, four 9-bit data transfers in the case of
CY7C1911CV18, four 18-bit data transfers in the case of
CY7C1313CV18, and four 36-bit data transfers in the case of
CY7C1315CV18 in two clock cycles.
This device operates with a read latency of one and a half cycles
when the DOFF pin is tied HIGH. When the DOFF pin is set LOW
or connected to VSS the device behaves in QDR-I mode with a
read latency of one clock cycle.
Accesses for both ports are initiated on the positive input clock
(K). All synchronous input timing is referenced from the rising
edge of the input clocks (K and K) and all output timing is refer-
enced to the output clocks (C and C, or K and K when in single
clock mode).
All synchronous data inputs (D[x:0]) pass through input registers
controlled by the input clocks (K and K). All synchronous data
outputs (Q[x:0]) pass through output registers controlled by the
rising edge of the output clocks (C and C, or K and K when in
single clock mode).
All synchronous control (RPS, WPS, BWS[x:0]) inputs pass
through input registers controlled by the rising edge of the input
clocks (K and K).
CY7C1313CV18 is described in the following sections. The
same
basic
descriptions
apply
to
CY7C1311CV18,
CY7C1911CV18, and CY7C1315CV18.
Read Operations
The CY7C1313CV18 is organized internally as four arrays of
256K x 18. Accesses are completed in a burst of four sequential
18-bit data words. Read operations are initiated by asserting
RPS active at the rising edge of the positive input clock (K). The
address presented to address inputs is stored in the read
address register. Following the next K clock rise, the
corresponding lowest order 18-bit word of data is driven onto the
Q[17:0] using C as the output timing reference. On the
subsequent rising edge of C the next 18-bit data word is driven
onto the Q[17:0]. This process continues until all four 18-bit data
words have been driven out onto Q[17:0]. The requested data is
valid 0.45 ns from the rising edge of the output clock (C or C, or
K or K when in single clock mode). In order to maintain the
internal logic, each read access must be allowed to complete.
Each read access consists of four 18-bit data words and takes
two clock cycles to complete. Therefore, read accesses to the
device can not be initiated on two consecutive K clock rises. The
internal logic of the device ignores the second read request.
Read accesses can be initiated on every other K clock rise.
Doing so pipelines the data flow such that data is transferred out
of the device on every rising edge of the output clocks (C and C,
or K and K when in single clock mode).
When the read port is deselected, the CY7C1311CV18 first
completes the pending read transactions. Synchronous internal
circuitry automatically tri-states the outputs following the next
rising edge of the positive output clock (C). This enables for a
seamless transition between devices without the insertion of wait
states in a depth expanded memory.
Write Operations
Write operations are initiated by asserting WPS active at the
rising edge of the positive input clock (K). On the following K
clock rise the data presented to D[17:0] is latched and stored into
the lower 18-bit write data register, provided BWS[1:0] are both
asserted active. On the subsequent rising edge of the negative
input clock (K) the information presented to D[17:0] is also stored
in the write data register, provided BWS[1:0] are both asserted
active. This process continues for one more cycle until four 18-bit
words (a total of 72 bits) of data are stored in the SRAM. The 72
bits of data are then written into the memory array at the specified
location. Therefore, write accesses to the device cannot be
initiated on two consecutive K clock rises. The internal logic of
the device ignores the second write request. Write accesses can
be initiated on every other rising edge of the positive input clock
(K). Doing so pipelines the data flow such that 18 bits of data can
be transferred into the device on every rising edge of the input
clocks (K and K).
When deselected, the write port ignores all inputs after the
pending write operations have been completed.
Byte Write Operations
Byte write operations are supported by the CY7C1311CV18. A
write operation is initiated as described in the Write Operations
section. The bytes that are written are determined by BWS0 and
BWS1, which are sampled with each set of 18-bit data words.
Asserting the appropriate Byte Write Select input during the data
portion of a write latches the data being presented and writes it
into the device. Deasserting the Byte Write Select input during
the data portion of a write enables the data stored in the device
for that byte to remain unaltered. This feature can be used to
simplify read, modify, or write operations to a byte write
operation.
Single Clock Mode
The CY7C1311CV18 can be used with a single clock that
controls both the input and output registers. In this mode the
device recognizes only a single pair of input clocks (K and K) that
control both the input and output registers. This operation is
identical to the operation if the device had zero skew between
the K/K and C/C clocks. All timing parameters remain the same
in this mode. To use this mode of operation, the user must tie C
[+] Feedback


Similar Part No. - CY7C1911CV18-278BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1911BV18 CYPRESS-CY7C1911BV18 Datasheet
259Kb / 23P
   18-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1911BV18 CYPRESS-CY7C1911BV18 Datasheet
505Kb / 28P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1911BV18 CYPRESS-CY7C1911BV18 Datasheet
1Mb / 32P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1911BV18-167BZC CYPRESS-CY7C1911BV18-167BZC Datasheet
259Kb / 23P
   18-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1911BV18-167BZC CYPRESS-CY7C1911BV18-167BZC Datasheet
505Kb / 28P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture
More results

Similar Description - CY7C1911CV18-278BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1311BV18 CYPRESS-CY7C1311BV18 Datasheet
259Kb / 23P
   18-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1311BV18 CYPRESS-CY7C1311BV18_06 Datasheet
505Kb / 28P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1311BV18 CYPRESS-CY7C1311BV18_11 Datasheet
1Mb / 32P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1311JV18 CYPRESS-CY7C1311JV18 Datasheet
689Kb / 27P
   18-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1310BV18 CYPRESS-CY7C1310BV18_07 Datasheet
1Mb / 28P
   18-Mbit QDR??II SRAM 2 Word Burst Architecture
CY7C1310CV18 CYPRESS-CY7C1310CV18 Datasheet
1Mb / 26P
   18-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1310BV18 CYPRESS-CY7C1310BV18 Datasheet
262Kb / 25P
   18-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1310JV18 CYPRESS-CY7C1310JV18 Datasheet
639Kb / 26P
   18 Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1511KV18 CYPRESS-CY7C1511KV18_09 Datasheet
837Kb / 31P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1561KV18 CYPRESS-CY7C1561KV18 Datasheet
833Kb / 28P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com