Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5382-EVALZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5382-EVALZ
Description  700 MHz to 2.7 GHz Quadrature Demodulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5382-EVALZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5382-EVALZ Datasheet HTML 2Page - Analog Devices ADL5382-EVALZ Datasheet HTML 3Page - Analog Devices ADL5382-EVALZ Datasheet HTML 4Page - Analog Devices ADL5382-EVALZ Datasheet HTML 5Page - Analog Devices ADL5382-EVALZ Datasheet HTML 6Page - Analog Devices ADL5382-EVALZ Datasheet HTML 7Page - Analog Devices ADL5382-EVALZ Datasheet HTML 8Page - Analog Devices ADL5382-EVALZ Datasheet HTML 9Page - Analog Devices ADL5382-EVALZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADL5382
Rev. 0 | Page 6 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
24
CMRF CMRF RFIP
ADL5382
TOP VIEW
(Not to Scale)
RFIN CMRF VPX
CML
VPA
COM
BIAS
VPL
VPL
VPL
VPB
VPB
QHI
QLO
IHI
ILO
LOIP LOIN CML
CML COM
23
22
21
20
19
7
8
9
101112
2
3
4
5
6
18
17
16
15
14
13
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 4 to 6,
17 to 19
VPA, VPL, VPB, VPX
Supply. Positive supply for LO, IF, biasing, and baseband sections. These pins should be decoupled
to the board ground using appropriate-sized capacitors.
2, 7, 10 to 12,
20, 23, 24
COM, CML, CMRF
Ground. Connect to a low impedance ground plane.
3
BIAS
Bias Control. A resistor (RBIAS) can be connected between BIAS and COM to reduce the mixer core
current. The default setting for this pin is open.
8, 9
LOIP, LOIN
Local Oscillator Input. Pins must be ac-coupled. A differential drive through a balun (recommended
balun is the M/A-COM ETC1-1-13) is necessary to achieve optimal performance.
13 to 16
ILO, IHI, QLO, QHI
I Channel and Q Channel Mixer Baseband Outputs. These outputs have a 50 Ω differential output
impedance (25 Ω per pin). The bias level on these pins is equal to VPOS − 2.8 V. Each output pair can
swing 2 V p-p (differential) into a load of 200 Ω. Output 3 dB bandwidth is 370 MHz.
21, 22
RFIN, RFIP
RF Input. A single-ended 50 Ω signal can be applied to the RF inputs through a 1:1 balun (recommended
balun is the M/A-COM ETC1-1-13). Ground-referenced inductors must also be connected to RFIP and
RFIN (recommended values = 33 nH).
EP
Exposed Paddle. Connect to a low impedance thermal and electrical ground plane.


Similar Part No. - ADL5382-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5380 AD-ADL5380 Datasheet
840Kb / 36P
   400 MHz to 6 GHz Quadrature Demodulator
REV. 0
ADL5380 AD-ADL5380 Datasheet
429Kb / 5P
   Wideband LO PLL Synthesizer with Simple Interface to Quadrature Demodulators
REV. 0
ADL5380-29A-EVALZ AD-ADL5380-29A-EVALZ Datasheet
840Kb / 36P
   400 MHz to 6 GHz Quadrature Demodulator
REV. 0
ADL5380-30A-EVALZ AD-ADL5380-30A-EVALZ Datasheet
840Kb / 36P
   400 MHz to 6 GHz Quadrature Demodulator
REV. 0
ADL5380ACPZ-R7 AD-ADL5380ACPZ-R7 Datasheet
840Kb / 36P
   400 MHz to 6 GHz Quadrature Demodulator
REV. 0
More results

Similar Description - ADL5382-EVALZ

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SRQ-2116Z SIRENZA-SRQ-2116Z Datasheet
196Kb / 16P
   700-3800 MHz Direct Quadrature Demodulator
logo
Analog Devices
AD8347 AD-AD8347_15 Datasheet
630Kb / 28P
   0.8 GHz to 2.7 GHz Direct Conversion Quadrature Demodulator
REV. A
AD8347 AD-AD8347 Datasheet
750Kb / 20P
   0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
REV. 0
ADL5380 AD-ADL5380 Datasheet
840Kb / 36P
   400 MHz to 6 GHz Quadrature Demodulator
REV. 0
ADL5387 AD-ADL5387 Datasheet
761Kb / 28P
   50 MHz to 2 GHz Quadrature Demodulator
REV. 0
ADL5387 AD-ADL5387_V01 Datasheet
865Kb / 27P
   30 MHz to 2 GHz Quadrature Demodulator
Rev. C
ADRF6807 AD-ADRF6807 Datasheet
1,004Kb / 36P
   700 MHz to 1050 MHz Quadrature
REV. B
AD8348 AD-AD8348_15 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8348ARUZ-REEL7 AD-AD8348ARUZ-REEL7 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8349 AD-AD8349 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com