Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8193 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8193
Description  Buffered 2:1 TMDS Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8193 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8193 Datasheet HTML 7Page - Analog Devices AD8193 Datasheet HTML 8Page - Analog Devices AD8193 Datasheet HTML 9Page - Analog Devices AD8193 Datasheet HTML 10Page - Analog Devices AD8193 Datasheet HTML 11Page - Analog Devices AD8193 Datasheet HTML 12Page - Analog Devices AD8193 Datasheet HTML 13Page - Analog Devices AD8193 Datasheet HTML 14Page - Analog Devices AD8193 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD8193
Rev. 0 | Page 11 of 16
APPLICATION NOTES
SWITCHING HIGH SPEED SIGNALS
The AD8193 is a quad 2:1 TMDS switch that is used to switch
the high speed signals of two input HDMI links to a single
HDMI output.
SWITCHING LOW SPEED SIGNALS
Because the AD8193 is a TMDS-only switch, a complete HDMI
switch solution requires another component to switch the low
speed DDC channels.
The HDMI 1.3 specification places a number of restrictions on
the low speed signal path that limit the selection of a suitable
low cost DDC switch. The first requirement is that the switch
must be bidirectional to convey the I2C® protocol signals that
pass through it. A CMOS device is the simplest switch with this
capability.
The second HDMI requirement for the DDC signals is that the
total DDC signal path capacitance be less than 50 pF. The total
capacitance comprises the HDMI connector, the PC board
traces, the DDC switch, and the input capacitance of the HDMI
receiver. As a practical design consideration, a suitable DDC
switch has a total channel capacitance of less than 10 pF.
Finally, the channel on resistance (RON) of the DDC switch must
not be too high, otherwise the voltage drop across it violates the
maximum VOL of the I2C signals. Any switch with an on resistance
of approximately 100 Ω is sufficient in a typical application, assum-
ing that the end application includes an I2C-compliant receiver
device. Switches with lower channel on resistance have improved
VOL performance.
For the AD8193 evaluation board, the MC74LVX4053 was
chosen to switch the low speed signals. This part has a maximum
RON of 108 Ω and a maximum parasitic capacitance of 10 pF.
Refer to the Evaluation Board section for details on how to use
the MC74LVX4053 with the AD8193 in an application.
PCB LAYOUT GUIDELINES
The AD8193 is used to switch HDMI/DVI video signals, which
are differential, unidirectional, and high speed (up to 2.25 Gbps).
The channels that carry the video data must be controlled
impedance, terminated at the receiver, and capable of operating
up to at least 2.25 Gbps. It is especially important to note that
the differential traces that carry the TMDS signals should be
designed with a controlled differential impedance of 100 Ω.
The AD8193 provides single-ended 50 Ω terminations on chip
for both its inputs and outputs. Transmitter termination is not
fully specified by the HDMI standard, but the inclusion of the
50 Ω output terminations improves the overall system signal
integrity.
TMDS Signals
The audiovisual (AV) data carried on these high speed channels
is encoded by a technique called Transition Minimized Differential
Signaling (TMDS) and, in the case of HDMI, is also encrypted
according to the high bandwidth digital content protection
(HDCP) standard.
In the HDMI/DVI standard, four differential pairs carry the
TMDS signals. For DVI, three of these pairs are dedicated to
carrying RGB video and sync data. For HDMI, audio data is
also interleaved with the video data; the DVI standard does
not incorporate audio information. The fourth high speed
differential pair is used for the AV data-word clock and runs
at one-tenth the speed of the TMDS data channels.
The four high speed channels of the AD8193 are identical.
No concession was made to lower the bandwidth of the fourth
channel for the pixel clock, so any channel can be used for any
TMDS signal. The user chooses which signal is routed over which
channel. Additionally, the TMDS channels are symmetrical; there-
fore, the p and n of a given differential pair are interchangeable,
provided the inversion is consistent across all inputs and outputs of
the AD8193. However, the routing between inputs and outputs
through the AD8193 is fixed. For example, Output Channel 0
always switches between Input A0 and Input B0, and so forth.
The AD8193 buffers the TMDS signals, and the input traces can
be considered electrically independent of the output traces. In
most applications, the quality of the signal on the input TMDS
traces is more sensitive to the PCB layout. Regardless of the data
being carried on a specific TMDS channel, or whether the
TMDS line is at the input or the output of the AD8193, all four
high speed signals should be routed on a PCB in accordance
with the same RF layout guidelines.
Layout for the TMDS Signals
The TMDS differential pairs can be either microstrip traces,
routed on the outer layer of a board, or stripline traces, routed
on an internal layer of the board. If microstrip traces are used,
there should be a continuous reference plane on the PCB layer
directly below the traces. If stripline traces are used, they must
be sandwiched between two continuous reference planes in the
PCB stackup. Additionally, the p and n of each differential pair
must have a controlled differential impedance of 100 Ω. The
characteristic impedance of a differential pair is a function of
several variables, including the trace width, the distance separating
the two traces, the spacing between the traces and the reference
plane, and the dielectric constant of the PC board binder material.
Interlayer vias introduce impedance discontinuities that can
cause reflections and jitter on the signal path; therefore, it is
preferable to route the TMDS lines exclusively on one layer of the
board, particularly for the input traces. Additionally, to prevent
unwanted signal coupling and interference, route the TMDS
signals away from other signals and noise sources on the PCB.


Similar Part No. - AD8193

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8193 AD-AD8193 Datasheet
464Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
AD8193 AD-AD8193_15 Datasheet
464Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
More results

Similar Description - AD8193

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8193 AD-AD8193_15 Datasheet
464Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
AD8194 AD-AD8194_17 Datasheet
443Kb / 16P
   Buffered 2:1 TMDS Switch Equalization
AD8194 AD-AD8194_15 Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch with Equalization
REV. 0
AD8194ACPZ AD-AD8194ACPZ Datasheet
476Kb / 16P
   Buffered 2:1 TMDS Switch with Equalization
REV. 0
logo
Texas Instruments
SN75DP122RTQT TI1-SN75DP122RTQT Datasheet
953Kb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122 TI-SN75DP122 Datasheet
914Kb / 35P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122A TI1-SN75DP122A Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP126 TI1-SN75DP126 Datasheet
1Mb / 41P
[Old version datasheet]   DisplayPort??1:2 Re-Driver Switch with TMDS Translator
logo
Maxim Integrated Produc...
MAX3845 MAXIM-MAX3845 Datasheet
557Kb / 19P
   DVI/HDMI 2:4 TMDS Fanout Switch and Cable Driver
Rev 0; 4/07
logo
NXP Semiconductors
PCA9646 NXP-PCA9646 Datasheet
423Kb / 22P
   Buffered 4-channel 2-wire bus switch
Rev. 1-1 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com