Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1207A Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1207A
Description  PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1207A Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1207A Datasheet HTML 1Page - ON Semiconductor NCP1207A Datasheet HTML 2Page - ON Semiconductor NCP1207A Datasheet HTML 3Page - ON Semiconductor NCP1207A Datasheet HTML 4Page - ON Semiconductor NCP1207A Datasheet HTML 5Page - ON Semiconductor NCP1207A Datasheet HTML 6Page - ON Semiconductor NCP1207A Datasheet HTML 7Page - ON Semiconductor NCP1207A Datasheet HTML 8Page - ON Semiconductor NCP1207A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
NCP1207A, NCP1207B
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (For typical values TJ = 25°C, for min/max values TJ = 0°C to +125°C, Max TJ = 150°C,
VCC = 11 V unless otherwise noted)
Rating
Pin
Symbol
Min
Typ
Max
Unit
DYNAMIC SELF-SUPPLY
VCC Increasing Level at which the Current Source Turns-off
6
VCCOFF
10.8
12
12.9
V
VCC Decreasing Level at which the Current Source Turns-on
6
VCCON
9.1
10
10.6
V
VCC Decreasing Level at which the Latchoff Phase Ends
6
VCClatch
-
5.3
-
V
VCC Level at which Output Pulses are Disabled
6
UVLO
-
VCCON
-200mV
-
V
Internal IC Consumption, No Output Load on Pin 5,
FSW = 60 kHz
6
ICC1
-
1.0
1.3
(Note 1)
mA
Internal IC Consumption, 1.0 nF Output Load on Pin 5,
FSW = 60 kHz
6
ICC2
-
1.6
2.0
(Note 1)
mA
Internal IC Consumption in Latchoff Phase
6
ICC3
-
330
-
mA
INTERNAL STARTUP CURRENT SOURCE (TJ u 0°C)
High-voltage Current Source, VCC = 10 V
8
IC1
4.3
7.0
9.6
mA
High-voltage Current Source, VCC = 0
8
IC2
-
8.0
-
mA
DRIVE OUTPUT
Output Voltage Rise-time @ CL = 1.0 nF, 10-90% of Output Signal
5
Tr
-
40
-
ns
Output Voltage Fall-time @ CL = 1.0 nF, 10-90% of Output Signal
5
Tf
-
20
-
ns
Source Resistance
5
ROH
12
20
36
W
Sink Resistance
5
ROL
5.0
10
19
W
CURRENT COMPARATOR (Pin 5 Unloaded)
Input Bias Current @ 1.0 V Input Level on Pin 3
3
IIB
-
0.02
-
mA
Maximum Internal Current Setpoint
3
ILimit
0.92
1.0
1.12
V
Propagation Delay from Current Detection to Gate OFF State
3
TDEL
-
100
160
ns
Leading Edge Blanking Duration
3
TLEB
-
380
-
ns
Internal Current Offset Injected on the CS Pin during OFF Time
3
Iskip
-
200
-
mA
OVERVOLTAGE SECTION (VCC = 11 V)
Sampling Delay after ON Time
NCP1207A
NCP1207B
1
Tsample
-
4.5
1.5
-
ms
OVP Internal Reference Level
1
Vref
6.4
7.2
8.0
V
FEEDBACK SECTION (VCC = 11 V, Pin 5 Loaded by 1.0 kW)
Internal Pull-up Resistor
2
Rup
-
20
-
k
W
Pin 3 to Current Setpoint Division Ratio
-
Iratio
-
3.3
-
-
Internal Soft-start
-
Tss
-
1.0
-
ms
DEMAGNETIZATION DETECTION BLOCK
Input Threshold Voltage (Vpin 1 Decreasing)
1
Vth
35
50
90
mV
Hysteresis (Vpin 1 Decreasing)
1
VH
-
20
-
mV
Input Clamp Voltage
High State (Ipin 1 = 3.0 mA)
Low State (Ipin 1 = -2.0 mA)
1
1
VCH
VCL
8.0
-0.9
10
-0.7
12
-0.5
V
V
Demag Propagation Delay
1
Tdem
-
210
-
ns
Internal Input Capacitance at Vpin 1 = 1.0 V
1
Cpar
-
10
-
pF
Minimum TOFF (Internal Blanking Delay after TON)
NCP1207A
NCP1207B
1
Tblank
-
3.5
8.0
4.5
-
5.5
ms
Timeout After Last Demag Transition
1
Tout
-
5.0
-
ms
Pin 1 Internal Impedance
1
Rint
-
28
-
k
W
1. Max value at TJ = 0°C.


Similar Part No. - NCP1207A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1207A ONSEMI-NCP1207A Datasheet
197Kb / 16P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2004 ??Rev. 1
NCP1207A ONSEMI-NCP1207A Datasheet
327Kb / 17P
   PWM Current?묺ode Controller for Free Running Quasi?뭃esonant Operation
October, 2006 ??Rev. 3
NCP1207A ONSEMI-NCP1207A Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1207A ONSEMI-NCP1207A Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1207A ONSEMI-NCP1207A Datasheet
291Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
August, 2013 ??Rev. 12
More results

Similar Description - NCP1207A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1338 ONSEMI-NCP1338 Datasheet
221Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1338 ONSEMI-NCP1338 Datasheet
160Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1207-D ONSEMI-NCP1207-D Datasheet
202Kb / 18P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
June, 2004 ??Rev. 6
NCP1377 ONSEMI-NCP1377 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1207A ONSEMI-NCP1207A_10 Datasheet
401Kb / 17P
   PWM Current--Mode Controller for Free Running Quasi--Resonant Operation
December, 2010 -- Rev. 11
NCP1377 ONSEMI-NCP1377_11 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1207A ONSEMI-NCP1207A Datasheet
197Kb / 16P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2004 ??Rev. 1
NCP1207AADAPGEVB ONSEMI-NCP1207AADAPGEVB Datasheet
291Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
August, 2013 ??Rev. 12
NCP1207B ONSEMI-NCP1207B Datasheet
401Kb / 17P
   PWM Current--Mode Controller for Free Running Quasi--Resonant Operation
December, 2010 -- Rev. 11
NCP1377 ONSEMI-NCP1377 Datasheet
165Kb / 16P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com