Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM6600 Datasheet(PDF) 5 Page - ON Semiconductor

Part # PM6600
Description  6-rows 30 mA LEDs driver with boost regulator for LCD panels backlight
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PM6600 Datasheet(HTML) 5 Page - ON Semiconductor

  PM6600 Datasheet HTML 1Page - ON Semiconductor PM6600 Datasheet HTML 2Page - ON Semiconductor PM6600 Datasheet HTML 3Page - ON Semiconductor PM6600 Datasheet HTML 4Page - ON Semiconductor PM6600 Datasheet HTML 5Page - ON Semiconductor PM6600 Datasheet HTML 6Page - ON Semiconductor PM6600 Datasheet HTML 7Page - ON Semiconductor PM6600 Datasheet HTML 8Page - ON Semiconductor PM6600 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
PM6600
Pin settings
5/43
2
Pin settings
2.1
Connections
2.2
Pin description
Figure 2.
Pin connection (through top view)
Table 2.
Pin functions
Pin
Function
1COMP
Error amplifier output. A simple RC series between this pin and ground is
needed to compensate the loop of the boost regulator.
2
RILIM
Output generators current limit setting. The output current of the ROWs can
be programmed connecting a resistor to SGND.
3
BILIM
Boost converter current limit setting. The internal MOSFET current limit can
be programmed connecting a resistor to SGND.
4FSW
Switching frequency selection and external sync input. A resistor to SGND
is used to set the desired switching frequency. The pin can also be used as
external synchronization input. See section 1.3 for details.
5MODE
Current generators fault management selector. It allows to detect and
manage LEDs failures. See section 3.2 for details.
6
AVCC
+5 V analog supply. Connect to LDO5 through a simple RC filter.
7LDO5
Internal +5 V LDO output and power section supply. Bypass to SGND with a
1
µF ceramic capacitor.
8
VIN
Input voltage. Connect to the main supply rail.


Similar Part No. - PM6600

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM6600 STMICROELECTRONICS-PM6600 Datasheet
774Kb / 43P
   6-row 32 mA LED driver with boost regulator for LCD panel backlight
PM6600TR STMICROELECTRONICS-PM6600TR Datasheet
774Kb / 43P
   6-row 32 mA LED driver with boost regulator for LCD panel backlight
More results

Similar Description - PM6600

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LED7706 STMICROELECTRONICS-LED7706 Datasheet
623Kb / 31P
   6-rows 30 mA LEDs driver with boost regulator for LCD panels backlight
LED7707 STMICROELECTRONICS-LED7707 Datasheet
1Mb / 48P
   6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
ALED7707 STMICROELECTRONICS-ALED7707 Datasheet
1Mb / 36P
   6-row 85 mA LEDs driver with boost regulator for LCD panels backlight
January 2017 Rev 2
STEVAL-ISA056V1 STMICROELECTRONICS-STEVAL-ISA056V1 Datasheet
98Kb / 4P
   6 rows - 30 mA LEDs driver with boost converter for LCD panels backlight evaluation board based on the PM6600
PM6600 STMICROELECTRONICS-PM6600 Datasheet
774Kb / 43P
   6-row 32 mA LED driver with boost regulator for LCD panel backlight
logo
Rohm
BD9206EFV ROHM-BD9206EFV_14 Datasheet
1Mb / 21P
   Simple Structure Constant Current Backlight Driver for LCD panels
logo
Semtech Corporation
SC662 SEMTECH-SC662 Datasheet
961Kb / 30P
   Backlight Driver for 6 LEDs with SemPulse짰 Interface
logo
Rohm
BD6583MUV-A ROHM-BD6583MUV-A_11 Datasheet
1Mb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6581GU ROHM-BD6581GU Datasheet
751Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8113EFV ROHM-BD8113EFV_11 Datasheet
389Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com