Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1327G-133AXI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1327G-133AXI
Description  4-Mbit (256K x 18) Pipelined Sync SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1327G-133AXI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1327G-133AXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1327G-133AXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1327G-133AXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1327G-133AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1327G-133AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1327G-133AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1327G-133AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1327G-133AXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1327G-133AXI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CY7C1327G
Document #: 38-05519 Rev. *F
Page 6 of 18
Interleaved Burst Address Table
(MODE = Floating or VDD)
First
Address
A1, A0
Second
Address
A1, A0
Third
Address
A1, A0
Fourth
Address
A1, A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
Linear Burst Address Table (MODE = GND)
First
Address
A1, A0
Second
Address
A1, A0
Third
Address
A1, A0
Fourth
Address
A1, A0
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min.
Max.
Unit
IDDZZ
Snooze mode standby current
ZZ > VDD – 0.2V
40
mA
tZZS
Device operation to ZZ
ZZ > VDD – 0.2V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ < 0.2V
2tCYC
ns
tZZI
ZZ active to snooze current
This parameter is sampled
2tCYC
ns
tRZZI
ZZ Inactive to exit snooze current
This parameter is sampled
0
ns


Similar Part No. - CY7C1327G-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1327G-133AXI CYPRESS-CY7C1327G-133AXI Datasheet
340Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1327G-133AXI CYPRESS-CY7C1327G-133AXI Datasheet
762Kb / 22P
   4-Mbit (256 K 횞 18) Pipelined Sync SRAM
CY7C1327G-133AXI CYPRESS-CY7C1327G-133AXI Datasheet
779Kb / 23P
   4-Mbit (256 K x 18) Pipelined Sync SRAM
More results

Similar Description - CY7C1327G-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1327G CYPRESS-CY7C1327G Datasheet
340Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1328G CYPRESS-CY7C1328G Datasheet
379Kb / 16P
   4-Mbit (256K x 18) Pipelined DCD Sync SRAM
CY7C1327F CYPRESS-CY7C1327F Datasheet
572Kb / 17P
   4-Mb (256K x 18) Pipelined Sync SRAM
CY7C1328F CYPRESS-CY7C1328F Datasheet
341Kb / 17P
   4-Mb (256K x 18) Pipelined DCD Sync SRAM
CY7C1364C CYPRESS-CY7C1364C Datasheet
399Kb / 18P
   9-Mbit (256K x 32) Pipelined Sync SRAM
CY7C1366C CYPRESS-CY7C1366C_06 Datasheet
549Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C Datasheet
458Kb / 27P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1327G CYPRESS-CY7C1327G_13 Datasheet
779Kb / 23P
   4-Mbit (256 K x 18) Pipelined Sync SRAM
CY7C1325G CYPRESS-CY7C1325G Datasheet
337Kb / 16P
   4-Mbit (256K x 18) Flow-Through Sync SRAM
CY7C1368C CYPRESS-CY7C1368C Datasheet
402Kb / 18P
   9-Mbit (256K x 32) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com