Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1319AV18-200BZC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1319AV18-200BZC
Description  18-Mbit DDR-II SRAM 4-Word Burst Architecture
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1319AV18-200BZC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1319AV18-200BZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1319AV18-200BZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1319AV18-200BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1319AV18-200BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1319AV18-200BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1319AV18-200BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1319AV18-200BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1319AV18-200BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1319AV18-200BZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
PRELIMINARY
18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1317AV18
CY7C1319AV18
CY7C1321AV18
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-05500 Rev. *B
Revised August 11, 2004
Features
• 18-Mbit density (2M x 8, 1M x 18, 512K x 36)
• 250-MHz clock for high bandwidth
• 4-Word burst for reducing address bus frequency
• Double Data Rate (DDR) interfaces (data transferred at
500 MHz) @ 250 MHz
• Two input clocks (K and K) for precise DDR timing
— SRAM uses rising edges only
• Two output clocks (C and C) account for clock skew
and flight time mismatching
• Echo clocks (CQ and CQ) simplify data capture in
high-speed systems
• Synchronous internally self-timed writes
• 1.8V core power supply with HSTL inputs and outputs
• Variable drive HSTL output buffers
• Expanded HSTL output voltage (1.4V–VDD)
• 13 x 15 x 1.4mm 1.0-mm pitch fBGA package, 165-ball
(11 x 15 matrix)
• JTAG 1149.1 compatible test access port
• Delay Lock Loop (DLL) for accurate data placement.
Configurations
CY7C1317AV18 – 2M x 8
CY7C1319AV18 – 1M x 18
CY7C1321AV18 – 512K x 36
Functional Description
The CY7C1317AV18/CY7C1319AV18/CY7C1321AV18 are
1.8V Synchronous Pipelined SRAM equipped with DDR-II
(Double Data Rate) architecture. The DDR-II consists of an
SRAM core with advanced synchronous peripheral circuitry
and a two-bit burst counter. Addresses for Read and Write are
latched on alternate rising edges of the input (K) clock. Write
data is registered on the rising edges of both K and K. Read
data is driven on the rising edges of C and C if provided, or on
the rising edge of K and K if C/C are not provided. Each
address location is associated with four 8-bit words in the case
of CY7C1317AV18 that burst sequentially into or out of the
device. The burst counter always starts with “00” internally in
the case of CY7C1317AV18. On CY7C1319AV18 and
CY7C1321AV18, the burst counter takes in the last two signif-
icant bits of the external address and bursts four 18-bit words
in the case of CY7C1319AV18, and four 36-bit words in the
case of CY7C1321AV18, sequentially into or out of the device.
Asynchronous inputs include impedance match (ZQ).
Synchronous data outputs (Q, sharing the same physical pins
as the data inputs, D) are tightly matched to the two output
echo clocks CQ/CQ, eliminating the need for separately
capturing data from each individual DDR-II SRAM in the
system design. Output data clocks (C/C) enable maximum
system clocking and data synchronization flexibility.
All synchronous inputs pass through input registers controlled
by the K or K input clocks. All data outputs pass through output
registers controlled by the C or C input clocks. Writes are
conducted with on-chip synchronous self-timed write circuitry.
Logic Block Diagram (CY7C1317AV18)
CLK
A(18:0)
Gen.
K
K
Control
Logic
Address
Register
Read Data Reg.
R/W
DQ[7:0]
Output
Logic
Reg.
Reg.
Reg.
16
8
32
8
NWS[1:0]
VREF
16
C
C
8
LD
Control
Write
Reg
Write
Reg
Write
Reg
Write
Reg
CQ
CQ
19
R/W
DOFF


Similar Part No. - CY7C1319AV18-200BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1319BV18 CYPRESS-CY7C1319BV18 Datasheet
479Kb / 28P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1319BV18-167BZC CYPRESS-CY7C1319BV18-167BZC Datasheet
479Kb / 28P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1319BV18-167BZI CYPRESS-CY7C1319BV18-167BZI Datasheet
479Kb / 28P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1319BV18-167BZXC CYPRESS-CY7C1319BV18-167BZXC Datasheet
479Kb / 28P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1319BV18-167BZXI CYPRESS-CY7C1319BV18-167BZXI Datasheet
479Kb / 28P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
More results

Similar Description - CY7C1319AV18-200BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1317CV18 CYPRESS-CY7C1317CV18 Datasheet
696Kb / 31P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1317BV18 CYPRESS-CY7C1317BV18 Datasheet
479Kb / 28P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1318CV18 CYPRESS-CY7C1318CV18_11 Datasheet
1Mb / 29P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1319KV18 CYPRESS-CY7C1319KV18_13 Datasheet
503Kb / 31P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18_06 Datasheet
515Kb / 28P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1317KV18 CYPRESS-CY7C1317KV18 Datasheet
1Mb / 33P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18 Datasheet
257Kb / 24P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C13201KV18 CYPRESS-CY7C13201KV18 Datasheet
1Mb / 23P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1319KV18 CYPRESS-CY7C1319KV18_12 Datasheet
465Kb / 31P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1318BV18 CYPRESS-CY7C1318BV18_11 Datasheet
1Mb / 31P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com