Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1323AV25-133BZC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1323AV25-133BZC
Description  18-Mbit 4-Word Burst SRAM with DDR-I Architecture
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1323AV25-133BZC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1323AV25-133BZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1323AV25-133BZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1323AV25-133BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1323AV25-133BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1323AV25-133BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1323AV25-133BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1323AV25-133BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1323AV25-133BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1323AV25-133BZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
PRELIMINARY
18-Mbit 4-Word Burst SRAM with DDR-I Architecture
CY7C1323AV25
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-05501 Rev. *A
Revised June 1, 2004
Features
• 18-Mbit Density (512 Kbit x 36)
• 167-MHz Clock for high bandwidth
• 4-Word Burst for reducing address bus frequency
• Double Data Rate (DDR) interfaces (data transferred at
333 MHz @ 167 MHz)
• Two input clocks (K and K) for precise DDR timing –
SRAM uses rising edges only
• Two output clocks (C and C) account for clock skew
and flight time mismatching
• Separate Port Selects for depth expansion
• Synchronous internally self-timed writes
• 2.5V core power supply with HSTL Inputs and Outputs
• Variable drive HSTL output buffers
• Expanded HSTL output voltage (1.4V–1.9V)
• 13 x 15 x 1.4mm 1.0-mm pitch fBGA package, 165 ball
(11 x 15 matrix)
• JTAG 1149.1 compatible test access port
Configuration
CY7C1323AV25 - 256K x 36
Functional Description
The CY7C1323AV25 is a 2.5V Synchronous Pipelined SRAM
equipped with DDR-I (Double Data Rate) architecture. The
DDR-I architecture consists of an SRAM core with advanced
synchronous peripheral circuitry and a 2-bit burst counter.
Addresses for Read and Write are latched on alternate rising
edges of the input (K) clock.Write data is registered on the
rising edges of both K and K. Read data is driven on the rising
edges of C and C if provided, or on the rising edge of K and K
if C/C are not provided. Every read or write operation is
associated with four words that burst sequentially into or out
of the device. The burst counter takes in the least two signif-
icant bits of the external address and bursts four 36-bit words.
Depth expansion is accomplished with Port Selects for each
port. Port selects allow each port to operate independently.
Asynchronous inputs include impedance match (ZQ).
Synchronous data outputs (Q, sharing the same physical pins
as the data inputs D) are tightly matched to the two output echo
clocks CQ/CQ, eliminating the need for separately capturing
data from each individual DDR SRAM in the system design.
Output data clocks(C/C) are also provided for maximum
system clocking and data synchronization flexibility.
All synchronous inputs pass through input registers controlled
by the K or K input clocks. All data outputs pass through output
registers controlled by the C or C input clocks. Writes are
conducted with on-chip synchronous self-timed write circuitry.
Logic Block Diagram (CY7C1323AV25)
CLK
A(18:0)
Gen.
K
K
Control
Logic
Address
Register
Read Data Reg.
R/W
DQ[35:0]
Output
Logic
Reg.
Reg.
Reg.
72
36
144
36
BWS[3:0]
Vref
Write
Reg
72
19
C
C
512K x 36 Array
Write
Reg
Write
Reg
Write
Reg
36
LD
Control
Burst
Logic
A(1:0)
A(18:2)
17
CQ
CQ


Similar Part No. - CY7C1323AV25-133BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1323BV25 CYPRESS-CY7C1323BV25 Datasheet
811Kb / 18P
   18-Mbit 4-Word Burst SRAM with DDR-I Architecture
CY7C1323BV25-167BZC CYPRESS-CY7C1323BV25-167BZC Datasheet
811Kb / 18P
   18-Mbit 4-Word Burst SRAM with DDR-I Architecture
CY7C1323BV25-167BZI CYPRESS-CY7C1323BV25-167BZI Datasheet
811Kb / 18P
   18-Mbit 4-Word Burst SRAM with DDR-I Architecture
CY7C1323BV25-167BZXC CYPRESS-CY7C1323BV25-167BZXC Datasheet
811Kb / 18P
   18-Mbit 4-Word Burst SRAM with DDR-I Architecture
CY7C1323BV25-167BZXI CYPRESS-CY7C1323BV25-167BZXI Datasheet
811Kb / 18P
   18-Mbit 4-Word Burst SRAM with DDR-I Architecture
More results

Similar Description - CY7C1323AV25-133BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1323BV25 CYPRESS-CY7C1323BV25 Datasheet
811Kb / 18P
   18-Mbit 4-Word Burst SRAM with DDR-I Architecture
CY7C1308DV25 CYPRESS-CY7C1308DV25 Datasheet
811Kb / 18P
   9-Mbit 4-Word Burst SRAM with DDR-I Architecture
CY7C1317CV18 CYPRESS-CY7C1317CV18 Datasheet
696Kb / 31P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1308DV25C CYPRESS-CY7C1308DV25C Datasheet
675Kb / 18P
   9 Mbit DDR I SRAM 4-Word Burst Architecture
CY7C1317AV18 CYPRESS-CY7C1317AV18 Datasheet
492Kb / 20P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1308CV25 CYPRESS-CY7C1308CV25 Datasheet
367Kb / 18P
   9-Mbit 4-Word Burst SRAM with DDR-I Architecture
CY7C1317BV18 CYPRESS-CY7C1317BV18 Datasheet
479Kb / 28P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1318CV18 CYPRESS-CY7C1318CV18_11 Datasheet
1Mb / 29P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1319KV18 CYPRESS-CY7C1319KV18_13 Datasheet
503Kb / 31P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18_06 Datasheet
515Kb / 28P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com