Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS17487-3 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS17487-3
Description  Real-Time Clocks
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS17487-3 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS17487-3 Datasheet HTML 1Page - Maxim Integrated Products DS17487-3 Datasheet HTML 2Page - Maxim Integrated Products DS17487-3 Datasheet HTML 3Page - Maxim Integrated Products DS17487-3 Datasheet HTML 4Page - Maxim Integrated Products DS17487-3 Datasheet HTML 5Page - Maxim Integrated Products DS17487-3 Datasheet HTML 6Page - Maxim Integrated Products DS17487-3 Datasheet HTML 7Page - Maxim Integrated Products DS17487-3 Datasheet HTML 8Page - Maxim Integrated Products DS17487-3 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Real-Time Clocks
_____________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS
(VCC = 0V, VBAT = 3.0V, TA = Over the operating range, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VBAT or VBAUX Current (Oscillator
On); TA = +25°C, VBAT = 3.0V
IBAT
(Note 7)
500
700
nA
VBAT or VBAUX Current
(Oscillator Off)
IBATDR
(Note 7)
50
400
nA
AC ELECTRICAL CHARACTERISTICS
(
VCC = +4.5V to +5.5V, TA = Over the operating range, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Cycle Time
tCYC
240
DC
ns
Pulse Width, RD or WR Low
PWRWL
120
ns
Pulse Width, RD or WR High
PWRWH
80
ns
Input Rise and Fall
tR, tF
30
ns
Chip-Select Setup Time Before
RD or WR
tCS
20
ns
Chip-Select Hold Time
tCH
0ns
Read-Data Hold Time
tDHR
10
50
ns
Write-Data Hold Time
tDHW
0ns
Address Setup Time to ALE Fall
tASL
20
ns
Address Hold Time to ALE Fall
tAHL
10
ns
RD or WR High Setup to ALE
Rise
tASD
25
ns
Pulse Width ALE High
PWASH
40
ns
Delay Time ALE Low to RD Low
tASED
30
ns
Output Data Delay Time from RD
tDDR
(Note 8)
20
120
ns
Data Setup Time
tDSW
30
ns
IRQ Release from RD
tIRD
2µs


Similar Part No. - DS17487-3

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS17487-3 DALLAS-DS17487-3 Datasheet
427Kb / 38P
   3V/5V Real-Time Clock
logo
Maxim Integrated Produc...
DS17487-3++ MAXIM-DS17487-3+ Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
DS17487-3IND++ MAXIM-DS17487-3IND+ Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
More results

Similar Description - DS17487-3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS12885 MAXIM-DS12885_10 Datasheet
268Kb / 22P
   Real-Time Clocks
19-5213; Rev 4; 4/10
DS17285 MAXIM-DS17285_1 Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
logo
Mercury United Electron...
ME83 MERCURY-ME83 Datasheet
399Kb / 5P
   Frequency reference for real time clocks
logo
Abracon Corporation
ASH7K ABRACON-ASH7K Datasheet
1Mb / 2P
   Clock drivers for Real Time Clocks
12.27.11
logo
Maxim Integrated Produc...
DS1501 MAXIM-DS1501 Datasheet
277Kb / 21P
   Y2K-Compliant Watchdog Real-Time Clocks
REV: 011607
logo
STMicroelectronics
M41T62 STMICROELECTRONICS-M41T62_10 Datasheet
695Kb / 41P
   Serial real-time clocks with alarm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com