Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1321AV18 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1321AV18
Description  18-Mbit DDR-II SRAM 4-Word Burst Architecture
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1321AV18 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1321AV18 Datasheet HTML 2Page - Cypress Semiconductor CY7C1321AV18 Datasheet HTML 3Page - Cypress Semiconductor CY7C1321AV18 Datasheet HTML 4Page - Cypress Semiconductor CY7C1321AV18 Datasheet HTML 5Page - Cypress Semiconductor CY7C1321AV18 Datasheet HTML 6Page - Cypress Semiconductor CY7C1321AV18 Datasheet HTML 7Page - Cypress Semiconductor CY7C1321AV18 Datasheet HTML 8Page - Cypress Semiconductor CY7C1321AV18 Datasheet HTML 9Page - Cypress Semiconductor CY7C1321AV18 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
PRELIMINARY
CY7C1317AV18
CY7C1319AV18
CY7C1321AV18
Document #: 38-05500 Rev. *B
Page 6 of 20
Introduction
Functional Overview
The CY7C1317AV18/CY7C1319AV18/CY7C1321AV18 are
synchronous pipelined Burst SRAMs equipped with a DDR
interface.
Accesses are initiated on the rising edge of the positive input
clock (K). All synchronous input timing is referenced from the
rising edge of the input clocks (K and K) and all output timing
is referenced to the rising edge of the output clocks (C/C or
K/K when in single-clock mode).
All synchronous data inputs (D[x:0]) pass through input
registers controlled by the rising edge of the input clocks (K
and K). All synchronous data outputs (Q[x:0]) pass through
output registers controlled by the rising edge of the output
clocks (C/C or K/K when in single clock mode).
All synchronous control (R/W, LD, BWS[0:X]) inputs pass
through input registers controlled by the rising edge of the
input clock (K).
CY7C1319AV18 is described in the following sections. The
same basic descriptions apply to CY7C1317AV18 and
CY7C1321AV18.
Read Operations
The CY7C1319AV18 is organized internally as a 1M x 18
SRAM. Accesses are completed in a burst of four sequential
18-bit data words. Read operations are initiated by asserting
R/W HIGH and LD LOW at the rising edge of the positive input
clock (K). The address presented to the Address inputs is
stored in the Read address register and the least two signif-
icant bits of the address are presented to the burst counter.
The burst counter increments the address in a linear fashion.
Following the next K clock rise the corresponding 18-bit word
of data from this address location is driven onto the Q[17:0]
using C as the output timing reference. On the subsequent
rising edge of C the next 18-bit data word from the address
location generated by the burst counter is driven onto the
Q[17:0]. This process continues until all four 18-bit data words
have been driven out onto Q[17:0]. The requested data will be
valid 0.45 ns from the rising edge of the output clock (C or C,
or K or K when in single clock mode, 250-MHz and 200-MHz
device). In order to maintain the internal logic, each Read
access must be allowed to complete. Each Read access
consists of four 18-bit data words and takes two clock cycles
to complete. Therefore, Read accesses to the device can not
be initiated on two consecutive K clock rises. The internal logic
of the device will ignore the second Read request. Read
accesses can be initiated on every other K clock rise. Doing
so will pipeline the data flow such that data is transferred out
of the device on every rising edge of the output clocks (C/C or
K/K when in single-clock mode).
When read access is deselected, the CY7C1319AV18 will first
complete the pending read transactions. Synchronous internal
circuitry will automatically three-state the outputs following the
next rising edge of the positive output clock (C). This will allow
for a seamless transition between devices without the
insertion of wait states in a depth expanded memory.
Write Operations
Write operations are initiated by asserting R/W LOW and LD
LOW at the rising edge of the positive input clock (K). The
address presented to Address inputs are stored in the Write
address register and the least two significant bits of the
address are presented to the burst counter. The burst counter
increments the address in a linear fashion. On the following K
clock rise the data presented to D[17:0] is latched and stored
into the 18-bit Write Data register provided BWS[1:0] are both
asserted active. On the subsequent rising edge of the
Negative Input Clock (K) the information presented to D[17:0]
is also stored into the Write Data register provided BWS[1:0]
are both asserted active. This process continues for one more
cycle until four 18-bit words (a total of 72 bits) of data are
stored in the SRAM. The 72 bits of data are then written into
the memory array at the specified location. Therefore, Write
accesses to the device can not be initiated on two consecutive
K clock rises. The internal logic of the device will ignore the
second Write request. Write accesses can be initiated on
every other rising edge of the positive input clock (K). Doing
so will pipeline the data flow such that 18 bits of data can be
transferred into the device on every rising edge of the input
clocks (K and K).
When write access is deselected, the device will ignore all
inputs after the pending Write operations have been
completed.
Byte Write Operations
Byte Write operations are supported by the CY7C1319AV18.
A Write operation is initiated as described in the Write
Operation section above. The bytes that are written are deter-
mined by BWS0 and BWS1, which are sampled with each set
of 18-bit data words. Asserting the appropriate Byte Write
Select input during the data portion of a write will allow the data
being presented to be latched and written into the device.
Deasserting the Byte Write Select input during the data portion
of a write will allow the data stored in the device for that byte
to remain unaltered. This feature can be used to simplify
Read/Modify/Write operations to a Byte Write operation.
Single Clock Mode
The CY7C1319AV18 can be used with a single clock that
controls both the input and output registers. In this mode the
device will recognize only a single pair of input clocks (K and
K) that control both the input and output registers. This
operation is identical to the operation if the device had zero
skew between the K/K and C/C clocks. All timing parameters
remain the same in this mode. To use this mode of operation,
the user must tie C and C HIGH at power-on. This function is
a strap option and not alterable during device operation.
DDR Operation
The CY7C1319AV18 enables high-performance operation
through high clock frequencies (achieved through pipelining)
and double data rate mode of operation. The CY7C1319AV18
requires a No Operation (NOP) cycle when transitioning from
a Read to a Write cycle. At higher frequencies, some applica-
tions may require a second NOP cycle to prevent contention.
If a Read occurs after a Write cycle, address and data for the
Write are stored in registers. The write information must be
stored because the SRAM can not perform the last word Write
to the array without conflicting with the Read. The data stays
in this register until the next Write cycle occurs. On the first
Write cycle after the Read(s), the stored data from the earlier
Write will be written into the SRAM array. This is called a
Posted Write.


Similar Part No. - CY7C1321AV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1321BV18 CYPRESS-CY7C1321BV18 Datasheet
479Kb / 28P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1321BV18-167BZC CYPRESS-CY7C1321BV18-167BZC Datasheet
479Kb / 28P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1321BV18-167BZI CYPRESS-CY7C1321BV18-167BZI Datasheet
479Kb / 28P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1321BV18-167BZXC CYPRESS-CY7C1321BV18-167BZXC Datasheet
479Kb / 28P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1321BV18-167BZXI CYPRESS-CY7C1321BV18-167BZXI Datasheet
479Kb / 28P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
More results

Similar Description - CY7C1321AV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1317CV18 CYPRESS-CY7C1317CV18 Datasheet
696Kb / 31P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1317BV18 CYPRESS-CY7C1317BV18 Datasheet
479Kb / 28P
   18-Mbit DDR-II SRAM 4-Word Burst Architecture
CY7C1318CV18 CYPRESS-CY7C1318CV18_11 Datasheet
1Mb / 29P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1319KV18 CYPRESS-CY7C1319KV18_13 Datasheet
503Kb / 31P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18_06 Datasheet
515Kb / 28P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1317KV18 CYPRESS-CY7C1317KV18 Datasheet
1Mb / 33P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18 Datasheet
257Kb / 24P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C13201KV18 CYPRESS-CY7C13201KV18 Datasheet
1Mb / 23P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1319KV18 CYPRESS-CY7C1319KV18_12 Datasheet
465Kb / 31P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1318BV18 CYPRESS-CY7C1318BV18_11 Datasheet
1Mb / 31P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com