Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1312V18-167BZC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1312V18-167BZC
Description  Errata Document for CY7C1312V18 & CY7C1314V18
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1312V18-167BZC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1312V18-167BZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1312V18-167BZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1312V18-167BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1312V18-167BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1312V18-167BZC Datasheet HTML 5Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Errata Revision: [**]
CY7C1312V18
CY7C1314V18
CONFIDENTIAL
11/14/03
Errata Document for CY7C1312V18 & CY7C1314V18
CypressSemiconductorCorporation
3901NorthFirstStreet
SanJose
CA 95134
408-943-2600
November 2003
This document describes errata for the CY7C1312V18 and CY7C1314V18. Details include errata trigger conditions,
available workarounds, and silicon revision applicability. This document should be used as a suplement to the
existing datasheet.
Please contact your local Cypress Sales Representative if you have further questions.
Part Numbers Affected
CY7C1312V18 & CY7C1314V18 Qualification Status
These parts are currently available as Engineering Samples.
The reliability report is available on our website, www.cypress.com, QTP# 032105
CY7C1312V18 & CY7C1314V18 Errata Summary
The following table defines the errata applicability to the CY7C1312V18 and CY7C1314V18.
.
1. ADDRESS 7C ERRATA
• PROBLEM DEFINITION
In a given clock cycle:
• The read address is provided on the rising edge of K
The write address is provided on the rising edge of K#
• If the read and write address are the same, data is forwarded from the input port to the output port and
the data from the memory array is ignored. This feature is called the data forwarding feature and it ensures
that the most current data is always output from the device.
In the event that address 7C is the only address that changes between the read address, and the write address
in a given clock cycle, and if address 7C is changing from "1" to "0", then the data forwarding may be errone-
ously activated. The data from the memory array may be ignored and the data from the input bus may be
improperly forwarded.
• PARAMETERS AFFECTED
This errata impacts the integrity of the data. It does not impact any timing or operating parameters.
• TRIGGER CONDITION(S)
This errata can occur across all datasheet operating conditions.
Part Number
Architecture
Confguration
Clock Frequency
CY7C1312V18-133BZC
QDR-II Burst of 2
1 M x 18
133 MHz
CY7C1312V18-167BZC
QDR-II Burst of 2
1 M x 18
167 MHz
CY7C1314V18-133BZC
QDR-II Burst of 2
512 K x 36
133 MHz
CY7C1314V18-167BZC
QDR-II Burst of 2
512 K x 36
167 MHz
Items
CY7C1312V18
CY7C1314V18
Fix Status
1. Address 7C Errata
X
X
Cypress plans to fix this errata with
changes to the silicon.
2. First Clock Cycle Errata
X
X
Cypress does not plan to fix this
errata. Contact your local Cypress
sales office for additional information.


Similar Part No. - CY7C1312V18-167BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C13121KV18 CYPRESS-CY7C13121KV18 Datasheet
890Kb / 32P
   18-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C13121KV18-300BZXC CYPRESS-CY7C13121KV18-300BZXC Datasheet
890Kb / 32P
   18-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C1312AV18 CYPRESS-CY7C1312AV18 Datasheet
449Kb / 21P
   18-Mb QDR-II SRAM 2-Word Burst Architecture
CY7C1312AV18-133BZC CYPRESS-CY7C1312AV18-133BZC Datasheet
449Kb / 21P
   18-Mb QDR-II SRAM 2-Word Burst Architecture
CY7C1312AV18-167BZC CYPRESS-CY7C1312AV18-167BZC Datasheet
449Kb / 21P
   18-Mb QDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1312V18-167BZC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP53C391 TI-MSP53C391 Datasheet
24Kb / 2P
[Old version datasheet]   ERRATA
logo
M/A-COM Technology Solu...
500102D MA-COM-500102D_15 Datasheet
22Kb / 2P
   Errata
logo
Motorola, Inc
DSP56311CE1K34A MOTOROLA-DSP56311CE1K34A Datasheet
230Kb / 14P
   DSP56311 Device Errata for Mask
logo
M/A-COM Technology Solu...
28320-ERR-001-A MA-COM-28320-ERR-001-A_15 Datasheet
29Kb / 1P
   Errata
logo
Microchip Technology
DSPIC33FJXXXGPXXX MICROCHIP-DSPIC33FJXXXGPXXX Datasheet
164Kb / 6P
    Silicon Errata
2006
logo
Texas Instruments
TMS320F28335_1104 TI-TMS320F28335_1104 Datasheet
188Kb / 18P
[Old version datasheet]   Silicon Errata
logo
Freescale Semiconductor...
MSE9S08QG8 FREESCALE-MSE9S08QG8 Datasheet
49Kb / 8P
   Mask Set Errata for Mask 3M77B
logo
Microchip Technology
DSPIC33FJ12GP201 MICROCHIP-DSPIC33FJ12GP201 Datasheet
269Kb / 6P
   Silicon Errata
2007
DSPIC33FJXXXGPXXX_0612 MICROCHIP-DSPIC33FJXXXGPXXX_0612 Datasheet
228Kb / 10P
   Silicon Errata
2006
logo
Silicon Laboratories
SI5347-46 SILABS-SI5347-46 Datasheet
210Kb / 13P
   Data Sheet Errata for Product Revision B
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com