Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1304CV25-100BZC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1304CV25-100BZC
Description  9-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1304CV25-100BZC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1304CV25-100BZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1304CV25-100BZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1304CV25-100BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1304CV25-100BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1304CV25-100BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1304CV25-100BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1304CV25-100BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1304CV25-100BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1304CV25-100BZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
PRELIMINARY
CY7C1304CV25
Document #: 38-05494 Rev. *A
Page 3 of 18
Introduction
Functional Overview
The CY7C1304CV25 is a synchronous pipelined Burst SRAM
equipped with both a Read port and a Write port. The Read
port is dedicated to Read operations and the Write port is
dedicated to Write operations. Data flows into the SRAM
through the Write port and out through the Read port. These
devices multiplex the address inputs in order to minimize the
number of address pins required. By having separate Read
and Write ports, the device completely eliminates the need to
“turn-around” the data bus and avoids any possible data
contention, thereby simplifying system design. Each access
consists of four 18-bit data transfers in two clock cycles.
Accesses for both ports are initiated on the rising edge of the
positive input clock (K). All synchronous input timing is refer-
enced from the rising edge of the input clocks (K and K) and
all output timing is referenced to the rising edge of output
clocks (C and C, or K and K when in single clock mode).
All synchronous data inputs (D[17:0]) pass through input
registers controlled by the rising edge of input clocks (K and
K). All synchronous data outputs (Q[17:0]) pass through output
registers controlled by the rising edge of the output clocks (C
and C, or K and K when in single clock mode).
All synchronous control (RPS, WPS, BWS[0:1]) inputs pass
through input registers controlled by the rising edge of input
clocks (K and K).
Read Operations
The CY7C1304CV25 is organized internally as 4 arrays of
128K x 18. Accesses are completed in a burst of four
sequential 18-bit data words. Read operations are initiated by
asserting RPS active at the rising edge of the positive input
clock (K). The address presented to Address inputs are stored
in the Read address register. Following the next K clock rise
the corresponding lowest order 18-bit word of data is driven
onto the Q[17:0] using C as the output timing reference. On the
subsequent rising edge of C the next 18-bit data word is driven
onto the Q[17:0]. This process continues until all four 18-bit data
words have been driven out onto Q[17:0]. The requested data
C
Input-
Clock
Positive Output Clock Input. C is used in conjunction with C to clock out the Read data
from the device. C and C can be used together to deskew the flight times of various
devices on the board back to the controller. See application example for further details.
C
Input-
Clock
Negative Output Clock Input. C is used in conjunction with C to clock out the Read
data from the device. C and C can be used together to deskew the flight times of various
devices on the board back to the controller. See application example for further details.
K
Input-
Clock
Positive Input Clock Input. The rising edge of K is used to capture synchronous inputs
to the device and to drive out data through Q[17:0] when in single clock mode. All accesses
are initiated on the rising edge of K.
K
Input-
Clock
Negative Input Clock Input. K is used to capture synchronous inputs being presented
to the device and to drive out data through Q[17:0] when in single clock mode.
ZQ
Input
Output Impedance Matching Input. This input is used to tune the device outputs to the
system data bus impedance. Q[17:0] output impedance are set to 0.2 x RQ, where RQ is
a resistor connected between ZQ and ground. Alternately, this pin can be connected
directly to VDD, which enables the minimum impedance mode. This pin cannot be
connected directly to GND or left unconnected.
TDO
Output
TDO for JTAG.
TCK
Input
TCK pin for JTAG.
TDI
Input
TDI pin for JTAG.
TMS
Input
TMS pin for JTAG.
NC/18M
N/A
Address expansion for 18M. This is not connected to the die and so can be connected
to any voltage level.
NC/36M
N/A
Address expansion for 36M. This is not connected to the die and so can be connected
to any voltage level.
GND/72M
Input
Address expansion for 72M. This must be tied LOW on the CY7C1304CV25.
GND/144M
Input
Address expansion for 144M. This must be tied LOW on the CY7C1304CV25.
VREF
Input-
Reference
Reference Voltage Input. Static input used to set the reference level for HSTL inputs
and outputs as well as AC measurement points.
VDD
Power Supply
Power supply inputs to the core of the device.
VSS
Ground
Ground for the device.
VDDQ
Power Supply
Power supply inputs for the outputs of the device.
NC
N/A
Not connected to the die. Can be tied to any voltage level.
Pin Definitions (continued)
Name
I/O
Description


Similar Part No. - CY7C1304CV25-100BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1304DV25 CYPRESS-CY7C1304DV25 Datasheet
424Kb / 18P
   9-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1304DV25-167BZC CYPRESS-CY7C1304DV25-167BZC Datasheet
424Kb / 18P
   9-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1304DV25-167BZI CYPRESS-CY7C1304DV25-167BZI Datasheet
424Kb / 18P
   9-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1304DV25-167BZXC CYPRESS-CY7C1304DV25-167BZXC Datasheet
424Kb / 18P
   9-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1304DV25-167BZXI CYPRESS-CY7C1304DV25-167BZXI Datasheet
424Kb / 18P
   9-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
More results

Similar Description - CY7C1304CV25-100BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1304DV25 CYPRESS-CY7C1304DV25_06 Datasheet
424Kb / 18P
   9-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1305AV25 CYPRESS-CY7C1305AV25 Datasheet
333Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR Architecture
CY7C1305BV25 CYPRESS-CY7C1305BV25 Datasheet
247Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR Architecture
CY7C1305BV25 CYPRESS-CY7C1305BV25_06 Datasheet
918Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1305BV18 CYPRESS-CY7C1305BV18 Datasheet
244Kb / 20P
   18-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1303BV18 CYPRESS-CY7C1303BV18 Datasheet
246Kb / 19P
   18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1302DV25 CYPRESS-CY7C1302DV25 Datasheet
231Kb / 18P
   9-Mbit Burst of Two Pipelined SRAMs with QDR Architecture
CY7C1303CV25 CYPRESS-CY7C1303CV25 Datasheet
539Kb / 21P
   18-Mbit Burst of 2 Pipelined SRAM with QDR Architecture
CY7C1303BV25 CYPRESS-CY7C1303BV25 Datasheet
817Kb / 19P
   18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1302CV25 CYPRESS-CY7C1302CV25 Datasheet
296Kb / 18P
   9-Mbit Burst of Two Pipelined SRAMs with QDR??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com