Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-15-002-TD-SST2I Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # C-15-002-TD-SST2I
Description  1550nm 2.5Gbps Laser Diode Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C-15-002-TD-SST2I Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  C-15-002-TD-SST2I Datasheet HTML 1Page - List of Unclassifed Manufacturers C-15-002-TD-SST2I Datasheet HTML 2Page - List of Unclassifed Manufacturers C-15-002-TD-SST2I Datasheet HTML 3Page - List of Unclassifed Manufacturers C-15-002-TD-SST2I Datasheet HTML 4Page - List of Unclassifed Manufacturers C-15-002-TD-SST2I Datasheet HTML 5Page - List of Unclassifed Manufacturers C-15-002-TD-SST2I Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
C-15-002-XX-SXXXX/XXX-X-XX
1550nm 2.5Gbps Laser Diode Module
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS528-JUN2606
rev. A.1
LUMINENTOIC.COM
Packaging Dimension
Units in mm.
Part Number: C-15-002-TX-SSCXX-XX
SC TOSA (L Power with Isolator)
SC TOSA (M&H&2 Power)
C-15-002-TX-SSCL-XX
C-15-002-TX-SSCLI-XX
C-15-002-TX-SSCXX-XX
SC TOSA (L Power)
A
DIMENSION A:7.77~8.37mm
OPTICAL PLANE
OPTICAL PLANE
OPTICAL PLANE


Similar Part No. - C-15-002-TD-SST2I

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-15-1250-FDFB-SLC2 SOURCE-C-15-1250-FDFB-SLC2 Datasheet
846Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
C-15-1250-FDFB-SLC2-G5 SOURCE-C-15-1250-FDFB-SLC2-G5 Datasheet
846Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
C-15-1250-FDFB-SLC2A SOURCE-C-15-1250-FDFB-SLC2A Datasheet
846Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
C-15-1250-FDFB-SLC2A-G5 SOURCE-C-15-1250-FDFB-SLC2A-G5 Datasheet
846Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
C-15-1250-FDFB-SLC4 SOURCE-C-15-1250-FDFB-SLC4 Datasheet
846Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
More results

Similar Description - C-15-002-TD-SST2I

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
LDR-FC-31Z-L-T-ASFCNE SOURCE-LDR-FC-31Z-L-T-ASFCNE Datasheet
442Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDR-F3-31Z-L-T-AS SOURCE-LDR-F3-31Z-L-T-AS Datasheet
517Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDR-FC-31Z-L-T-ASSTNB SOURCE-LDR-FC-31Z-L-T-ASSTNB Datasheet
430Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDP-FC-31Z-L-T-ASNCN SOURCE-LDP-FC-31Z-L-T-ASNCN Datasheet
518Kb / 4P
   1310nm & 1550nm Laser Diode Module
C-15-DFB-P-SSC2I-APC-O-01 SOURCE-C-15-DFB-P-SSC2I-APC-O-01 Datasheet
385Kb / 3P
   1550nm MQW-DFB Laser Diode Module
C-15-DFB-T-SFCL SOURCE-C-15-DFB-T-SFCL Datasheet
747Kb / 6P
   1550nm MQW-DFB Laser Diode Module
logo
Samsung semiconductor
CXB1828ER SAMSUNG-CXB1828ER Datasheet
254Kb / 20P
   2.5Gbps Laser Diode Driver
logo
Sony Corporation
CXB1828ER SONY-CXB1828ER Datasheet
258Kb / 20P
   2.5Gbps Laser Diode Driver
logo
Mitsubishi Electric Sem...
ML7XX34 MITSUBISHI-ML7XX34 Datasheet
212Kb / 2P
   2.5Gbps InGaAsP DFB LASER DIODE
logo
Micrel Semiconductor
SY88212L MICREL-SY88212L_10 Datasheet
414Kb / 10P
   3.3V, 2.5Gbps Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com