Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1306AV18 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1306AV18
Description  18-Mb Burst of 2 Pipelined SRAM with QDR??Architecture
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1306AV18 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1306AV18 Datasheet HTML 2Page - Cypress Semiconductor CY7C1306AV18 Datasheet HTML 3Page - Cypress Semiconductor CY7C1306AV18 Datasheet HTML 4Page - Cypress Semiconductor CY7C1306AV18 Datasheet HTML 5Page - Cypress Semiconductor CY7C1306AV18 Datasheet HTML 6Page - Cypress Semiconductor CY7C1306AV18 Datasheet HTML 7Page - Cypress Semiconductor CY7C1306AV18 Datasheet HTML 8Page - Cypress Semiconductor CY7C1306AV18 Datasheet HTML 9Page - Cypress Semiconductor CY7C1306AV18 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
PRELIMINARY
CY7C1303AV18
CY7C1306AV18
Document #: 38-05492 Rev. *A
Page 6 of 20
Truth Table[2, 3, 4,5, 6, 7]
Operation
K
RPS
WPS
DQ
DQ
Write Cycle:
Load address on the rising edge of K clock; input write
data on K and K rising edges.
L-H
X
L
D(A+0)at
K(t)
D(A+1) at
K(t)
Read Cycle:
Load address on the rising edge of K clock; wait one
cycle; read data on 2 consecutive C and C rising edges.
L-H
L
X
Q(A+0) at
C(t+1)
Q(A+1) at
C(t+1)
NOP: No Operation
L-H
H
H
D = X
Q = High-Z
D = X
Q = High-Z
Standby: Clock Stopped
Stopped
X
X
Previous
State
Previous
State
Write Descriptions (CY7C1303AV18)[8]
BWS0
BWS1
KK
Comments
L
L
L-H
-
During the Data portion of a Write sequence, both bytes (D[17:0]) are written into the device.
L
L
-
L-H
During the Data portion of a Write sequence, both bytes (D[17:0]) are written into the device.
L
H
L-H
-
During the Data portion of a Write sequence, only the lower byte (D[8:0]) is written into the
device. D[17:9] remains unaltered.
L
H
-
L-H
During the Data portion of a Write sequence, only the lower byte (D[8:0]) is written into the
device. D[17:9] remains unaltered.
H
L
L-H
-
During the Data portion of a Write sequence, only the byte (D[17:9]) is written into the device.
D[8:0] remains unaltered.
H
L
-
L-H
During the Data portion of a Write sequence, only the byte (D[17:9]) is written into the device.
D[8:0] remains unaltered.
H
H
L-H
-
No data is written into the device during this portion of a Write operation.
H
H
-
L-H
No data is written into the device during this portion of a Write operation.
Notes:
2. X = Don't Care, H = Logic HIGH, L = Logic LOW,
↑ represents rising edge.
3. Device will power-up deselected and the outputs in a three-state condition.
4. “A” represents address location latched by the devices when transaction was initiated. A+0, A+1 represent the addresses sequence in the burst.
5. “t” represents the cycle at which a Read/Write operation is started. t+1 is the first clock cycle succeeding the “t” clock cycle.
6. Data inputs are registered at K and K rising edges. Data outputs are delivered on C and C rising edges, except when in single clock mode.
7. It is recommended that K = K and C = C when clock is stopped. This is not essential, but permits most rapid restart by overcoming transmission line charging
symmetrically.


Similar Part No. - CY7C1306AV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1306AV25 CYPRESS-CY7C1306AV25 Datasheet
479Kb / 19P
   18-Mb Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1306AV25-100BZC CYPRESS-CY7C1306AV25-100BZC Datasheet
479Kb / 19P
   18-Mb Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1306AV25-133BZC CYPRESS-CY7C1306AV25-133BZC Datasheet
479Kb / 19P
   18-Mb Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1306AV25-167BZC CYPRESS-CY7C1306AV25-167BZC Datasheet
479Kb / 19P
   18-Mb Burst of 2 Pipelined SRAM with QDR??Architecture
More results

Similar Description - CY7C1306AV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1303AV25 CYPRESS-CY7C1303AV25 Datasheet
479Kb / 19P
   18-Mb Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1305AV18 CYPRESS-CY7C1305AV18 Datasheet
480Kb / 20P
   18-Mb Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1303BV18 CYPRESS-CY7C1303BV18 Datasheet
246Kb / 19P
   18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1303CV25 CYPRESS-CY7C1303CV25 Datasheet
539Kb / 21P
   18-Mbit Burst of 2 Pipelined SRAM with QDR Architecture
CY7C1303BV25 CYPRESS-CY7C1303BV25 Datasheet
817Kb / 19P
   18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1305AV25 CYPRESS-CY7C1305AV25 Datasheet
333Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR Architecture
CY7C1305BV25 CYPRESS-CY7C1305BV25 Datasheet
247Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR Architecture
CY7C1305BV25 CYPRESS-CY7C1305BV25_06 Datasheet
918Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1305BV18 CYPRESS-CY7C1305BV18 Datasheet
244Kb / 20P
   18-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1310AV18 CYPRESS-CY7C1310AV18 Datasheet
449Kb / 21P
   18-Mb QDR-II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com