Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GVT7164C18Q-6 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # GVT7164C18Q-6
Description  64K x 18 Synchronous Burst RAM Pipelined Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

GVT7164C18Q-6 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button GVT7164C18Q-6 Datasheet HTML 2Page - Cypress Semiconductor GVT7164C18Q-6 Datasheet HTML 3Page - Cypress Semiconductor GVT7164C18Q-6 Datasheet HTML 4Page - Cypress Semiconductor GVT7164C18Q-6 Datasheet HTML 5Page - Cypress Semiconductor GVT7164C18Q-6 Datasheet HTML 6Page - Cypress Semiconductor GVT7164C18Q-6 Datasheet HTML 7Page - Cypress Semiconductor GVT7164C18Q-6 Datasheet HTML 8Page - Cypress Semiconductor GVT7164C18Q-6 Datasheet HTML 9Page - Cypress Semiconductor GVT7164C18Q-6 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CY7C1298A/
GVT7164C18
Document #: 38-05194 Rev. *A
Page 6 of 12
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Voltage on VCC Supply Relative to VSS ......... –0.5V to +4.6V
VIN ...................................................................... –0.5V to 6V
Storage Temperature (plastic) .......................–55°C to +150°
Junction Temperature ..................................................+150°
Power Dissipation.......................................................... 1.6W
Short Circuit Output Current ...................................... 100 mA
Operating Range
Range
Ambient
Temperature[12]
VCC
[13,14]
Com’l
0°C to +70°C
3.3V
−5%/+10%
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
Min.
Max.
Unit
VIH
Input High (Logic 1) Voltage[15, 16]
2.0
VCCQ + 0.3
V
VIl
Input Low (Logic 0) Voltage[15, 16]
–0.3
0.8
V
ILI
Input Leakage Current[17]
0V < VIN < VCC
–2
2
µA
ILO
Output Leakage Current
Output(s) disabled, 0V < VOUT < VCC
–2
2
µA
VOH
Output High Voltage[15, 18]
IOH = –4.0 mA
2.4
V
VOL
Output Low Voltage[15, 18]
IOL = 8.0 mA
0.4
V
VCC
Supply Voltage[15]
3.1
3.6
V
Parameter
Description
Conditions
Typ.
100
MHz
-5
83
MHz
-6
66
MHz
-7
50
MHz
-8
Unit
ICC
Power Supply
Current:
Operating[19, 20, 21]
Device selected; all inputs < VILor > VIH;
cycle time > tKC min.; VCC = Max.;
outputs open
180
360
315
270
225
mA
ISB1
Power Supply
Current: Idle[20, 21]
Device selected; ADSC, ADSP, ADV,
GW, BWE >VIH; all other inputs < VILor
> VIH; VCC = Max.; cycle time > tKC min.;
outputs open
30
60
55
50
45
mA
ISB2
CMOS Standby[20, 21] Device deselected; VCC = Max.;
all inputs < VSS + 0.2 or >VCC – 0.2;
all inputs static; CLK frequency = 0
0.2
2
222
mA
ISB3
TTL Standby[20, 21]
Device deselected; all inputs < VIL
or > VIH; all inputs static;
VCC = Max.; CLK frequency = 0
8
18181818
mA
ISB4
Clock Running[20, 21]
Device deselected;
all inputs < VIL or > VIH; VCC = Max.;
CLK cycle time > tKC min.
30
60
55
50
45
mA
Capacitance[22]
Parameter
Description
Test Conditions
Typ.
Max.
Unit
CI
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 3.3V
34
pF
CO
Input/Output Capacitance (DQ)
6
7
pF
Notes:
12. TA is the case temperature.
13. Please refer to waveform (d)
14. Power Supply ramp-up should be monotonic.
15. All voltages referenced to VSS (GND).
16. Overshoot: VIH ≤ +6.0V for t ≤ tKC /2.
Undershoot:VIL ≤ –2.0V for t ≤ tKC /2
17. MODE pin has an internal pull-up and ZZ pin has an internal pull-down. These two pins exhibit an input leakage current of ±30
µA.
18. AC I/O curves are available upon request.
19. ICC is given with no output current. ICC increases with greater output loading and faster cycle times.
20. “Device Deselected” means the device is in Power-Down mode as defined in the truth table. “Device Selected” means the device is active.
21. Typical values are measured at 3.3V, 25°C, and20-ns cycle time.
22. This parameter is sampled.


Similar Part No. - GVT7164C18Q-6

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
GVT7164B18 CYPRESS-GVT7164B18 Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
GVT7164B18T-10 CYPRESS-GVT7164B18T-10 Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
GVT7164B18T-12 CYPRESS-GVT7164B18T-12 Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
GVT7164B18T-9 CYPRESS-GVT7164B18T-9 Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
More results

Similar Description - GVT7164C18Q-6

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69T618 MOTOROLA-MCM69T618 Datasheet
177Kb / 10P
   64K x 18 Bit Synchronous Pipelined Cache Tag RAM
MCM69P618C MOTOROLA-MCM69P618C Datasheet
205Kb / 12P
   64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
logo
Cypress Semiconductor
CY7C1329 CYPRESS-CY7C1329 Datasheet
276Kb / 14P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Weida Semiconductor, In...
WCSS0232V1P WEIDA-WCSS0232V1P Datasheet
375Kb / 14P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Integrated Silicon Solu...
IS61LP6432A ISSI-IS61LP6432A Datasheet
110Kb / 17P
   64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
Cypress Semiconductor
CY7C1329 CYPRESS-CY7C1329_04 Datasheet
352Kb / 15P
   64K x 32 Synchronous-Pipelined Cache RAM
CY7C1297A CYPRESS-CY7C1297A Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
logo
List of Unclassifed Man...
UT6164C64A ETC-UT6164C64A Datasheet
234Kb / 15P
   64K X 64 SYNCHRONOUS PIPELINED BURST CMOS SRAM
UT6164C32 ETC-UT6164C32 Datasheet
224Kb / 15P
   64K X 32 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Renesas Technology Corp
709389L RENESAS-709389L Datasheet
339Kb / 16P
   HIGH-SPEED 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
APRIL 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com