Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS17285EN- Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS17285EN-
Description  Real-Time Clocks
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS17285EN- Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS17285EN- Datasheet HTML 2Page - Maxim Integrated Products DS17285EN- Datasheet HTML 3Page - Maxim Integrated Products DS17285EN- Datasheet HTML 4Page - Maxim Integrated Products DS17285EN- Datasheet HTML 5Page - Maxim Integrated Products DS17285EN- Datasheet HTML 6Page - Maxim Integrated Products DS17285EN- Datasheet HTML 7Page - Maxim Integrated Products DS17285EN- Datasheet HTML 8Page - Maxim Integrated Products DS17285EN- Datasheet HTML 9Page - Maxim Integrated Products DS17285EN- Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Real-Time Clocks
6
_____________________________________________________________________
POWER-UP/POWER-DOWN CHARACTERISTICS
(TA = -40°C to +85°C) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Recovery at Power-Up
tREC
(Note 9)
20
150
ms
VCC Fall Time, VPF(MAX) to
VPF(MIN)
tF
300
µs
VCC Fall Time, VPF(MAX) to
VPF(MIN)
tR
0µs
DATA RETENTION (DS17x87 ONLY)
(TA = +25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Expected Data Retention
tDR
(Note 9)
10
Years
CAPACITANCE
(TA = +25°C) (Note 10)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Capacitance on All Input Pins
Except X1
CIN
(Note 10)
12
pF
Capacitance on IRQ, SQW, and
DQ0–DQ7 Pins
CIO
(Note 10)
12
pF
AC TEST CONDITIONS
PARAMETER
CONDITIONS
Input Pulse Levels:
0 to 3.0V
Output Load Including Scope and Jig:
50pF + 1TTL Gate
Input and Output Timing Measurement Reference Levels:
Input/Output: VIL max and VIH min
Input Pulse Rise and Fall Times:
5ns
Note 1:
RTC modules can be successfully processed through conventional wave-soldering techniques as long as temperature
exposure to the lithium energy source contained within does not exceed +85°C. However, post-solder cleaning with water-
washing techniques is acceptable, provided that ultrasonic vibrations not used to prevent damage to the crystal.
Note 2:
Limits at -40°C are guaranteed by design and not production tested.
Note 3:
All voltages are referenced to ground.
Note 4:
All outputs are open.
Note 5:
Specified with CS = RD = WR = VCC, ALE, AD0–AD7 = 0.
Note 6:
Applies to the AD0–AD7 pins, IRQ, and SQW when each is in a high-impedance state.
Note 7:
Measured with a 32.768kHz crystal attached to X1 and X2.
Note 8:
Measured with a 50pF capacitance load plus 1TTL gate.
Note 9:
If the oscillator is disabled in software, or if the countdown chain is in reset, tREC is bypassed, and the part becomes
immediately accessible.
Note 10: Guaranteed by design. Not production tested.
WARNING: Negative undershoots below -0.3V while the part is in battery-backed mode can cause loss of
data.


Similar Part No. - DS17285EN-

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS17285EN-3 DALLAS-DS17285EN-3 Datasheet
411Kb / 38P
   3V/5V Real-Time Clock
logo
Maxim Integrated Produc...
DS17285EN-3++ MAXIM-DS17285EN-3+ Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
logo
Dallas Semiconductor
DS17285EN-5 DALLAS-DS17285EN-5 Datasheet
411Kb / 38P
   3V/5V Real-Time Clock
More results

Similar Description - DS17285EN-

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS12885 MAXIM-DS12885_10 Datasheet
268Kb / 22P
   Real-Time Clocks
19-5213; Rev 4; 4/10
DS17285 MAXIM-DS17285_1 Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
logo
Mercury United Electron...
ME83 MERCURY-ME83 Datasheet
399Kb / 5P
   Frequency reference for real time clocks
logo
Abracon Corporation
ASH7K ABRACON-ASH7K Datasheet
1Mb / 2P
   Clock drivers for Real Time Clocks
12.27.11
logo
Maxim Integrated Produc...
DS1501 MAXIM-DS1501 Datasheet
277Kb / 21P
   Y2K-Compliant Watchdog Real-Time Clocks
REV: 011607
logo
STMicroelectronics
M41T62 STMICROELECTRONICS-M41T62_10 Datasheet
695Kb / 41P
   Serial real-time clocks with alarm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com