Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS14285SN Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS14285SN
Description  Real-Time Clock with NV RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS14285SN Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS14285SN Datasheet HTML 4Page - Dallas Semiconductor DS14285SN Datasheet HTML 5Page - Dallas Semiconductor DS14285SN Datasheet HTML 6Page - Dallas Semiconductor DS14285SN Datasheet HTML 7Page - Dallas Semiconductor DS14285SN Datasheet HTML 8Page - Dallas Semiconductor DS14285SN Datasheet HTML 9Page - Dallas Semiconductor DS14285SN Datasheet HTML 10Page - Dallas Semiconductor DS14285SN Datasheet HTML 11Page - Dallas Semiconductor DS14285SN Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
DS14285/DS14287
8 of 26
RTC ADDRESS MAP
The address map of the DS14285/DS14287 is shown in Figure 2. The address map consists of 114 bytes
of user RAM, 10 bytes of RAM that contain the RTC time, calendar, and alarm data, and 4 bytes which
are used for control and status. All 128 bytes can be directly written or read except for the following:
1. Registers C and D are read-only.
2. Bit 7 of Register A is read-only.
3. The high order bit of the seconds byte is read-only.
The contents of four registers (A,B,C, and D) are described in the “Registers” section.
Figure 2. DS14285/DS14287 Address Map
TIME, CALENDAR AND ALARM LOCATIONS
The time and calendar information is obtained by reading the appropriate memory bytes. The time,
calendar, and alarm are set or initialized by writing the appropriate RAM bytes. The contents of the 10
time, calendar, and alarm bytes can be either Binary or Binary-Coded Decimal (BCD) format. Before
writing the internal time, calendar, and alarm registers, the SET bit in Register B should be written to a
logic 1 to prevent updates from occurring while access is being attempted. In addition to writing the 10
time, calendar, and alarm registers in a selected format (binary or BCD), the data mode bit (DM) of
Register B must be set to the appropriate logic level. All 10 time, calendar, and alarm bytes must use the
same data mode. The set bit in Register B should be cleared after the data mode bit has been written to
allow the real-time clock to update the time and calendar bytes. Once initialized, the real-time clock
makes all updates in the selected mode. The data mode cannot be changed without reinitializing the 10
data bytes. Table 1 shows the binary and BCD formats of the ten time, calendar, and alarm locations. The


Similar Part No. - DS14285SN

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS14285SN DALLAS-DS14285SN Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
More results

Similar Description - DS14285SN

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285 Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
logo
RICOH electronics devic...
RP5C01A RICOH-RP5C01A Datasheet
124Kb / 10P
   REAL-TIME CLOCK WITH INTERNAL RAM
logo
Dallas Semiconductor
DS1688 DALLAS-DS1688 Datasheet
46Kb / 5P
   3 Volt/5 Volt Serialized Real Time Clock with NV RAM Control
DS1689 DALLAS-DS1689 Datasheet
321Kb / 32P
   3-Volt/5-Volt Serialized Real-Time Clock with NV RAM Control
logo
List of Unclassifed Man...
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Dallas Semiconductor
DS1688 DALLAS-DS1688_05 Datasheet
395Kb / 6P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS1689 DALLAS-DS1689_05 Datasheet
593Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
logo
Maxim Integrated Produc...
DS1688 MAXIM-DS1688 Datasheet
99Kb / 3P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
logo
Motorola, Inc
MC146818 MOTOROLA-MC146818 Datasheet
930Kb / 22P
   REAL-TIME CLOCK PLUS RAM (RTC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com