Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS14285S+ Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS14285S+
Description  Real-Time Clock with NV RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS14285S+ Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS14285S+ Datasheet HTML 1Page - Dallas Semiconductor DS14285S+ Datasheet HTML 2Page - Dallas Semiconductor DS14285S+ Datasheet HTML 3Page - Dallas Semiconductor DS14285S+ Datasheet HTML 4Page - Dallas Semiconductor DS14285S+ Datasheet HTML 5Page - Dallas Semiconductor DS14285S+ Datasheet HTML 6Page - Dallas Semiconductor DS14285S+ Datasheet HTML 7Page - Dallas Semiconductor DS14285S+ Datasheet HTML 8Page - Dallas Semiconductor DS14285S+ Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
DS14285/DS14287
5 of 26
RESET
(Reset Input) - The RESET pin has no effect on the clock, calendar, or RAM. On power-up the
RESET
pin can be held low for a time in order to allow the power supply to stabilize. The amount of time
that RESET is held low is dependent on the application. However, if RESET is used on power-up, the
time RESET is low should exceed 200 ms to make sure that the internal timer that controls the
DS14285/DS14287 on power-up has timed out. When RESET is low and VCC is above 4.25 volts, the
following occurs:
A. Periodic Interrupt Enable (PEI) bit is cleared to 0.
B. Alarm Interrupt Enable (AIE) bit is cleared to 0.
C. Update Ended Interrupt Flag (UF) bit is cleared to 0.
D. Interrupt Request Status Flag (IRQF) bit is cleared to 0.
E. Periodic Interrupt Flag (PF) bit is cleared to 0.
F. The device is not accessible until RESET is returned high.
G. Alarm Interrupt Flag (AF) bit is cleared to 0.
H. IRQ pin is in the high impedance state.
I. Square Wave Output Enable ( SQWE ) bit is cleared to 0.
J. Update Ended Interrupt Enable (UIE) is cleared to 0.
K. CEO is driven high.
In a typical application RESET can be connected to VCC. This connection will allow the DS14287 to go in
and out of power fail without affecting any of the control registers.
CEI
(External RAM Chip Enable Input, active low) - CEI should be driven low to enable the external
RAM. CEI is internally pulled up with a 50k
Ω resistor.
CEO
(External RAM Chip Enable Output, active low) - When VCC is greater than 4.25 volts (typical),
CEO
will reflect CEI provided the RESET is at a logic high. When VCC is less than 4.25 volts (typical),
CEO
will be forced to an inactive level regardless of CEI .
VCCO (External RAM Power Supply Output) - VCCO provides the higher of VCC or VBAT through an
internal switch to power an external RAM.
DS14285 Only
X1, X2 - Connections for a standard 32.768 kHz quartz crystal. The internal oscillator circuitry is
designed for operation with a crystal having a specified load capacitance (CL) of 6 pF. The crystal is
connected directly to the X1 and X2 pins. There is no need for external capacitors or resistors. Note: X1
and X2 are very high impedance nodes. It is recommended that they and the crystal be guard–ringed with
ground and that high frequency signals be kept away from the crystal area. For more information on
crystal selection and crystal layout considerations, please consult Application Note 58, “Crystal
Considerations with Dallas Real Time Clocks.”
VBAT – Battery input for any standard 3-volt lithium cell or other energy source. See the Power-Up/Down
section for considerations in selecting the size of the external energy source


Similar Part No. - DS14285S+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS14285S DALLAS-DS14285S Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
DS14285SN DALLAS-DS14285SN Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
More results

Similar Description - DS14285S+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285 Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
logo
RICOH electronics devic...
RP5C01A RICOH-RP5C01A Datasheet
124Kb / 10P
   REAL-TIME CLOCK WITH INTERNAL RAM
logo
Dallas Semiconductor
DS1688 DALLAS-DS1688 Datasheet
46Kb / 5P
   3 Volt/5 Volt Serialized Real Time Clock with NV RAM Control
DS1689 DALLAS-DS1689 Datasheet
321Kb / 32P
   3-Volt/5-Volt Serialized Real-Time Clock with NV RAM Control
logo
List of Unclassifed Man...
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Dallas Semiconductor
DS1688 DALLAS-DS1688_05 Datasheet
395Kb / 6P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS1689 DALLAS-DS1689_05 Datasheet
593Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
logo
Maxim Integrated Produc...
DS1688 MAXIM-DS1688 Datasheet
99Kb / 3P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
logo
Motorola, Inc
MC146818 MOTOROLA-MC146818 Datasheet
930Kb / 22P
   REAL-TIME CLOCK PLUS RAM (RTC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com