Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS17285-5 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS17285-5
Description  Real-Time Clocks
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS17285-5 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS17285-5 Datasheet HTML 4Page - Maxim Integrated Products DS17285-5 Datasheet HTML 5Page - Maxim Integrated Products DS17285-5 Datasheet HTML 6Page - Maxim Integrated Products DS17285-5 Datasheet HTML 7Page - Maxim Integrated Products DS17285-5 Datasheet HTML 8Page - Maxim Integrated Products DS17285-5 Datasheet HTML 9Page - Maxim Integrated Products DS17285-5 Datasheet HTML 10Page - Maxim Integrated Products DS17285-5 Datasheet HTML 11Page - Maxim Integrated Products DS17285-5 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Real-Time Clocks
8
_____________________________________________________________________
Pin Description (continued)
PIN
24
28
NAME
FUNCTION
13
23
CS
Active-Low Chip-Select Input. This pin must be asserted low during a bus cycle for the device
to be accessed. CS must be kept in the active state during RD and WR. Bus cycles that take
place without asserting CS latch addresses, but no access occurs.
14
24
ALE
Address Latch Enable Input, Active High. This input pin is used to demultiplex the
address/data bus. The falling edge of ALE causes the address to be latched within the device.
15
25
WR
Active-Low Write Input. This pin defines the period during which data is written to the
addressed register.
17
27
RD
Active-Low Read Input. This pin identifies the period when the device drives the bus with read
data. It is an enable signal for the output buffers of the device.
18
28
KS
Active-Low Kickstart Input. When VCC is removed from the device, the system can be
powered on in response to an active-low transition on the KS pin, as might be generated from
a key closure. VBAUX must be present and auxiliary-battery-enable bit (ABE) must be set to 1 if
the kickstart function is used, and the KS pin must be pulled up to the VBAUX supply. While
VCC is applied, the KS pin can be used as an interrupt input. If not used, KS must be
grounded and ABE set to 0.
19
1
IRQ
Active-Low Interrupt Request. This pin is an active-low output that can be used as an interrupt
input to a processor. The IRQ output remains low as long as the status bit causing the interrupt
is present and the corresponding interrupt-enable bit is set. To clear the IRQ pin, the
application software must clear all enabled flag bits contributing to the pin’s active state. When
no interrupt conditions are present, the IRQ level is in the high-impedance state. Multiple
interrupting devices can be connected to an IRQ bus, provided that they are all open drain.
The IRQ pin requires an external pullup resistor to VCC.
20
2
VBAT
Connection for Primary Battery. This supply input is used to power the normal clock functions
when VCC is absent. Diodes placed in series between VBAT and the battery can prevent
proper operation. If VBAT is not required, the pin must be grounded. UL recognized to ensure
against reverse charging current when used with a lithium battery (www.maxim-
ic.com/qa/info/ul). This pin is missing (N.C.) on the EDIP package.


Similar Part No. - DS17285-5

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS17285-5 DALLAS-DS17285-5 Datasheet
411Kb / 38P
   3V/5V Real-Time Clock
logo
Maxim Integrated Produc...
DS17285-5++ MAXIM-DS17285-5+ Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
More results

Similar Description - DS17285-5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS12885 MAXIM-DS12885_10 Datasheet
268Kb / 22P
   Real-Time Clocks
19-5213; Rev 4; 4/10
DS17285 MAXIM-DS17285_1 Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
logo
Mercury United Electron...
ME83 MERCURY-ME83 Datasheet
399Kb / 5P
   Frequency reference for real time clocks
logo
Abracon Corporation
ASH7K ABRACON-ASH7K Datasheet
1Mb / 2P
   Clock drivers for Real Time Clocks
12.27.11
logo
Maxim Integrated Produc...
DS1501 MAXIM-DS1501 Datasheet
277Kb / 21P
   Y2K-Compliant Watchdog Real-Time Clocks
REV: 011607
logo
STMicroelectronics
M41T62 STMICROELECTRONICS-M41T62_10 Datasheet
695Kb / 41P
   Serial real-time clocks with alarm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com