Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1685SN-3 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1685SN-3
Description  3V/5V Real-Time Clocks
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1685SN-3 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1685SN-3 Datasheet HTML 1Page - Dallas Semiconductor DS1685SN-3 Datasheet HTML 2Page - Dallas Semiconductor DS1685SN-3 Datasheet HTML 3Page - Dallas Semiconductor DS1685SN-3 Datasheet HTML 4Page - Dallas Semiconductor DS1685SN-3 Datasheet HTML 5Page - Dallas Semiconductor DS1685SN-3 Datasheet HTML 6Page - Dallas Semiconductor DS1685SN-3 Datasheet HTML 7Page - Dallas Semiconductor DS1685SN-3 Datasheet HTML 8Page - Dallas Semiconductor DS1685SN-3 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
DS1685/DS1687 3V/5V Real-Time Clocks
5 of 39
PIN DESCRIPTIONS
PIN
DS1685
DS1687
DIP, SO,
TSSOP
PLCC
EDIP
NAME
FUNCTION
1
2
1
PWR
Active Low Power-On Output, Open Drain. The
PWR pin is intended for use
as an on/off control for the system power. With VCC voltage removed from
the DS1685/DS1687,
PWR can be automatically activated from a kickstart
input by the
KS pin or from a wake-up interrupt. Once the system is
powered on, the state of
PWR can be controlled by bits in the Dallas
registers. The
PWR pin can be connected through a pullup resistor to a
positive supply. The voltage of the pullup supply should be no greater than
5.5V.
1, 11, 13,
18
2, 3, 16,
20
N.C.
No Connection. Pins missing by design.
2
3
X1
3
4
X2
Connections for Standard 32.768kHz Quartz Crystal. For greatest
accuracy, the DS1685 must be used with a crystal that has a specified load
capacitance of either 6pF or 12.5pF. The crystal-select (
CS) bit in Extended
Control Register 4B is used to select operation with a 6pF or 12.5pF
crystal. The crystal is attached directly to the X1 and X2 pins. There is no
need for external capacitors or resistors. Note: X1 and X2 are very high-
impedance nodes. It is recommended that they and the crystal be guard-
ringed with ground and that high-frequency signals be kept away from the
crystal area.
4–11
5–10, 12,
14
4–11
AD0–AD7
Multiplexed, Bidirectional Address/Data Bus. The addresses are present
during the first portion of the bus cycle and the same pins and signal paths
are used for data in the second portion of the cycle. Address/data
multiplexing does not slow the access time of the DS1685 since the bus
change from address to data occurs during the internal RAM access time.
Addresses must be valid prior to the latter portion of ALE, at which time the
DS1685/DS1687 latches the address. Valid write data must be present and
held stable during the latter portion of the
WR pulse. In a read cycle, the
DS1685/DS1687 outputs 8 bits of data during the latter portion of the
RD
pulse. The read cycle is terminated and the bus returns to a high-
impedance state as
RD transitions high. The address/data bus also serves
as a bidirectional data path for the extended RAM.
12, 16
15, 20
12
GND
Ground
13
16
13
CS
Chip-Select Input, Active-Low. The chip-select signal must be asserted low
during a bus cycle for the RTC portion of the DS1685/DS1687 to be
accessed.
CS must be kept in the active state during RD and WR timing.
Bus cycles that take place with ALE asserted but without asserting
CS will
latch addresses. However, no data transfer will occur.
14
17
14
ALE
Address-Strobe Input, Active High. A pulse on the address strobe pin
serves to demultiplex the bus. The falling edge of ALE causes the RTC
address to be latched within the DS1685/DS1687.
15
19
15
WR
Write Input, Active Low. The
WR signal is an active-low signal. The WR
signal defines the time period during which data is written to the addressed
register.
17
21
17
RD
Read Input, Active Low.
RD identifies the time period when the
DS1685/DS1687 drives the bus with RTC read data. The
RD signal is an
enable signal for the output buffers of the clock.


Similar Part No. - DS1685SN-3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1685S-3++ MAXIM-DS1685S-3+ Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
DS1685S-3+TR MAXIM-DS1685S-3+TR Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
DS1685S-3 MAXIM-DS1685S-3_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
DS1685S-5++ MAXIM-DS1685S-5+ Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
DS1685S-5+TR MAXIM-DS1685S-5+TR Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
More results

Similar Description - DS1685SN-3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
DS1688 MAXIM-DS1688 Datasheet
99Kb / 3P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
logo
Dallas Semiconductor
DS1689 DALLAS-DS1689_05 Datasheet
593Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS1688 DALLAS-DS1688_05 Datasheet
395Kb / 6P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS17285 DALLAS-DS17285 Datasheet
411Kb / 38P
   3V/5V Real-Time Clock
DS17485 DALLAS-DS17485 Datasheet
427Kb / 38P
   3V/5V Real-Time Clock
DS17885-DS17887 DALLAS-DS17885-DS17887 Datasheet
410Kb / 38P
   3V/5V Real-Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com