Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SS420 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 1SS420
Description  Silicon Epitaxial Schottky Barrier Type High-Speed Switching Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SS420 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  1SS420_05 Datasheet HTML 1Page - Toshiba Semiconductor 1SS420_05 Datasheet HTML 2Page - Toshiba Semiconductor 1SS420_05 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1SS420
2005-03-23
2
IF - VF
0
0
0
1
10
100
1000
0
0.2
0.4
0.6
0.8
FORWARD VOLTAGE VF (V)
Ta = 100°C
25
-25
1u
10u
100u
10m
1m
100m
1
CT - VR
1
10
100
010
20
30
REVERSE VOLTAGE VR (V)
Ta = 25°C
f = 1MHz
IR - VR
0
0
0
0
0
1
10
100
0
5
10
15
20
25
30
REVERSE VOLTAGE VR (V)
25
-25
Ta = 100°C
10p
100p
1n
10n
100n
1u
10u
100u


Similar Part No. - 1SS420_05

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS420CT TOSHIBA-1SS420CT Datasheet
147Kb / 3P
   High-Speed Switching Applications
logo
Chenmko Enterprise Co. ...
1SS420PT CHENMKO-1SS420PT Datasheet
78Kb / 2P
   SWITCHING DIODE VOLTAGE 85 Volts CURRENT 0.15 Ampere
logo
Toshiba Semiconductor
1SS420TPL3F TOSHIBA-1SS420TPL3F Datasheet
127Kb / 4P
   High-Speed Switching Applications
More results

Similar Description - 1SS420_05

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5713 TOSHIBA-2SC5713_06 Datasheet
139Kb / 5P
   Silicon NPN Epitaxial Type High-Speed Switching Applications
2SC5906 TOSHIBA-2SC5906 Datasheet
165Kb / 5P
   Silicon NPN Epitaxial Type High-Speed Switching Applications
2SC5784 TOSHIBA-2SC5784_06 Datasheet
138Kb / 5P
   Silicon NPN Epitaxial Type High-Speed Switching Applications
2SC5703 TOSHIBA-2SC5703_06 Datasheet
137Kb / 5P
   Silicon NPN Epitaxial Type High-Speed Switching Applications
logo
KEC(Korea Electronics)
KDR322 KEC-KDR322 Datasheet
66Kb / 2P
   SILICON EPITAXIAL SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
logo
Toshiba Semiconductor
HN1D01F TOSHIBA-HN1D01F_07 Datasheet
231Kb / 4P
   Silicon Epitaxial Planar Type Ultra-High-Speed Switching Applications
logo
Panasonic Semiconductor
MA2SD30 PANASONIC-MA2SD30 Datasheet
78Kb / 3P
   Schottky Barrier Diodes Silicon epitaxial planar type For super high speed switching
logo
Toshiba Semiconductor
5FWJ2C42 TOSHIBA-5FWJ2C42 Datasheet
133Kb / 2P
   SCHOTTKY BARRIER TYPE (HIGH SPEED RECTIFIER APPLICATIONS)
3GWJ42 TOSHIBA-3GWJ42 Datasheet
168Kb / 3P
   SCHOTTKY BARRIER TYPE (HIGH SPEED RECTIFIER APPLICATIONS)
CRS01 TOSHIBA-CRS01 Datasheet
156Kb / 4P
   SCHOTTKY BARRIER TYPE (HIGH SPEED RECTIFIER APPLICATIONS)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com