Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7815CT Datasheet(PDF) 2 Page - STMicroelectronics

Part # L7815CT
Description  POSITIVE VOLTAGE REGULATORS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7815CT Datasheet(HTML) 2 Page - STMicroelectronics

  L7815CT Datasheet HTML 1Page - STMicroelectronics L7815CT Datasheet HTML 2Page - STMicroelectronics L7815CT Datasheet HTML 3Page - STMicroelectronics L7815CT Datasheet HTML 4Page - STMicroelectronics L7815CT Datasheet HTML 5Page - STMicroelectronics L7815CT Datasheet HTML 6Page - STMicroelectronics L7815CT Datasheet HTML 7Page - STMicroelectronics L7815CT Datasheet HTML 8Page - STMicroelectronics L7815CT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
L7800 SERIES
2/34
Table 1: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
Table 2: Thermal Data
Figure 2: Schematic Diagram
Symbol
Parameter
Value
Unit
VI
DC Input Voltage
for VO= 5 to 18V
35
V
for VO= 20, 24V
40
IO
Output Current
Internally Limited
Ptot
Power Dissipation
Internally Limited
Tstg
Storage Temperature Range
-65 to 150
°C
Top
Operating Junction Temperature
Range
for L7800
-55 to 150
°C
for L7800C
0 to 150
Symbol
Parameter
D2PAK
TO-220
TO-220FP TO-220FM
TO-3
Unit
Rthj-case Thermal Resistance Junction-case Max
355
54
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
Max
62.5
50
60
60
35
°C/W


Similar Part No. - L7815CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7815CT STMICROELECTRONICS-L7815CT Datasheet
1Mb / 52P
   Positive voltage regulators
L7815CT STMICROELECTRONICS-L7815CT Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Thinki Semiconductor Co...
L7815CT THINKISEMI-L7815CT Datasheet
632Kb / 5P
   THINKISEMI 1.0 AMPERE POSITIVE THREE TERMINAL REGULATOR
logo
STMicroelectronics
L7815CT STMICROELECTRONICS-L7815CT Datasheet
2Mb / 57P
   Positive voltage regulator ICs
March 2013 Rev 31
L7815CT STMICROELECTRONICS-L7815CT Datasheet
1Mb / 47P
   Positive voltage regulators
August 2006
More results

Similar Description - L7815CT

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com