Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GVT7164B18 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # GVT7164B18
Description  64K X 18 Synchronous Burst SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

GVT7164B18 Datasheet(HTML) 1 Page - Cypress Semiconductor

  GVT7164B18 Datasheet HTML 1Page - Cypress Semiconductor GVT7164B18 Datasheet HTML 2Page - Cypress Semiconductor GVT7164B18 Datasheet HTML 3Page - Cypress Semiconductor GVT7164B18 Datasheet HTML 4Page - Cypress Semiconductor GVT7164B18 Datasheet HTML 5Page - Cypress Semiconductor GVT7164B18 Datasheet HTML 6Page - Cypress Semiconductor GVT7164B18 Datasheet HTML 7Page - Cypress Semiconductor GVT7164B18 Datasheet HTML 8Page - Cypress Semiconductor GVT7164B18 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
64K X 18 Synchronous Burst SRAM
CY7C1297A/
GVT7164B18
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-05204 Rev. *A
Revised January 19, 2003
297A
Features
• Fast access times: 9 and 10 ns
• Fast clock speed: 66 and 50 MHz
• Provide high performance 2-1-1-1 access rate
•Fast OE access times: 5 and 6 ns
• Single +3.3V –5% and +10% power supply
• 5V tolerant inputs except I/Os
• Clamp diodes to VSSQ at all inputs and outputs
• Common data inputs and data outputs
• Byte Write Enable and Global Write control
• Three chip enables for depth expansion and address
pipeline
• Address, data, and control registers
• Internally self-timed Write Cycle
• Burst control pins (interleaved or linear burst
sequence)
• Automatic power-down for portable applications
• High-density, high-speed packages
• Low-capacitive bus loading
• High 30-pF output drive capability at rated access time
Functional Description
The Cypress Synchronous Burst SRAM family employs
high-speed, low-power CMOS designs using advanced
double-layer polysilicon, double-layer metal technology. Each
memory cell consists of four transistors and two high-valued
resistors.
The CY7C1297A/GVT7164B18 SRAM integrates 65536 × 18
SRAM cells with advanced synchronous peripheral circuitry
and a two-bit counter for internal burst operation. All
synchronous inputs are gated by registers controlled by a
positive-edge-triggered Clock Input (CLK). The synchronous
inputs
include
all
addresses,
all
data
inputs,
address-pipelining Chip Enable (CE), depth-expansion Chip
Enables (CE2 and CE2), Burst Control inputs (ADSC, ADSP,
and ADV), Write Enables (WEL, WEH, and BWE), and Global
Write (GW).
Asynchronous inputs include the Output Enable (OE), Burst
Mode Control (MODE), and Sleep Mode Control (ZZ). The
data outputs (DQ), enabled by OE, are also asynchronous.
Addresses and chip enables are registered with either
Address Status Processor (ADSP) or Address Status
Controller (ADSC) input pins. Subsequent burst addresses
can be internally generated as controlled by the Burst Advance
pin (ADV).
Address, data inputs, and Read controls are registered
on-chip to initiate self-timed Write cycle. Write cycles can be
one or two bytes wide as controlled by the Read control inputs.
Individual byte enables allow individual bytes to be written.
WEL
controls
DQ1–DQ8
and
DQP1.
WEH
controls
DQ9–DQ16 and DQP2. WEL and WEH can be active only with
BWE being LOW. GW being LOW causes all bytes to be
written.
The CY7C1297A/GVT7164B18 operates from a +3.3V power
supply. All inputs and outputs are TTL-compatible. The device
is ideally suited for 486, Pentium®, 680 × 0, and PowerPC™
systems and for systems that benefit from a wide synchronous
data bus.
Selection Guide
7C1297A-66
7164B18-9
7C1297A-50
7164B18-10
7C1297A1-50
7164B18-12
Unit
Maximum Access Time
9.0
10.0
10.0
ns
Maximum Operating Current
240
240
240
mA
Maximum CMOS Standby Current
2
2
2
mA


Similar Part No. - GVT7164B18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
GVT7164C18 CYPRESS-GVT7164C18 Datasheet
165Kb / 12P
   64K x 18 Synchronous Burst RAM Pipelined Output
GVT7164C18Q-5 CYPRESS-GVT7164C18Q-5 Datasheet
165Kb / 12P
   64K x 18 Synchronous Burst RAM Pipelined Output
GVT7164C18Q-6 CYPRESS-GVT7164C18Q-6 Datasheet
165Kb / 12P
   64K x 18 Synchronous Burst RAM Pipelined Output
GVT7164C18Q-7 CYPRESS-GVT7164C18Q-7 Datasheet
165Kb / 12P
   64K x 18 Synchronous Burst RAM Pipelined Output
GVT7164C18Q-8 CYPRESS-GVT7164C18Q-8 Datasheet
165Kb / 12P
   64K x 18 Synchronous Burst RAM Pipelined Output
More results

Similar Description - GVT7164B18

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS82032T ETC1-GS82032T Datasheet
760Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
GSI Technology
GS820E32AT GSI-GS820E32AT Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
GS82032AT GSI-GS82032AT Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
GS820H32AT GSI-GS820H32AT Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32T GSI-GS820H32T Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
List of Unclassifed Man...
UT6164C64A ETC-UT6164C64A Datasheet
234Kb / 15P
   64K X 64 SYNCHRONOUS PIPELINED BURST CMOS SRAM
UT6164C32 ETC-UT6164C32 Datasheet
224Kb / 15P
   64K X 32 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Cypress Semiconductor
CY7C1298A CYPRESS-CY7C1298A Datasheet
165Kb / 12P
   64K x 18 Synchronous Burst RAM Pipelined Output
logo
Alliance Semiconductor ...
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com