Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1297F Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1297F
Description  1-Mbit (64K x 18) Flow-Through Sync SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1297F Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1297F Datasheet HTML 1Page - Cypress Semiconductor CY7C1297F Datasheet HTML 2Page - Cypress Semiconductor CY7C1297F Datasheet HTML 3Page - Cypress Semiconductor CY7C1297F Datasheet HTML 4Page - Cypress Semiconductor CY7C1297F Datasheet HTML 5Page - Cypress Semiconductor CY7C1297F Datasheet HTML 6Page - Cypress Semiconductor CY7C1297F Datasheet HTML 7Page - Cypress Semiconductor CY7C1297F Datasheet HTML 8Page - Cypress Semiconductor CY7C1297F Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CY7C1297F
Document #: 38-05429 Rev. *B
Page 3 of 15
Pin Descriptions
Name
TQFP
I/O
Description
A0, A1, A
37,36,32,
33,34,35,
44,45,46,
47,48,80,
81,82,99,100
Input-
Synchronous
Address Inputs used to select one of the 64K address locations. Sampled at
the rising edge of the CLK if ADSP or ADSC is active LOW, and CE1, CE2, and CE3
are sampled active. A[1:0] feed the 2-bit counter.
BWA, BWB
93,94
Input-
Synchronous
Byte Write Select Inputs, active LOW. Qualified with BWE to conduct Byte Writes
to the SRAM. Sampled on the rising edge of CLK.
GW
88
Input-
Synchronous
Global Write Enable Input, active LOW. When asserted LOW on the rising edge
of CLK, a global Write is conducted (ALL bytes are written, regardless of the values
on BW[A:B] and BWE).
BWE
87
Input-
Synchronous
Byte Write Enable Input, active LOW. Sampled on the rising edge of CLK. This
signal must be asserted LOW to conduct a Byte Write.
CLK
89
Input-
Clock
Clock Input. Used to capture all synchronous inputs to the device. Also used to
increment the burst counter when ADV is asserted LOW, during a burst operation.
CE1
98
Input-
Synchronous
Chip Enable 1 Input, active LOW. Sampled on the rising edge of CLK. Used in
conjunction with CE2 and CE3 to select/deselect the device. ADSP is ignored if CE1
is HIGH.
CE2
97
Input-
Synchronous
Chip Enable 2 Input, active HIGH. Sampled on the rising edge of CLK. Used in
conjunction with CE1 and CE3 to select/deselect the device.
CE3
92
Input-
Synchronous
Chip Enable 3 Input, active LOW. Sampled on the rising edge of CLK. Used in
conjunction with CE1 and CE2 to select/deselect the device.
OE
86
Input-
Asynchronou
s
Output Enable, asynchronous input, active LOW. Controls the direction of the I/O
pins. When LOW, the I/O pins behave as outputs. When deasserted HIGH, I/O pins
are three-stated, and act as input data pins. OE is masked during the first clock of a
Read cycle when emerging from a deselected state.
ADV
83
Input-
Synchronous
Advance Input signal, sampled on the rising edge of CLK. When asserted, it
automatically increments the address in a burst cycle.
ADSP
84
Input-
Synchronous
Address Strobe from Processor, sampled on the rising edge of CLK, active
LOW. When asserted LOW, addresses presented to the device are captured in the
address registers. A[1:0] are also loaded into the burst counter. When ADSP and
ADSC are both asserted, only ADSP is recognized. ASDP is ignored when CE1 is
deasserted HIGH
ADSC
85
Input-
Synchronous
Address Strobe from Controller, sampled on the rising edge of CLK, active
LOW. When asserted LOW, addresses presented to the device are captured in the
address registers. A[1:0] are also loaded into the burst counter. When ADSP and
ADSC are both asserted, only ADSP is recognized.
ZZ
64
Input-
Asynchronou
s
ZZ “Sleep” Input, active HIGH. When asserted HIGH places the device in a
non-time-critical “sleep” condition with data integrity preserved. For normal opera-
tion, this pin has to be LOW or left floating. ZZ pin has an internal pull-down.
DQs
DQPA, DQPB
58,59,62,
63,68,69,
72,73,8,9,12,
13,18,19,22,
23,74,24
I/O-
Synchronous
Bidirectional Data I/O lines. As inputs, they feed into an on-chip data register that
is triggered by the rising edge of CLK. As outputs, they deliver the data contained in
the memory location specified by the addresses presented during the previous clock
rise of the Read cycle. The direction of the pins is controlled by OE. When OE is
asserted LOW, the pins behave as outputs. When HIGH, DQs and DQP[A:B] are
placed in a three-state condition.
VDD
15,41,65, 91
Power
Supply
Power supply inputs to the core of the device.
VSS
5,10,17,21,
26,40,55,60,
67,71,76,90
Ground
Ground for the device.
VDDQ
4,11,20,27,
54,61,70,77
I/O Power
Supply
Power supply for the I/O circuitry.


Similar Part No. - CY7C1297F

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1297A CYPRESS-CY7C1297A Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
CY7C1297A-50AC CYPRESS-CY7C1297A-50AC Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
CY7C1297A-66AC CYPRESS-CY7C1297A-66AC Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
CY7C1297A1-50AC CYPRESS-CY7C1297A1-50AC Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
CY7C1297H CYPRESS-CY7C1297H Datasheet
354Kb / 15P
   1-Mbit (64K x 18) Flow-Through Sync SRAM
More results

Similar Description - CY7C1297F

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1297H CYPRESS-CY7C1297H Datasheet
354Kb / 15P
   1-Mbit (64K x 18) Flow-Through Sync SRAM
CY7C1336F CYPRESS-CY7C1336F Datasheet
327Kb / 15P
   2-Mbit (64K x 32) Flow-Through Sync SRAM
CY7C1336H CYPRESS-CY7C1336H Datasheet
675Kb / 15P
   2-Mbit (64K x 32) Flow-Through Sync SRAM
CY7C1344H CYPRESS-CY7C1344H Datasheet
680Kb / 15P
   2-Mbit (64K x 36) Flow-Through Sync SRAM
CY7C1344F CYPRESS-CY7C1344F Datasheet
287Kb / 15P
   2-Mbit (64K x 36) Flow-Through Sync SRAM
CY7C1212H CYPRESS-CY7C1212H Datasheet
353Kb / 15P
   1-Mbit (64K x 18) Pipelined Sync SRAM
CY7C1212F CYPRESS-CY7C1212F Datasheet
318Kb / 15P
   1-Mbit (64K x 18) Pipelined Sync SRAM
CY7C1324H CYPRESS-CY7C1324H Datasheet
678Kb / 15P
   2-Mbit (128K x 18) Flow-Through Sync SRAM
CY7C1325G CYPRESS-CY7C1325G Datasheet
337Kb / 16P
   4-Mbit (256K x 18) Flow-Through Sync SRAM
logo
Integrated Circuit Solu...
IC61SF6432 ICSI-IC61SF6432 Datasheet
144Kb / 17P
   64K x 32 Flow Through Sync. SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com