Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE426PD6220JR06L2 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PHE426PD6220JR06L2
Description  Single metallized film pulse capacitor, polypropylene dielectric
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHE426PD6220JR06L2 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button PHE426PD6220JR06L2 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHE426PD6220JR06L2 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHE426PD6220JR06L2 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHE426PD6220JR06L2 Datasheet HTML 7Page - List of Unclassifed Manufacturers PHE426PD6220JR06L2 Datasheet HTML 8Page - List of Unclassifed Manufacturers PHE426PD6220JR06L2 Datasheet HTML 9Page - List of Unclassifed Manufacturers PHE426PD6220JR06L2 Datasheet HTML 10Page - List of Unclassifed Manufacturers PHE426PD6220JR06L2 Datasheet HTML 11Page - List of Unclassifed Manufacturers PHE426PD6220JR06L2 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
214
ARTICLE TABLE
Capaci- Max dimensions in mm
Quantity per package
Weight
Max
Rthha °C/W
Article code
tance
dU/dt
85 °C
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
g
V/µs
0.2 m/s
PHE426
400 VDC/220 VAC
LEAD SPACING 7.5 MM
0.0022
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
200
160
PHE426KK4220JR05
0.0027
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
200
160
PHE426KK4270JR05
0.0033
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
200
160
PHE426KK4330JR05
0.0039
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
200
160
PHE426KK4390JR05
0.0047
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
200
160
PHE426KK4470JR05
0.0056
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
200
160
PHE426KK4560JR05
0.0068
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
200
160
PHE426KK4680JR05
0.0082
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
200
160
PHE426KK4820JR05
0.010
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
200
160
PHE426KK5100JR05
0.012
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
200
160
PHE426KK5120JR05
0.015
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
200
160
PHE426KK5150JR05
0.018
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
200
160
PHE426KK5180JR05
0.022
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
200
160
PHE426KK5220JR05
0.027
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
200
160
PHE426KK5270JR05
0.033
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
200
160
PHE426KK5330JR05
0.039
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
200
160
PHE426KK5390JR05
0.047
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
200
160
PHE426KK5470JR05
0.056
6.0
12.0
10.5
7.5
1000
1000
1200
1.0
200
160
PHE426KK5560JR05
0.068
6.0
12.0
10.5
7.5
1000
1000
1200
1.0
200
160
PHE426KK5680JR05
LEAD SPACING 10 MM
0.022
4.0
9.0
13.0
10.0
1000
900
0.6
300
135
PHE426KA5220JR05
0.027
4.0
9.0
13.0
10.0
1000
900
0.6
300
135
PHE426KA5270JR05
0.033
4.5
10.5
13.0
10.0
1000
800
0.9
300
120
PHE426KA5330JR05
0.039
4.5
10.5
13.0
10.0
1000
800
0.9
300
120
PHE426KA5390JR05
0.047
4.5
10.5
13.0
10.0
1000
800
0.9
300
120
PHE426KA5470JR05
0.056
5.0
11.0
13.0
10.0
800
700
1.0
300
113
PHE426KA5560JR05
0.068
6.0
12.0
13.0
10.0
600
500
1.3
300
105
PHE426KA5680JR05
0.082
6.0
12.0
13.0
10.0
600
500
1.3
300
105
PHE426KA5820JR05
LEAD SPACING 15 MM
0.068
5.5
10.5
18.0
15.0
1000
600
1.5
200
99
PHE426KB5680JR06
0.082
5.5
10.5
18.0
15.0
1000
600
1.5
200
99
PHE426KB5820JR06
0.10
5.5
10.5
18.0
15.0
1000
600
1.5
200
99
PHE426KB6100JR06
0.12
5.5
12.5
18.0
15.0
1000
600
1.7
200
85
PHE426KB6120JR06
0.15
6.5
12.5
18.0
15.0
1000
500
2.0
200
84
PHE426KB6150JR06
0.18
7.5
14.5
18.0
15.0
800
400
2.7
200
74
PHE426KB6180JR06
0.22
7.5
14.5
18.0
15.0
800
400
2.7
200
74
PHE426KB6220JR06
0.27
8.0
15.0
18.0
15.0
600
400
3.0
200
71
PHE426KB6270JR06
0.33
8.5
16.0
18.0
15.0
600
400
3.4
200
64
PHE426KB6330JR06
0.39
9.5
17.5
18.0
15.0
500
350
4.2
200
60
PHE426KB6390JR06
0.47
9.5
17.5
18.0
15.0
500
350
4.2
200
60
PHE426KB6470JR06
LEAD SPACING 22.5 MM
0.18
6.5
14.5
26.0
22.5
234
3.2
150
58
PHE426KD6180JR06L2
0.22
6.5
14.5
26.0
22.5
234
3.2
150
58
PHE426KD6220JR06L2
0.27
6.5
14.5
26.0
22.5
234
3.2
150
58
PHE426KD6270JR06L2
0.33
6.5
14.5
26.0
22.5
234
3.2
150
58
PHE426KD6330JR06L2
0.39
7.0
16.5
26.0
22.5
216
3.9
150
53
PHE426KD6390JR06L2
0.47
8.0
16.0
26.0
22.5
186
4.3
150
53
PHE426KD6470JR06L2
0.56
9.0
18.5
26.0
22.5
168
5.6
150
48
PHE426KD6560JR06L2
0.68
9.0
18.5
26.0
22.5
168
5.6
150
48
PHE426KD6680JR06L2
0.82
10.5
19.0
26.0
22.5
264
6.7
150
45
PHE426KD6820JR06L2
1.0
11.0
21.5
26.0
22.5
253
8.0
150
40
PHE426KD7100JR06L2
1.2
13.5
23.0
26.0
22.5
209
8.2
150
40
PHE426KD7120JR06L2
1.5
13.5
23.0
26.0
22.5
209
8.2
150
40
PHE426KD7150JR06L2
1.8
15.5
24.5
26.0
22.5
176
10.0
150
40
PHE426KD7180JR06L2


Similar Part No. - PHE426PD6220JR06L2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE426PD6220JR06L2 KEMET-PHE426PD6220JR06L2 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
More results

Similar Description - PHE426PD6220JR06L2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
List of Unclassifed Man...
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com