Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1685Q-3+ Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1685Q-3+
Description  3V/5V Real-Time Clocks
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1685Q-3+ Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1685Q-3+ Datasheet HTML 4Page - Dallas Semiconductor DS1685Q-3+ Datasheet HTML 5Page - Dallas Semiconductor DS1685Q-3+ Datasheet HTML 6Page - Dallas Semiconductor DS1685Q-3+ Datasheet HTML 7Page - Dallas Semiconductor DS1685Q-3+ Datasheet HTML 8Page - Dallas Semiconductor DS1685Q-3+ Datasheet HTML 9Page - Dallas Semiconductor DS1685Q-3+ Datasheet HTML 10Page - Dallas Semiconductor DS1685Q-3+ Datasheet HTML 11Page - Dallas Semiconductor DS1685Q-3+ Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
DS1685/DS1687 3V/5V Real-Time Clocks
8 of 39
Table 1. Crystal Specifications*
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Nominal Frequency
fO
32.768
kHz
Series Resistance
ESR
50
kΩ
Load Capacitance
CL
6, 12.5
pF
*The crystal, traces, and crystal input pins should be isolated from RF generating signals. Refer to Application Note 58: Crystal Considerations
for Dallas Real-Time Clocks for additional specifications.
CLOCK ACCURACY
The accuracy of the clock is dependent on the accuracy of the crystal and the accuracy of the match between the
capacitive load of the oscillator circuit and the capacitive load for which the crystal was trimmed. Additional error is
added by crystal frequency drift caused by temperature shifts. External circuit noise coupled into the oscillator
circuit can result in the clock running fast. Figure 3 shows a typical PC board layout for isolation of the crystal and
oscillator from noise. Refer to Application Note 58: Crystal Considerations with Dallas Real-Time Clocks for
detailed information.
The DS1685 can also be driven by an external 32.768 kHz oscillator. In this configuration, the X1 pin is connected
to the external oscillator signal and the X2 pin is floated. Refer to Application Note 58: Crystal Considerations with
Dallas Real-Time Clocks for detailed information about crystal selection and crystal layout.
Figure 2. Oscillator Circuit Showing Internal Bias Network
Figure 3. Typical Crystal Layout
Countdown
Chain
RTC
X1
X2
Crystal
C
L1C L2
RTC
Registers
Local ground plane (Layer 2)
crystal
X1
X2
GND
NOTE: AVOID ROUTING SIGNAL LINES IN
THE CROSSHATCHED AREA (UPPER
LEFT QUADRANT) OF THE PACKAGE
UNLESS THERE IS A GROUND PLANE
BETWEEN THE SIGNAL LINE AND THE
DEVICE PACKAGE.


Similar Part No. - DS1685Q-3+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1685Q-3++ MAXIM-DS1685Q-3+ Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
DS1685Q-3+TR MAXIM-DS1685Q-3+TR Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
More results

Similar Description - DS1685Q-3+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
DS1688 MAXIM-DS1688 Datasheet
99Kb / 3P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
logo
Dallas Semiconductor
DS1689 DALLAS-DS1689_05 Datasheet
593Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS1688 DALLAS-DS1688_05 Datasheet
395Kb / 6P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS17285 DALLAS-DS17285 Datasheet
411Kb / 38P
   3V/5V Real-Time Clock
DS17485 DALLAS-DS17485 Datasheet
427Kb / 38P
   3V/5V Real-Time Clock
DS17885-DS17887 DALLAS-DS17885-DS17887 Datasheet
410Kb / 38P
   3V/5V Real-Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com